Part Number Hot Search : 
SP232 090RDA1 144864 ADG781 10027019 FCT16 LS4148 SBR40U
Product Description
Full Text Search
 

To Download FOA9400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRODUCT
Semiconductor Solutions for High Speed Communication and Fiber Optic Applications
FOA4400 16:1 MUX
Multiplexer with Clock Multiplication Unit MUX 39.8 - 43 Gbit/s, 5.5 V
BRIEF
FOA9400 1:1 FIFO
Data Synchronization FIFO 2.5 - 2.7 Gbit/s, 5.5 V
FOA5400 2:16 DEMUX
Demultiplexer DEMUX 39.8 - 43 Gbit/s, 5.5 V
FOA5401 1:2 CDR
Clock and Data Recovery with 1:2 Demultiplexer CDR 39.8 - 43 Gbit/s, 5.5 V The 40 Gbit/s transceiver chipset (MUX+FIFO and CDR+DEMUX) provide highly integrated SerDes (SERializer-DESerializer) functionality with a 1:16 ratio. The 16 times 2.5 Gbit/s data signals are multiplexed to a single serial 40 Gbit/s data stream and vice versa. The devices support datarates from 39.8 Gbit/s up to 43 Gbit/s (OC-768/STM-256) with optional FEC (Forward Error Correction). All four chips are manufactured in Infineon's leading-edge Silicon-Germanium B7HF technology enabling low power consumption. The multiplexer FOA4400, FIFO FOA9400, demultiplexer FOA5400 and CDR FOA5401 feature CML interfaces, integrated VCOs (Voltage-Controlled Oscillator) and two reference clocks (622 MHz/2.5 GHz). The FOA4400 incorporates the CMU and selectable 20 GHz and 40 GHz clock outputs, whereas optional data synchronization is provided by the FOA9400. The FOA5400 and FOA5401 integrate CDR and demultiplexing functionality with extremely high input sensitivity.
FOA4400/9400/5400/5401
CDR-DEMUX Evaluation Board Features s Supports data rates from 39.8 Gbit/s to 43 Gbit/s s Infineon's leading-edge SiGe B7HF technology s 1:16 (= 1:2 and 2:16) and 16:1 multiplexing ratio s On-chip VCO, external VCO input available s 622 MHz or 2.5 GHz reference clock s Adjustable sampling threshold and phase s Integrated pre-amplifier with high input sensitivity s Selectable 20 GHz and 40 GHz output clock s FIFO depth of 6 Bits Typical Applications s Fiber optics telecom and datacom applications s SONET/SDH OC-768/STM-256 with and without FEC Main Advantages s Data rate from 39.8 Gbit/s up to 43 Gbit/s s SiGe chipset providing complete functionality: CMU, CDR, FIFO and VCO s Single supply voltage of 5.5 V s High CDR sensitivity with adjustable sampling s On-chip VCO together with external VCO input MUX Evaluation Board
FOA4400/9400/ 5400/5401
MUX/FIFO/DEMUX/CDR 39.8 - 43 Gbit/s, 5.5 V
Never stop thinking.
PRODUCT
FOA4400 MUX Block Diagram
Data IN 16 x 2.5 Gbit/s Clock IN 2.5 GHz Clock OUT 2.5 GHz Clock OUT 622 MHz CMU & PD VCO Register Clock OUT 20 GHz Clock OUT 40 GHz Phase Adjust CDR MUX FOA4400 Data OUT 39.8-43 Gbit/s Threshold Adjust Data IN 39.8-43 Gbit/s PREAMP
BRIEF
FOA5401 CDR Block Diagram
CDR FOA5401 Data OUT 2 x 20 Gbit/s
16:1 MUX
1:2 DEMUX
Clock OUT 20 GHz VCO
VCO Extern PD Reference Clock CTRL VCO OUT 622 MHz / 2.5 GHz
PD OUT
Extern VCO VCO CTRL
FOA9400 FIFO Block Diagram
FIFO FOA9400 Data IN 16 x 2.5 Gbit/s 16:16 FIFO Data OUT 16 x 2.5 Gbit/s
FOA5400 DEMUX Block Diagram
DEMUX FOA5400 Data IN 2 x 20 Gbit/s Data OUT 16 x 2.5 Gbit/s
2:16 DEMUX
CLK IN 1.25 GHz
CLK Management
CLK OUT 2.5 GHz CLK OUT 1.25 GHz
CLK IN 20 GHz
CLK Management
CLK OUT 2.5 GHz CLK OUT 1.25 GHz
19 MHz
40 Gbit/s Chipset Overview
16 x 2.5 Gbit/s 16 x 2.5 Gbit/s Output Data Channels Input Data Channels FOA9400 1:1 FIFO (optional)
FOA4400 40 Gbit/s E 16:1 O MUX
Packing
Type MUX 16:1 FIFO 1:1 DEMUX 2:16 CDR 1:2
Sales Code FOA4400 FOA9400 FOA5400 FOA5401
Package Bare Die Bare Die Bare Die Bare Die
FOA5400 2:16 DEMUX
FOA5401 CDR & 40 Gbit/s E 1:2 O DEMUX
How to reach us: http://www.infineon.com Published by Infineon Technologies AG, St.-Martin-Strasse 53, 81541 Munchen (c) Infineon Technologies AG 2002. All Rights Reserved.
Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Representatives worldwide.
Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in lifesupport devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered. Ordering No. B168-H7899-G1-X-7600 Printed in Germany PS 1201.5 NB
Published by Infineon Technologies AG


▲Up To Search▲   

 
Price & Availability of FOA9400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X