Part Number Hot Search : 
NTXV1N S24C25 SZ2511 EPIH3D28 40HF160R 12203 BP352 IR91B
Product Description
Full Text Search
 

To Download DS87C520 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
www.maxim-ic.com
FEATURES
80C52 Compatible 8051 Pin- and Instruction-Set Compatible Four 8-Bit I/O Ports Three 16-Bit Timer/Counters 256 Bytes Scratchpad RAM Large On-Chip Memory 16kB Program Memory 1kB Extra On-Chip SRAM for MOVX ROMSIZE Feature Selects Internal ROM Size from 0 to 16kB Allows Access to Entire External Memory Map Dynamically Adjustable by Software Useful as Boot Block for External Flash High-Speed Architecture
PIN CONFIGURATIONS
TOP VIEW
4 Clocks/Machine Cycle (8051 = 12) Runs DC to 33MHz Clock Rates
Single-Cycle Instruction in 121ns Dual Data Pointer Optional Variable Length MOVX to Access Fast/Slow RAM/Peripherals Power Management Mode Programmable Clock Source to Save Power CPU Runs from (crystal/64) or (crystal/1024) Provides Automatic Hardware and Software Exit EMI Reduction Mode Disables ALE Two Full-Duplex Hardware Serial Ports High Integration Controller Includes: Power-Fail Reset Early-Warning Power-Fail Interrupt Programmable Watchdog Timer 13 Interrupt Sources with Six External Available in 40-pin PDIP, 44-Pin PLCC, 44-Pin TQFP, and 40-Pin Windowed CERDIP Factory Mask DS83C520 or EPROM (OTP) DS87C520
The High-Speed Microcontroller User's Guide must be used in conjunction with this data sheet. Download it at: www.maxim-ic.com/microcontrollers.
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
1 of 1
REV: 091605
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
ORDERING INFORMATION
PART DS87C520-MCL DS87C520+MCL DS87C520-QCL DS87C520+QCL DS87C520-ECL DS87C520+ECL DS87C520-MNL DS87C520+MNL DS87C520-QNL DS87C520+QNL DS87C520-ENL DS87C520+ENL DS87C520-WCL* DS83C520-MCL DS83C520+MCL DS83C520-QCL DS83C520+QCL DS83C520-ECL DS83C520+ECL DS83C520-MNL DS83C520+MNL DS83C520-QNL DS83C520+QNL DS83C520-ENL DS83C520+ENL TEMP RANGE 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C MAX CLOCK SPEED (MHz) 33 33 33 33 33 33 33 33 33 33 33 33 33 33 33 33 33 33 33 33 33 33 33 33 33 PIN-PACKAGE 40 Plastic DIP 40 Plastic DIP 44 PLCC 44 PLCC 44 TQFP 44 TQFP 40 Plastic DIP 40 Plastic DIP 44 PLCC 44 PLCC 44 TQFP 44 TQFP 40 Windowed CERDIP 40 Plastic DIP 40 Plastic DIP 44 PLCC 44 PLCC 44 TQFP 44 TQFP 40 Plastic DIP 40 Plastic DIP 44 PLCC 44 PLCC 44 TQFP 44 TQFP
+ Denotes a Pb-free/RoHS-compliant device. * The windowed ceramic DIP package is intrinsically Pb free.
2 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
DESCRIPTION
The DS87C520/DS83C520 EPROM/ROM high-speed microcontrollers are fast 8051-compatible microcontrollers. They feature a redesigned processor core without wasted clock and memory cycles. As a result, the devices execute every 8051 instruction between 1.5 and 3 times faster than the original for the same crystal speed. Typical applications will see a speed improvement of 2.5 times using the same code and the same crystal. The DS87C520/DS83C520 offer a maximum crystal speed of 33MHz, resulting in apparent execution speeds of 82.5MHz (approximately 2.5X). The DS87C520/DS83C520 are pin compatible with all three packages of the standard 8051, and include standard resources such as three timer/counters, serial port, and four 8-bit I/O ports. They feature 16kB of EPROM or mask ROM with an extra 1kB of data RAM. Both OTP and windowed packages are available. Besides greater speed, the microcontroller includes a second full hardware serial port, seven additional interrupts, programmable Watchdog Timer, Brownout Monitor, and Power-Fail Reset. The device also provides dual data pointers (DPTRs) to speed block data memory moves. It also can adjust the speed of MOVX data memory access from two to nine machine cycles for flexibility in selecting external memory and peripherals. A new Power Management Mode (PMM) is useful for portable applications. This feature allows software to select a lower speed clock as the main time base. While normal operation has a machine cycle rate of 4 clocks per cycle, the PMM runs the processor at 64 or 1024 clocks per cycle. For example, at 12MHz, standard operation has a machine cycle rate of 3MHz. In Power Management Mode, software can select either 187.5kHz or 11.7kHz machine cycle rate. There is a corresponding reduction in power consumption when the processor runs slower. The EMI reduction feature allows software to select a reduced emission mode. This disables the ALE signal when it is unneeded. The DS83C520 is a factory mask ROM version of the DS87C520 designed for high-volume, costsensitive applications. It is identical in all respects to the DS87C520, except that the 16kB of EPROM is replaced by a user-supplied application program. All references to features of the DS87C520 will apply to the DS83C520, with the exception of EPROM-specific features where noted. Please contact your local Dallas Semiconductor sales representative for ordering information.
3 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
Figure 1. Block Diagram
DS87C520/ DS83C520
PIN DESCRIPTION
DIP 40 20 PIN PLCC 44 1, 22, 23 TQFP 38 16, 17, 39 NAME VCC GND FUNCTION Positive Supply Voltage. +5V Digital Circuit Ground Reset Input. The RST input pin contains a Schmitt voltage input to recognize external active high Reset inputs. The pin also employs an internal pulldown resistor to allow for a combination of wired OR external reset sources. An RC is not required for power-up, as the device provides this function internally. Crystal Oscillator Pins. XTAL1 and XTAL2 provide support for parallel-resonant, AT-cut crystals. XTAL1 acts also as an input if there is an external clock source in place of a crystal. XTAL2 serves as the output of the crystal amplifier. Program Store-Enable Output. This active-low signal is commonly connected to optional external ROM memory as a chip enable. PSEN provides an active-low pulse and is driven high when external ROM is not being accessed.
9
10
4
RST
18 19
20 21
14 15
XTAL2 XTAL1
29
32
26
PSEN
4 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
PIN DESCRIPTION (continued)
DIP PIN PLCC TQFP NAME FUNCTION Address Latch Enable Output. The ALE functions as a clock to latch the external address LSB from the multiplexed address/data bus on Port 0. This signal is commonly connected to the latch enable of an external 373 family transparent latch. ALE has a pulse width of 1.5 XTAL1 cycles and a period of four XTAL1 cycles. ALE is forced high when the DS87C520/DS83C520 are in a reset condition. ALE can also be disabled and forced high by writing ALEOFF = 1 (PMR.2). ALE operates independently of ALEOFF during external memory accesses. Port 0 (AD0-7), I/O. Port 0 is an open-drain, 8-bit, bidirectional I/O port. As an alternate function Port 0 can function as the multiplexed address/data bus to access off-chip memory. During the time when ALE is high, the LSB of a memory address is presented. When ALE falls to a logic 0, the port transitions to a bidirectional data bus. This bus is used to read external ROM and read/write external RAM memory or peripherals. When used as a memory bus, the port provides active high drivers. The reset condition of Port 0 is tri-state. Pullup resistors are required when using Port 0 as an I/O port. Port 1, I/O. Port 1 functions as both an 8-bit, bidirectional I/O port and an alternate functional interface for Timer 2 I/O, new External Interrupts, and new Serial Port 1. The reset condition of Port 1 is with all bits at a logic 1. In this state, a weak pullup holds the port high. This condition also serves as an input state; a weak pullup holds the port high. This condition also serves as an input mode, since any external circuit that writes to the port will overcome the weak pullup. When software writes a 0 to any port pin, the DS87C520/DS83C520 will activate a strong pulldown that remains on until either a 1 is written or a reset occurs. Writing a 1 after the port has been at 0 will cause a strong transition driver to turn on, followed by a weaker sustaining pullup. Once the momentary strong driver turns off, the port again becomes the output high (and input) state. The alternate modes of Port 1 are out-lines as follows. Port P1.0 P1.1 P1.2 P1.3 P1.4 P1.5 P1.6 P1.7 Alternate T2 T2EX RXD1 TXD1 INT2 INT3 INT4 INT5 Function External I/O for Timer/Counter 2 EX Timer/Counter 2 Capture/Reload Trigger Serial Port 1 Input Serial Port 1 Output External Interrupt 2 (Positive Edge Detect) External Interrupt 3 (Negative Edge Detect) External Interrupt 4 (Positive Edge Detect) External Interrupt 5 (Negative Edge Detect)
30
33
27
ALE
39 38 37 36 35 34 33 32 1 2 3 4 5 6 7 8
43 42 41 40 39 38 37 36 2 3 4 5 6 7 8 9
37 36 35 34 33 32 31 30 40 41 42 43 44 1 2 3
P0.0 (AD0) P0.1 (AD1) P0.2 (AD2) P0.3 (AD3) P0.4 (AD4) P0.5 (AD5) P0.6 (AD6) P0.7 (AD7) P1.0 P1.1 P1.2 P1.3 P1.4 P1.5 P1.6 P1.7
5 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
PIN DESCRIPTION (continued)
DIP 21 22 23 24 25 26 27 28 10 PIN PLCC 24 25 26 27 28 29 30 31 11 TQFP 18 19 20 21 22 23 24 25 5 NAME P2.0 (A8) P2.1 (A9) P2.2 (A10) P2.3 (A11) P2.4 (A12) P2.5 (A13) P2.6 (A14) P2.7 (A15) P3.0 FUNCTION Port 2 (A8-15), I/O. Port 2 is a bidirectional I/O port. The reset condition of Port 2 is logic high. In this state, a weak pullup holds the port high. This condition also serves as an input mode, since any external circuit that writes to the port will overcome the weak pullup. When software writes a 0 to any port pin, the DS87C520/DS83C520 will activate a strong pulldown that remains on until either a 1 is written or a reset occurs. Writing a 1 after the port has been at 0 will cause a strong transition driver to turn on, followed by a weaker sustaining pullup. Once the momentary strong driver turns off, the port again becomes both the output high and input state. As an alternate function Port 2 can function as MSB of the external address bus. This bus can be used to read external ROM and read/write external RAM memory or peripherals. Port 3, I/O. Port 3 functions as both an 8-bit, bidirectional I/O port and an alternate functional interface for External Interrupts, Serial Port 0, Timer 0 and 1 Inputs, and RD and WR strobes. The reset condition of Port 3 is with all bits at a logic 1. In this state, a weak pullup holds the port high. This condition also serves as an input mode, since any external circuit that writes to the port will overcome the weak pullup. When software writes a 0 to any port pin, the DS87C520/DS83C520 will activate a strong pulldown that remains on until either a 1 is written or a reset occurs. Writing a 1 after the port has been at 0 will cause a strong transition driver to turn on, followed by a weaker sustaining pullup. Once the momentary strong driver turns off, the port again becomes both the output high and input state. The alternate modes of Port 3 are outlined below. Port P3.0 P3.1 P3.2 P3.3 P3.4 P3.5 P3.6 P3.7 Alternate RXD0 TXD0 INT0 INT1 T0 T1 WR RD Mode Serial Port 0 Input Serial Port 0 Output External Interrupt 0 External Interrupt 1 Timer 0 External Input Timer 1 External Input External Data Memory Write Strobe External Data Memory Read Strobe
11
13
7
P3.1
12
14
8
P3.2
13
15
9
P3.3
14
16
10
P3.4
15
17
11
P3.5
16
18
12
P3.6
17
19
13
P3.7
31
35
29
EA
--
12, 34
6, 28
N.C.
External Access Input, Active Low. Connect to ground to force the DS87C520/DS83C520 to use an external ROM. The internal RAM is still accessible as determined by register settings. Connect EA to VCC to use internal ROM. Not Connected. These pins should not be connected. They are reserved for use with future devices in this family.
6 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
COMPATIBILITY
The DS87C520/DS83C520 are fully static CMOS 8051-compatible microcontrollers designed for high performance. In most cases, the DS87C520/DS83C520 can drop into an existing socket for the 8xc51 family to improve the operation significantly. While remaining familiar to 8051 family users, the devices have many new features. In general, software written for existing 8051-based systems works without modification on the DS87C520/DS83C520. The exception is critical timing since the high-speed microcontrollers performs instructions much faster than the original for any given crystal selection. The DS87C520/DS83C520 run the standard 8051 family instruction set and are pin compatible with DIP, PLCC, or TQFP packages. The DS87C520/DS83C520 provide three 16-bit timer/counters, full-duplex serial port (2), 256 bytes of direct RAM plus 1kB of extra MOVX RAM. I/O ports have the same operation as a standard 8051 product. Timers will default to a 12-clock per cycle operation to keep their timing compatible with original 8051 family systems. However, timers are individually programmable to run at the new four clocks per cycle if desired. The PCA is not supported. The DS87C520/DS83C520 provide several new hardware features implemented by new special function registers. A summary of these SFRs is provided below.
PERFORMANCE OVERVIEW
The DS87C520/DS83C520 feature a high-speed 8051-compatible core. Higher speed comes not just from increasing the clock frequency but also from a newer, more efficient design. This updated core does not have the dummy memory cycles that are present in a standard 8051. A conventional 8051 generates machine cycles using the clock frequency divided by 12. In the DS87C520/DS83C520, the same machine cycle takes 4 clocks. Thus the fastest instruction, 1 machine cycle, executes three times faster for the same crystal frequency. Note that these are identical instructions. The majority of instructions on the DS87C520/DS83C520 will see the full 3-to-1 speed improvement. Some instructions will get between 1.5 and 2.4 to 1 improvement. All instructions are faster than the original 8051. The numerical average of all opcodes gives approximately a 2.5 to 1 speed improvement. Improvement of individual programs will depend on the actual instructions used. Speed-sensitive applications would make the most use of instructions that are three times faster. However, the sheer number of 3 to 1 improved opcodes makes dramatic speed improvements likely for any code. These architecture improvements produce a peak instruction cycle in 121ns (8.25 MIPs). The Dual Data Pointer feature also allows the user to eliminate wasted instructions when moving blocks of memory.
INSTRUCTION SET SUMMARY
All instructions perform the same functions as their 8051 counterparts. Their effect on bits, flags, and other status functions is identical. However, the timing of each instruction is different. This applies both in absolute and relative number of clocks. For absolute timing of real-time events, the timing of software loops can be calculated using a table in the High-Speed Microcontroller User's Guide. However, counter/timers default to run at the older 12 clocks per increment. In this way, timer-based events occur at the standard intervals with software executing at higher speed. Timers optionally can run at 4 clocks per increment to take advantage of faster processor operation.
7 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
The relative time of two instructions might be different in the new architecture than it was previously. For example, in the original architecture, the "MOVX A, @DPTR" instruction and the "MOV direct, direct" instruction used two machine cycles or 24 oscillator cycles. Therefore, they required the same amount of time. In the DS87C520/DS83C520, the MOVX instruction takes as little as two machine cycles or eight oscillator cycles but the "MOV direct, direct" uses three machine cycles or 12 oscillator cycles. While both are faster than their original counterparts, they now have different execution times. This is because the DS87C520/DS83C520 usually use one instruction cycle for each instruction byte. The user concerned with precise program timing should examine the timing of each instruction for familiarity with the changes. Note that a machine cycle now requires just 4 clocks, and provides one ALE pulse per cycle. Many instructions require only one cycle, but some require five. In the original architecture, all were one or two cycles except for MUL and DIV. Refer to the High-Speed Microcontroller User's Guide for details and individual instruction timing.
SPECIAL FUNCTION REGISTERS
Special Function Registers (SFRs) control most special features of the DS87C520/DS83C520. This allows the DS87C520/DS83C520 to have many new features but use the same instruction set as the 8051. When writing software to use a new feature, an equate statement defines the SFR to an assembler or compiler. This is the only change needed to access the new function. The DS87C520/DS83C520 duplicate the SFRs contained in the standard 80C52. Table 1 shows the register addresses and bit locations. The High-Speed Microcontroller User's Guide describes all SFRs.
8 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
Table 1. Special Function Register Locations
REGISTER P0 SP DPL DPH DPL1 DPH1 DPS PCON TCON TMOD TL0 TL1 TH0 TH1 CKCON PORT1 EXIF SCON0 SBUF0 P2 IE SADDR0 SADDR1 P3 IP SADEN0 SADEN1 SCON1 SBUF1 ROMSIZE PMR STATUS TA T2CON T2MOD RCAP2L RCAP2H TL2 TH2 PSW WDCON ACC EIE B EIP BIT 7
P0.7
BIT 6
P0.6
BIT 5
P0.5
BIT 4
P0.4
BIT 3
P0.3
BIT 2
P0.2
BIT 1
P0.1
BIT 0
P0.0
ADDRESS
80h 81h 82h 83h 84h 85h 86h 87h 88h 89h 8Ah 8Bh 8Ch 8Dh 8Eh 90h 91h 98h 99h A0h A8h A9h AAh B0h B8h B9h BAh C0h C1h C2h C4h C5h C7h C8h C9h CAh CBh CCh CDh D0h D8h E0h E8h F0h F8h
0 SMOD_0 TF1 GATE
0 SMOD0 TR1 C/T
0 -- TF0 M1
0 -- TR0 M0
0 GF1 IE1 GATE
0 GF0 IT1 C/T
0 STOP IE0 M1
SEL IDLE IT0 M0
WD1 P1.7 IE5 SM0/FE_0 P2.7 EA
WD0 P1.6 IE4 SM1_0 P2.6 ES1
T2M P1.5 IE3 SM2_0 P2.5 ET2
T1M P1.4 IE REN_0 P2.4 ES0
T0M P1.3 XT/RG TB8_0 P2.3 ET1
MD2 P1.2 RGMD RB8_0 P2.2 EX1
MD1 P1.1 RGSL TI_0 P2.1 ET0
MD0 P1.0 BGS RI_0 P2.0 EX0
P3.7 --
P3.6 PS1
P3.5 PT2
P3.4 PS0
P3.3 PT1
P3.2 PX1
P3.1 PT0
P3.0 PX0
SM0/FE_1 SB7 -- CD1 PIP TF2 --
SM1_1 SB6 -- CD0 HIP EXF2 --
SM2_1 SB5 -- SWB LIP RCLK --
REN_1 SB4 -- -- XTUP TCLK --
TB8_1 SB3 -- XTOFF SPTA1 EXEN2 --
RB8_1 SB2 RMS2 ALEOFF SPTA1 TR2 --
TI_1 SB1 RMS1 DME1 SPTA0 C/T2 T2OE
R1_1 SB0 RMS0 DME0 SPRA0 C/RL2 DCEN
CY SMOD_1 -- --
AC POR -- --
F0 EPFI -- --
RS1 PFI EWDI PWDI
RS0 WDIF EX5 PX5
OV WTRF EX4 PX4
FL EWT EX3 PX3
P RWT EX2 PX2
Note: New functions are in bold.
9 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
MEMORY RESOURCES
Like the 8051, the DS87C520/DS83C520 use three memory areas. The total memory configuration of the DS87C520/DS83C520 is 16kB of ROM, 1kB of data SRAM and 256 bytes of scratchpad or direct RAM. The 1kB of data space SRAM is read/write accessible and is memory mapped. This on-chip SRAM is reached by the MOVX instruction. It is not used for executable memory. The scratchpad area is 256 bytes of register mapped RAM and is identical to the RAM found on the 80C52. There is no conflict or overlap among the 256 bytes and the 1kB as they use different addressing modes and separate instructions.
OPERATIONAL CONSIDERATION
The erasure window of the windowed CERDIP should be covered without regard to the programmed/unprogrammed state of the EPROM. Otherwise, the device may not meet the AC and DC parameters listed in the data sheet.
PROGRAM MEMORY ACCESS
On-chip ROM begins at address 0000h and is contiguous through 3FFFh (16kB). Exceeding the maximum address of on-chip ROM will cause the device to access off-chip memory. However, the maximum on-chip decoded address is selectable by software using the ROMSIZE feature. Software can cause the DS87C520/DS83C520 to behave like a device with less on-chip memory. This is beneficial when overlapping external memory, such as Flash, is used. The maximum memory size is dynamically variable. Thus a portion of memory can be removed from the memory map to access off-chip memory, and then restored to access on-chip memory. In fact, all of the on-chip memory can be removed from the memory map allowing the full 64kB memory space to be addressed from off-chip memory. ROM addresses that are larger than the selected maximum are automatically fetched from outside the part via Ports 0 and 2. A depiction of the ROM memory map is shown in Figure 2. The ROMSIZE register is used to select the maximum on-chip decoded address for ROM. Bits RMS2, RMS1, RMS0 have the following effect.
RMS2 0 0 0 0 1 1 1 1 RMS1 0 0 1 1 0 0 1 1 RMS0 0 1 0 1 0 1 0 1 MAXIMUM ON-CHIP ROM ADDRESS 0kB 1kB/03FFh 2kB/07FFh 4kB/0FFFh 8kB/1FFFh 16kB (default)/3FFFh Invalid--reserved Invalid--reserved
The reset default condition is a maximum on-chip ROM address of 16kB. Thus no action is required if this feature is not used. When accessing external program memory, the first 16kB would be inaccessible. To select a smaller effective ROM size, software must alter bits RMS2-RMS0. Altering these bits requires a Timed-Access procedure as explained later. Care should be taken so that changing the ROMSIZE register does not corrupt program execution. For example, assume that the DS87C520/DS83C520 are executing instructions from internal program memory near the 12kB boundary (~3000h) and that the ROMSIZE register is currently configured for a 16kB internal program space. If software reconfigures the ROMSIZE register to 4kB (0000h-0FFFh) in the current state, the device will immediately jump to external program execution because program code
10 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
from 4kB to 16kB (1000h-3FFFh) is no longer located on-chip. This could result in code misalignment and execution of an invalid instruction. The recommended method is to modify the ROMSIZE register from a location in memory that will be internal (or external) both before and after the operation. In the above example, the instruction which modifies the ROMSIZE register should be located below the 4kB (1000h) boundary, so that it will be unaffected by the memory modification. The same precaution should be applied if the internal program memory size is modified while executing from external program memory. Off-chip memory is accessed using the multiplexed address/data bus on P0 and the MSB address on P2. While serving as a memory bus, these pins are not I/O ports. This convention follows the standard 8051 method of expanding on-chip memory. Off-chip ROM access also occurs if the EA pin is a logic 0. EA overrides all bit settings. The PSEN signal goes active (low) to serve as a chip enable or output enable when Ports 0 and 2 fetch from external ROM. Figure 2. ROM Memory Map
ROM SIZE ADJUSTABLE DEFAULT = 16kB ROM SIZE IGNORED
DATA MEMORY ACCESS
Unlike many 8051 derivatives, the DS87C520/DS83C520 contain on-chip data memory. They also contain the standard 256 bytes of RAM accessed by direct instructions. These areas are separate. The MOVX instruction accesses the on-chip data memory. Although physically on-chip, software treats this area as though it was located off-chip. The 1kB of SRAM is between address 0000h and 03FFh. Access to the on-chip data RAM is optional under software control. When enabled by software, the data SRAM is between 0000h and 03FFh. Any MOVX instruction that uses this area will go to the on-chip RAM while enabled. MOVX addresses greater than 03FFh automatically go to external memory through Ports 0 and 2.
11 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
When disabled, the 1kB memory area is transparent to the system memory map. Any MOVX directed to the space between 0000h and FFFFh goes to the expanded bus on Ports 0 and 2. This also is the default condition. This default allows the DS87C520/DS83C520 to drop into an existing system that uses these addresses for other hardware and still have full compatibility. The on-chip data area is software selectable using 2 bits in the Power Management Register at location C4h. This selection is dynamically programmable. Thus access to the on-chip area becomes transparent to reach off-chip devices at the same addresses. The control bits are DME1 (PMR.1) and DME0 (PMR.0). They have the following operation: Table 2. Data Memory Access Control
DME1 0 0 1 DME0 0 1 0 DATA MEMORY ADDRESS 0000h-FFFFh 0000h-03FFh 0400h-FFFFh Reserved 0000h-03FFh 0400h-FFFBh FFFCh FFFDh-FFFFh MEMORY FUNCTION External data memory (default condition) Internal SRAM data memory External data memory Reserved Internal SRAM data memory Reserved--no external access Read access to the status of lock bits Reserved--no external access
1
1
Notes on the status byte read at FFFCh with DME1, 0 = 1, 1: Bits 2-0 reflect the programmed status of the security lock bits LB2-LB0. They are individually set to a logic 1 to correspond to a security lock bit that has been programmed. These status bits allow software to verify that the part has been locked before running if desired. The bits are read only. Note: After internal MOVX SRAM has been initialized, changing the DME0/1 bits has no effect on the contents of the SRAM.
STRETCH MEMORY CYCLE
The DS87C520/DS83C520 allow software to adjust the speed of off-chip data memory access. The microcontrollers can perform the MOVX in as few as two instruction cycles. The on-chip SRAM uses this speed and any MOVX instruction directed internally uses two cycles. However, the time can be stretched for interface to external devices. This allows access to both fast memory and slow memory or peripherals with no glue logic. Even in high-speed systems, it may not be necessary or desirable to perform off-chip data memory access at full speed. In addition, there are a variety of memory-mapped peripherals such as LCDs or UARTs that are slow. The Stretch MOVX is controlled by the Clock Control Register at SFR location 8Eh as described below. It allows the user to select a Stretch value between 0 and 7. A Stretch of 0 will result in a two-machine cycle MOVX. A Stretch of 7 will result in a MOVX of nine machine cycles. Software can dynamically change this value depending on the particular memory or peripheral. On reset, the Stretch value will default to a 1, resulting in a three-cycle MOVX for any external access. Therefore, off-chip RAM access is not at full speed. This is a convenience to existing designs that may not have fast RAM in place. Internal SRAM access is always at full speed regardless of the Stretch
12 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
setting. When desiring maximum speed, software should select a Stretch value of 0. When using very slow RAM or peripherals, select a larger Stretch value. Note that this affects data memory only and the only way to slow program memory (ROM) access is to use a slower crystal. Using a Stretch value between 1 and 7 causes the microcontroller to stretch the read/write strobe and all related timing. Also, setup and hold times are increased by 1 clock when using any Stretch greater than 0. This results in a wider read/write strobe and relaxed interface timing, allowing more time for memory/peripherals to respond. The timing of the variable speed MOVX is in the Electrical Specifications section. Table 3 shows the resulting strobe widths for each Stretch value. The memory Stretch uses the Clock Control Special Function Register at SFR location 8Eh. The Stretch value is selected using bits CKCON.2-0. In the table, these bits are referred to as M2 through M0. The first Stretch (default) allows the use of common 120ns RAMs without dramatically lengthening the memory access. Table 3. Data Memory Cycle Stretch Values
CKCON.2-0 M2 0 0 0 0 1 1 1 1 M1 0 0 1 1 0 0 1 1 M0 0 1 0 1 0 1 0 1 MEMORY CYCLES 2 (forced internal) 3 (default external) 4 5 6 7 8 9 RD OR WR STROBE WIDTH IN CLOCKS 2 4 8 12 16 20 24 28 STROBE WIDTH TIME at 33MHz (ns) 60 121 242 364 485 606 727 848
DUAL DATA POINTER
The timing of block moves of data memory is faster using the Dual Data Pointer (DPTR). The standard 8051 DPTR is a 16-bit value that is used to address off-chip data RAM or peripherals. In the DS87C520/DS83C520, this data pointer is called DPTR0, located at SFR addresses 82h and 83h. These are the original locations. Using DPTR requires no modification of standard code. The new DPTR at SFR 84h and 85h is called DPTR1. The DPTR Select bit (DPS) chooses the active pointer. Its location is the lsb of the SFR location 86h. No other bits in register 86h have any effect and are 0. The user switches between data pointers by toggling the lsb of register 86h. The increment (INC) instruction is the fastest way to accomplish this. All DPTR-related instructions use the currently selected DPTR for any activity. Therefore it takes only one instruction to switch from a source to a destination address. Using the Dual Data Pointer saves code from needing to save source and destination addresses when doing a block move. The software simply switches between DPTR0 and 1 once software loads them. The relevant register locations are as follows: DPL DPH DPL1 DPH1 DPS 82h 83h 84h 85h 86h Low byte original DPTR High byte original DPTR Low byte new DPTR High byte new DPTR DPTR Select (lsb)
13 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
POWER MANAGEMENT
Along with the standard Idle and power down (Stop) modes of the standard 80C52, the DS87C520/DS83C520 provide a new Power Management Mode. This mode allows the processor to continue functioning, yet to save power compared with full operation. The DS87C520/DS83C520 also feature several enhancements to Stop mode that make it more useful.
POWER MANAGEMENT MODE (PMM)
Power Management Mode offers a complete scheme of reduced internal clock speeds that allow the CPU to run software but to use substantially less power. During default operation, the DS87C520/DS83C520 use four clocks per machine cycle. Thus the instruction cycle rate is Clock/4. At 33MHz crystal speed, the instruction cycle speed is 8.25MHz (33/4). In PMM, the microcontroller continues to operate but uses an internally divided version of the clock source. This creates a lower power state without external components. It offers a choice of two reduced instruction cycle speeds (and two clock sources - discussed below). The speeds are (Clock/64) and (Clock/1024). Software is the only mechanism to invoke the PMM. Table 4 illustrates the instruction cycle rate in PMM for several common crystal frequencies. Since power consumption is a direct function of operating speed, PMM 1 eliminates most of the power consumption while still allowing a reasonable speed of processing. PMM 2 runs very slow and provides the lowest power consumption without stopping the CPU. This is illustrated in Table 5. Note that PMM provides a lower power condition than Idle mode. This is because in Idle mode, all clocked functions such as timers run at a rate of crystal divided by 4. Since wake-up from PMM is as fast as or faster than from Idle, and PMM allows the CPU to operate (even if doing NOPs), there is little reason to use Idle mode in new designs. Table 4. Machine Cycle Rate
CRYSTAL SPEED (MHz) 11.0592 16 25 33 FULL OPERATION (4 CLOCKS) (MHz) 2.765 4.00 6.25 8.25 PMM1 (64 CLOCKS) (kHz) 172.8 250.0 390.6 515.6 PMM2 (1024 CLOCKS) (kHz) 10.8 15.6 24.4 32.2
Table 5. Typical Operating Current in PMM
CRYSTAL SPEED (MHz) 11.0592 16 25 33 FULL OPERATION (4 CLOCKS) (mA) 13.1 17.2 25.7 32.8 PMM1 (64 CLOCKS) (mA) 5.3 6.4 8.1 9.8 PMM2 (1024 CLOCKS) (mA) 4.8 5.6 7.0 8.2
14 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
CRYSTAL-LESS PMM
A major component of power consumption in PMM is the crystal amplifier circuit. The DS87C520/DS83C520 allow the user to switch CPU operation to an internal ring oscillator and turn off the crystal amplifier. The CPU would then have a clock source of approximately 2MHz to 4MHz, divided by either 4, 64, or 1024. The ring is not accurate, so software cannot perform precision timing. However, this mode allows an additional saving of between 0.5mA and 6.0mA, depending on the actual crystal frequency. While this saving is of little use when running at 4 clocks per instruction cycle, it makes a major contribution when running in PMM1 or PMM2.
PMM OPERATION
Software invokes the PMM by setting the appropriate bits in the SFR area. The basic choices are divider speed and clock source. There are three speeds (4, 64, and 1024) and two clock sources (crystal and ring). Both the decisions and the controls are separate. Software will typically select the clock speed first. Then, it will perform the switch to ring operation if desired. Lastly, software can disable the crystal amplifier if desired. There are two ways of exiting PMM. Software can remove the condition by reversing the procedure that invoked PMM or hardware can (optionally) remove it. To resume operation at a divide-by-4 rate under software control, simply select 4 clocks per cycle, then crystal-based operation if relevant. When disabling the crystal as the time base in favor of the ring oscillator, there are timing restrictions associated with restarting the crystal operation. Details are described below. There are three registers containing bits that are concerned with PMM functions. They are Power Management Register (PMR; C4h), Status (STATUS; C5h), and External Interrupt Flag (EXIF; 91h).
Clock Divider
Software can select the instruction cycle rate by selecting bits CD1 (PMR.7) and CD0 (PMR.6) as follows: CD1 0 0 1 1 CD0 0 1 0 1 CYCLE RATE Reserved 4 clocks (default) 64 clocks 1024 clocks
The selection of instruction cycle rate will take effect after a delay of one instruction cycle. Note that the clock divider choice applies to all functions including timers. Since baud rates are altered, it will be difficult to conduct serial communication while in PMM. There are minor restrictions on accessing the clock selection bits. The processor must be running in a 4-clock state to select either 64 (PMM1) or 1024 (PMM2) clocks. This means software cannot go directly from PMM1 to PMM2 or visa versa. It must return to a 4-clock rate first.
15 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
Switchback
To return to a 4-clock rate from PMM, software can simply select the CD1 and CD0 clock control bits to the 4 clocks per cycle state. However, the DS87C520/DS83C520 provide several hardware alternatives for automatic Switchback. If Switchback is enabled, then the device will automatically return to a 4-clock per cycle speed when an interrupt occurs from an enabled, valid external interrupt source. A Switchback will also occur when a UART detects the beginning of a serial start bit if the serial receiver is enabled (REN = 1). Note the beginning of a start bit does not generate an interrupt; this occurs on reception of a complete serial word. The automatic Switchback on detection of a start bit allows hardware to correct baud rates in time for a proper serial reception. A switchback will also occur when a byte is written to SBUF0 or SBUF1 for transmission. Switchback is enabled by setting the SWB bit (PMR.5) to a 1 in software. For an external interrupt, Switchback will occur only if the interrupt source could really generate the interrupt. For example, if INT0 is enabled but has a low priority setting, then Switchback will not occur on INT0 if the CPU is servicing a high priority interrupt.
Status
Information in the Status register assists decisions about switching into PMM. This register contains information about the level of active interrupts and the activity on the serial ports. The DS87C520/DS83C520 support three levels of interrupt priority. These levels are Power-fail, High, and Low. Bits STATUS.7-5 indicate the service status of each level. If PIP (Power-fail Interrupt Priority; STATUS. 7) is a 1, then the processor is servicing this level. If either HIP (High Interrupt Priority; STATUS.6) or LIP (Low Interrupt Priority; STATUS.5) is high, then the corresponding level is in service. Software should not rely on a lower priority level interrupt source to remove PMM (Switchback) when a higher level is in service. Check the current priority service level before entering PMM. If the current service level locks out a desired Switchback source, then it would be advisable to wait until this condition clears before entering PMM. Alternately, software can prevent an undesired exit from PMM by entering a low priority interrupt service level before entering PMM. This will prevent other low priority interrupts from causing a Switchback. Status also contains information about the state of the serial ports. Serial Port 0 Receive Activity (SPRA0;STATUS.0) indicates a serial word is being received on Serial Port 0 when this bit is set to a 1. Serial Port 0 Transmit Activity (SPTA0; STATUS.1) indicates that the serial port is still shifting out a serial transmission. STATUS.2 and STATUS.3 provide the same information for Serial Port 1, respectively. These bits should be interrogated before entering PMM1 or PMM2 to ensure that no serial port operations are in progress. Changing the clock divisor rate during a serial transmission or reception will corrupt the operation.
16 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
Crystal/Ring Operation
The DS87C520/DS83C520 allow software to choose the clock source as an independent selection from the instruction cycle rate. The user can select crystal-based or ring oscillator-based operation under software control. Power-on reset default is the crystal (or external clock) source. The ring may save power depending on the actual crystal speed. To save still more power, software can then disable the crystal amplifier. This process requires two steps. Reversing the process also requires two steps. The XT/ RG bit (EXIF.3) selects the crystal or ring as the clock source. Setting XT/ RG = 1 selects the crystal. Setting XT/ RG = 0 selects the ring. The RGMD (EXIF.2) bit serves as a status bit by indicating the active clock source. RGMD = 0 indicates the CPU is running from the crystal. RGMD = 1 indicates it is running from the ring. When operating from the ring, disable the crystal amplifier by setting the XTOFF bit (PMR.3) to 1. This can only be done when XT/ RG = 0. When changing the clock source, the selection will take effect after a one-instruction cycle delay. This applies to changes from crystal to ring and vise versa. However, this assumes that the crystal amplifier is running. In most cases, when the ring is active, software previously disabled the crystal to save power. If ring operation is being used and the system must switch to crystal operation, the crystal must first be enabled. Set the XTOFF bit to 0. At this time, the crystal oscillation will begin. The DS87C520/DS83C520 then provide a warm-up delay to make certain that the frequency is stable. Hardware will set the XTUP bit (STATUS.4) to a 1 when the crystal is ready for use. Then software should write XT/ RG to 1 to begin operating from the crystal. Hardware prevents writing XT/ RG to 1 before XTUP=1. The delay between XTOFF = 0 and XTUP = 1 will be 65,536 crystal clocks in addition to the crystal cycle startup time. Switchback has no effect on the clock source. If software selects a reduced clock divider and enables the ring, a Switchback will only restore the divider speed. The ring will remain as the time base until altered by software. If there is serial activity, Switchback usually occurs with enough time to create proper baud rates. This is not true if the crystal is off and the CPU is running from the ring. If sending a serial character that wakes the system from crystal-less PMM, then it should be a dummy character of no importance with a subsequent delay for crystal startup. Figure 3 illustrates a typical decision set associated with PMM. Table 6 is a summary of the bits relating to PMM and its operation.
17 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
Table 6. PMM Control and Status Bit Summary
BIT XT/RG RGMD CD1, CD0 SWB XTOFF PIP HIP LIP XTUP SPTA1 SPRA1 SPTA0 SPRA0 LOCATION EXIF.3 EXIF.2 PMR.7, PMR.6 PMR.5 PMR.3 STATUS.7 STATUS.6 STATUS.5 STATUS.4 STATUS.3 STATUS.2 STATUS.1 STATUS.0 FUNCTION Control. XT/RG = 1, runs from crystal or external clock; XT/RG = 0, runs from internal ring oscillator. Status. RGMD = 1, CPU clock = ring; RGMD = 0, CPU clock = crystal. Control. CD1, 0 = 01, 4 clocks; CS1, 0 = 10, PMM1; CD1, 0 = 11, PMM2. Control. SWB = 1, hardware invokes switchback to 4 clocks, SWB = 0, no hardware switchback. Control. Disables crystal operation after ring is selected. Status. 1 indicates a power-fail interrupt in service. Status. 1 indicates high priority interrupt in service. Status. 1 indicates low priority interrupt in service. Status. 1 indicates that the crystal has stabilized. Status. Serial transmission on serial port 1. Status. Serial word reception on serial port 1. Status. Serial transmission on serial port 0. Status. Serial word reception on serial port 0. RESET X 0 0, 1 0 0 0 0 0 1 0 0 0 0 WRITE ACCESS 0 to 1 only when XTUP = 1 and XTOFF = 0 None Write CD1, 0 = 10 or 11 only from CD1, 0 = 01 Unrestricted 1 only when XT/RG = 0 None None None None None None None None
18 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
Figure 3. Invoking and Clearing PMM
19 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
IDLE MODE
Setting the lsb of the Power Control register (PCON;87h) invokes the Idle mode. Idle will leave internal clocks, serial ports and timers running. Power consumption drops because the CPU is not active. Since clocks are running, the Idle power consumption is a function of crystal frequency. It should be approximately one-half the operational power at a given frequency. The CPU can exit the Idle state with any interrupt or a reset. Idle is available for backward software compatibility. The system can now reduce power consumption to below Idle levels by using PMM1 or PMM2 and running NOPs.
STOP MODE ENHANCEMENTS
Setting Bit 1 of the Power Control register (PCON; 87h) invokes the Stop mode. Stop mode is the lowest power state since it turns off all internal clocking. The ICC f a standard Stop mode is approximately 1mA (but is specified in the Electrical Specifications). The CPU will exit Stop mode from an eternal interrupt or a reset condition. Internally generated interrupts (timer, serial port, Watchdog) are not useful since they require clocking activity. The DS87C520/DS83C520 provide two enhancements to the Stop mode. As documented below, the device provides a bandgap reference to determine Power-Fail Interrupt and Reset thresholds. The default state is that the bandgap reference is off while in Stop mode. This allows the extremely low-power state mentioned above. A user can optionally choose to have the bandgap enabled during Stop mode. With the bandgap reference enabled, PFI and Power-fail Reset are functional and are a valid means for leaving Stop mode. This allows software to detect and compensate for a brownout or power supply sag, even when in Stop mode. In Stop mode with the bandgap enabled, ICC will be approximately 50mA compared with 1mA with the bandgap off. If a user does not require a Power-fail Reset or Interrupt while in Stop mode, the bandgap can remain disabled. Only the most power-sensitive applications should turn off the bandgap, as this results in an uncontrolled power-down condition. The control of the bandgap reference is located in the Extended Interrupt Flag register (EXIF; 91h). Setting BGS (EXIF.0) to a 1 will keep the bandgap reference enabled during Stop mode. The default or reset condition is with the bit at a logic 0. This results in the bandgap being off during Stop mode. Note that this bit has no control of the reference during full power, PMM, or Idle modes. The second feature allows an additional power saving option while also making Stop easier to use. This is the ability to start instantly when exiting Stop mode. It is the internal ring oscillator that provides this feature. This ring can be a clock source when exiting Stop mode in response to an interrupt. The benefit of the ring oscillator is as follows. Using Stop mode turns off the crystal oscillator and all internal clocks to save power. This requires that the oscillator be restarted when exiting Stop mode. Actual startup time is crystal-dependent, but is normally at least 4ms. A common recommendation is 10 ms. In an application that will wake up, perform a short operation, then return to sleep, the crystal startup can be longer than the real transaction. However, the ring oscillator will start instantly. Running from the ring, the user can perform a simple operation and return to sleep before the crystal has even started. If a user selects the ring to provide the startup clock and the processor remains running, hardware will automatically switch to the crystal once a power-on reset interval (65,536 clocks) has expired. Hardware uses this value to assure proper crystal start even though power is not being cycled. The ring oscillator runs at approximately 2MHz to 4MHz but will not be a precise value. Do not conduct real-time precision operations (including serial communication) during this ring period. Figure 3 shows
20 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
how the operation would compare when using the ring, and when starting up normally. The default state is to exit Stop mode without using the ring oscillator. The RGSL - Ring Select bit at EXIF.1 (EXIF; 91h) controls this function. When RGSL = 1, the CPU will use the ring oscillator to exit Stop mode quickly. As mentioned above, the processor will automatically switch from the ring to the crystal after a delay of 65,536 crystal clocks. For a 3.57MHz crystal, this is approximately 18ms. The processor sets a flag called RGMD-Ring Mode, located at EXIF.2, that tells software that the ring is being used. The bit will be a logic 1 when the ring is in use. Attempt no serial communication or precision timing while this bit is set, since the operating frequency is not precise. Figure 4. Ring Oscillator Exit from Stop Mode
STOP MODE WITHOUT RING STARTUP
STOP MODE WITH RING STARTUP
NOTE: DIAGRAM ASSUMES THAT THE OPERATION FOLLOWING STOP REQUIRES LESS THAN 18ms TO COMPLETE.
EMI REDUCTION
One of the major contributors to radiated noise in an 8051-based system is the toggling of ALE. The microcontroller allows software to disable ALE when not used by setting the ALEOFF (PMR.2) bit to 1. When ALEOFF = 1, ALE will still toggle during an off-chip MOVX. However, ALE will remain in a static mode when performing on-chip memory access. The default state of ALEOFF = 0 so ALE toggles at a frequency of XTAL/4.
21 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
PERIPHERAL OVERVIEW
The DS87C520/DS83C520 provide several of the most commonly needed peripheral functions in microcomputer-based systems. These new functions include a second serial port, power-fail reset, power-fail interrupt, and a programmable watchdog timer. These are described in the following paragraphs. More details are available in the High-Speed Microcontroller User's Guide.
SERIAL PORTS
The DS87C520/DS83C520 provide a serial port (UART) that is identical to the 80C52. In addition it includes a second hardware serial port that is a full duplicate of the standard one. This port optionally uses pins P1.2 (RXD1) and P1.3 (TXD1). It has duplicate control functions included in new SFR locations. Both ports can operate simultaneously but can be at different baud rates or even in different modes. The second serial port has similar control registers (SCON1 at C0h, SBUF1 at C1h) to the original. The new serial port can only use Timer 1 for timer generated baud rates.
TIMER RATE CONTROL
There is one important difference between the DS87C520/DS83C520 and 8051 regarding timers. The original 8051 used 12 clocks per cycle for timers as well as for machine cycles. The DS87C520/DS83C520 architecture normally uses four clocks per machine cycle. However, in the area of timers and serial ports, the DS87C520/DS83C520 will default to 12 clocks per cycle on reset. This allows existing code with real-time dependencies such as baud rates to operate properly. If an application needs higher speed timers or serial baud rates, the user can select individual timers to run at the 4-clock rate. The Clock Control register (CKCON;8Eh) determines these timer speeds. When the relevant CKCON bit is a logic 1, the DS87C520/DS83C520 use 4 clocks per cycle to generate timer speeds. When the bit is a 0, the DS87C520/DS83C520 use 12 clocks for timer speeds. The reset condition is a 0. CKCON.5 selects the speed of Timer 2. CKCON.4 selects Timer 1 and CKCON.3 selects Timer 0. Unless a user desires very fast timing, it is unnecessary to alter these bits. Note that the timer controls are independent.
POWER-FAIL RESET
The DS87C520/DS83C520 use a precision bandgap voltage reference to decide if VCC is out of tolerance. While powering up, the internal monitor circuit maintains a reset state until VCC rises above the VRST level. Once above this level, the monitor enables the crystal oscillator and counts 65,536 clocks. It then exits the reset state. This power-on reset (POR) interval allows time for the oscillator to stabilize. A system needs no external components to generate a power-related reset. Anytime VCC drops below VRST, as in power failure or a power drop, the monitor will generate and hold a reset. It occurs automatically, needing no action from the software. Refer to the Electrical Specifications section for the exact value of VRST.
22 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
POWER-FAIL INTERRUPT
The voltage reference that sets a precise reset threshold also generates an optional early warning PowerFail Interrupt (PFI). When enabled by software, the processor will vector to program memory address 0033h if VCC drops below VPFW. PFI has the highest priority. The PFI enable is in the Watchdog Control SFR (WDCON-D8h). Setting WDCON.5 to a logic 1 will enable the PFI. Application software can also read the PFI flag at WDCON.4. A PFI condition sets this bit to a 1. The flag is independent of the interrupt enable and software must manually clear it.
WATCHDOG TIMER
To prevent software from losing control, the DS87C520/DS83C520 include a programmable Watchdog Timer. The Watchdog is a free-running timer that sets a flag if allowed to reach a preselected timeout. It can be (re)started by software. A typical application is to select the flag as a reset source. When the Watchdog times out, it sets its flag, which generates reset. Software must restart the timer before it reaches its timeout or the processor is reset. Software can select one of four timeout values. Then, it restarts the timer and enables the reset function. After enabling the reset function, software must then restart the timer before its expiration or hardware will reset the CPU. Both the Watchdog Reset Enable and the Watchdog Restart control bits are protected by a "Timed Access" circuit. This prevents errant software from accidentally clearing the Watchdog. Timeout values are precise since they are a function of the crystal frequency as shown in Table 7. For reference, the time periods at 33MHz also are shown. The Watchdog also provides a useful option for systems that do not require a reset circuit. It will set an interrupt flag 512 clocks before setting the reset flag. Software can optionally enable this interrupt source. The interrupt is independent of the reset. A common use of the interrupt is during debug, to show developers where the Watchdog times out. This indicates where the Watchdog must be restarted by software. The interrupt also can serve as a convenient time-base generator or can wake-up the processor from power saving modes. The Watchdog function is controlled by the Clock Control (CKCON-8Eh), Watchdog Control (WDCOND8h), and Extended Interrupt Enable (EIE-E8h) SFRs. CKCON.7 and CKCON.6 are WD1 and WD0 respectively and they select the Watchdog timeout period as shown in Table 7. Table 7. Watchdog Timeout Values
WD1 0 0 1 1 WD2 0 1 0 1 INTERRUPT TIMEOUT 217 clocks 220 clocks 223 clocks 226 clocks TIME (33 MHz) 3.9718 ms 31.77 ms 254.20 ms 2033.60 ms RESET TIMEOUT 217 + 512 clocks 220 + 512 clocks 223 + 512 clocks 226 + 512 clocks TIME (33 MHz) 3.9874 ms 31.79 ms 254.21 ms 2033.62 ms
As shown in Table 7, the Watchdog Timer uses the crystal frequency as a time base. A user selects one of four counter values to determine the timeout. These clock counter lengths are 217 = 131,072 clocks; 220 = 1,048,576; 223 = 8,388,608 clocks; and 226 = 67,108,864 clocks. The times shown in Table 7 are with a 33MHz crystal frequency. Once the counter chain has completed a full interrupt count, hardware
23 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
will set an interrupt flag. Regardless of whether the user enables this interrupt, there are then 512 clocks left until the reset flag is set. Software can enable the interrupt and reset individually. Note that the Watchdog is a free running timer and does not require an enable. There are 5 control bits in special function registers that affect the Watchdog Timer and two status flags that report to the user. WDIF (WDCON.3) is the interrupt flag that is set at timer termination when there are 512 clocks remaining until the reset flag is set. WTRF (WDCON.2) is the flag that is set when the timer has completely timed out. This flag is normally associated with a CPU reset and allows software to determine the reset source. EWT (WDCON.1) is the enable for the Watchdog timer reset function. RWT (WDCON.0) is the bit that software uses to restart the Watchdog Timer. Setting this bit restarts the timer for another full interval. Application software must set this bit before the timeout. Both of these bits are protected by Timed Access. As mentioned previously, WD1 and 0 (CKCON .7 and 6) select the timeout. The Reset Watchdog Timer bit (WDCON.0) should be asserted prior to modifying the Watchdog Timer Mode Select bits (WD1, WD0) to avoid corruption of the watchdog count. Finally, the user can enable the Watchdog Interrupt using EWDI (EIE.4). The Special Function Register map is shown above.
INTERRUPTS
The DS87C520/DS83C520 provide 13 interrupt sources with three priority levels. The Power-Fail Interrupt (PFI) has the highest priority. Software can assign high or low priority to other sources. All interrupts that are new to the 8051 family, except for the PFI, have a lower natural priority than the originals. Table 8. Interrupt Sources and Priorities
NAME PFI
INT0
FUNCTION Power-Fail Interrupt External Interrupt 0 Timer 0 External Interrupt 1 Timer 1 TI0 or RI0 from serial port 0 Timer 2 TI1 or RI1 from serial port 1 External Interrupt 2 External Interrupt 3 External Interrupt 4
VECTOR 33h 03h 0Bh 13h 1Bh 23h 2Bh 3Bh 43h 4Bh 53h
NATURAL PRIORITY 1 2 3 4 5 6 7 8 9 10 11
8051/DALLAS DALLAS 8051 8051 8051 8051 8051 8051 DALLAS DALLAS DALLAS DALLAS
TF0
INT1
TF1 SCON0 TF2 SCON1 INT2
INT3
INT4
INT5 WDTI
External Interrupt 5 Watchdog Timeout Interrupt
5Bh 63h
12 13
DALLAS DALLAS
24 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
TIMED-ACCESS PROTECTION
It is useful to protect certain SFR bits from an accidental write operation. The Timed Access procedure stops an errant CPU from accidentally changing these bits. It requires that the following instructions precede a write of a protected bit. MOV MOV 0C7h, 0C7h, #0Aah #55h
Writing an AAh then a 55h to the Timed Access register (location C7h) opens a 3-cycle window for write access. The window allows software to modify a protected bit(s). If these instructions do not immediately precede the write operation, then the write will not take effect. The protected bits are: EXIF.0 WDCON.6 WDCON.1 WDCON.0 WDCON.3 ROMSIZE.2 ROMSIZE.1 ROMSIZE.0 BGS POR EWT RWT WDIF RMS2 RMS1 RMS0 Bandgap Select Power-On Reset flag Enable Watchdog Reset Restart Watchdog Watchdog Interrupt Flag ROM Size Select 2 ROM Size Select 1 ROM Size Select 0
EPROM PROGRAMMING
The DS87C520 follows standards for a 16kB EPROM version in the 8051 family. It is available in a UVerasable, ceramic-windowed package and in plastic packages for one-time user-programmable versions. The part has unique signature information so programmers can support its specific EPROM options. ROM-specific features are described later in this data sheet. Most commercially available device programmers will directly support Dallas Semiconductor microcontrollers. If your programmer does not, please contact the manufacturer for updated software.
PROGRAMMING PROCEDURE
The DS87C520 should run from a clock speed between 4MHz and 6MHz when being programmed. The programming fixture should apply address information for each byte to the address lines and the data value to the data lines. The control signals must be manipulated as shown in Table 9. The diagram in Table 5 shows the expected electrical connection for programming. Note that the programmer must apply addresses in demultiplexed fashion to Ports 1 and 2 with data on Port 0. Waveforms and timing are provided in the Electrical Specifications section. Program the DS87C520 as follows: Apply the address value, Apply the data value, Select the programming option from Table 9 using the control signals, Increase the voltage on VPP from 5V to 12.75V if writing to the EPROM, Pulse the PROG signal five times for EPROM array and 25 times for encryption table, lock bits, and other EPROM bits, 6) Repeat as many times as necessary.
25 of 45
1) 2) 3) 4) 5)
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
Table 9. EPROM Programming Modes
MODE RST
PSEN
ALE/PROG
EA/VPP
P2.6
P2.7
P3.3
P3.6
P3.7
Program Code Data Verify Code Data Program Encryption Array Address 0-3Fh LB1 Program Lock Bits LB2 LB3 Program Option Register Address FCh Read Signature or Option Registers 30, 31, 60 FCh
H H H H H H H H
L L L L L L L L
PL H PL PL PL PL PL H
12.75V H 12.75V 12.75V 12.75V 12.75V 12.75V H
L L L H H H L L
H L H H H L H L
H L H H H H H L
H H L H L H L L
H H H H L L L L
Table 10. DS87C520 EPROM Lock Bits
LEVEL 1 LOCK BITS LB1 LB2 LB3 U U U PROTECTION No program lock. Encrypted verify if encryption table was programmed. Prevent MOVC instructions in external memory from reading program bytes in internal memory. EA is sampled and latched on reset. Allow no further programming of EPROM. Level 2 plus no verify operation. Also, prevent MOVX instructions in external memory from reading SRAM (MOVX) in internal memory. Level 3 plus no external execution.
2
P
U
U
3 4
P P
P P
U P
SECURITY OPTIONS
The DS87C520 employs a standard three-level lock that restricts viewing of the EPROM contents. A 64byte Encryption Array allows the authorized user to verify memory by presenting the data in encrypted form.
Lock Bits
The security lock consists of three lock bits. These bits select a total of four levels of security. Higher levels provide increasing security but also limit application flexibility. Table 10 shows the security settings. Note that the programmer cannot directly read the state of the security lock. User software has access to this information as described in the Memory section.
26 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
Encryption Array
The Encryption Array allows an authorized user to verify EPROM without allowing the true memory to be dumped. During a verify, each byte is Exclusive NORed (XNOR) with a byte in the Encryption Array. This results in a true representation of the EPROM while the Encryption is unprogrammed (FFh). Once the Encryption Array is programmed in a non-FFh state, the verify value will be encrypted. For encryption to be effective, the Encryption Array must be unknown to the party that is trying to verify memory. The entire EPROM also should be a non-FFh state or the Encryption Array can be discovered. The Encryption Array is programmed as shown in Table 9. Note that the programmer cannot read the array. Also note that the verify operation always uses the Encryption Array. The array has no impact while FFh. Simply programming the array to a non-FFh state will cause the encryption to function.
OTHER EPROM OPTIONS
The DS87C520 has user selectable options that must be set before beginning software execution. These options use EPROM bits rather than SFRs. Program the EPROM selectable options as shown in Table 9. The Option Register sets or reads these selections. The bits in the Option Control Register have the following function:
Bits 7 to 4 Bit 3 Bits 2 to 0 Reserved, program to a 1. Watchdog POR default. Set = 1; watchdog reset function is disabled on power-up. Set = 0; watchdog reset function is enabled automatically. Reserved. Program to a 1.
SIGNATURE
The Signature bytes identify the product and programming revision to EPROM programmers. This information is at programming addresses 30h, 31h, and 60h.
ADDRESS 30h 31h 60h VALUE DAh 20h 01h MEANING Manufacturer Model Extension
27 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
Figure 5. EPROM Programming Configuration
ROM-SPECIFIC FEATURES
The DS83C520 supports a subset of the EPROM features found on the DS87C520.
SECURITY OPTIONS Lock Bits
The DS83C520 employs a lock that restricts viewing of the ROM contents. When set, the lock will prevent MOVC instructions in external memory from reading program bytes in internal memory. When locked, the EA pin is sampled and latched on reset. The lock setting is enabled or disabled when the devices are manufactured according to customer specifications. The lock bit cannot be read in software, and its status can only be determined by observing the operation of the device.
Encryption Array
The DS83C520 Encryption Array allows an authorized user to verify ROM without allowing the true memory contents to be dumped. During a verify, each byte is Exclusive NORed (XNOR) with a byte in the Encryption Array. This results in a true representation of the ROM while the Encryption is unprogrammed (FFh). Once the Encryption Array is programmed in a non-FFh state, the Encryption Array is programmed (or optionally left unprogrammed) when the devices are manufactured according to customer specifications.
28 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
DS83C520 ROM VERIFICATION
The DS83C520 memory contents can be verified using a standard EPROM programmer. The memory address to be verified is placed on the pins shown in Figure 5, and the programming control pins are set to the levels shown in Table 9. The data at that location is then asserted on port 0.
DS83C520 SIGNATURE
The Signature bytes identify the DS83C520 to EPROM programmers. This information is at programming addresses 30h, 31h, and 60h. Because mask ROM devices are not programmed in device programmers, most designers will find little use for the feature, and it is included only for compatibility.
ADDRESS 30h 31h 60h VALUE DAh 21h 01h MEANING Manufacturer Model Extension
29 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground................................................................-0.3V to (VCC + 0.5V) Voltage Range on VCC Relative to Ground..............................................................................-0.3V to +6.0V Operating Temperature Range..............................................................................................0C to +70C Storage Temperature......................................................................................................-55C to +125C Soldering Temperature...................................................................See IPC/JEDEC J-STD-020 Specification
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(VCC = 4.5V, TA = -40C to +85C.) (Note 1) PARAMETER SYMBOL Supply Voltage VCC DS87C520 Power-Fail Warning VPFW DS83C520 Minimum Operating DS87C520 VRST Voltage DS83C520 Supply Current Active Mode ICC at 33MHz Supply Current Idle Mode at 33MHz IIDLE Supply Current Stop Mode, Bandgap Disabled (0C to +70C) ISTOP Supply Current Stop Mode, Bandgap Disabled (-40C to +85C) Supply Current Stop Mode, Bandgap Enabled (0C to +70C) ISPBG Supply Current Stop Mode, Bandgap Enabled (-40C to +85C) Input Low Level VIL Input High Level VIH (except XTAL1 and RST) Input High Level XTAL1 and RST VIH2 Output Low Voltage, Ports 1 and 3 VOL1 at IOL = 1.6mA Output Low Voltage Ports 0 and 2, VOL2 ALE, PSEN at IOL = 3.2mA Output High Voltage Ports 1, 2, 3, VOH1 ALE, PSEN at IOH = -50A Output High Voltage Ports 1, 2, 3 VOH2 at IOH = -1.5mA Output High Voltage Port 0, 2, VOH3 ALE, PSEN in Bus Mode at IOH = -8mA Input Low Current Ports 1, 2, 3 at 0.45V IIL MIN 4.5 4.25 4.25 4.0 4.0 TYP 5.0 4.38 4.38 4.13 4.13 30 15 1 MAX 5.5 4.5 4.55 4.25 4.275 45 25 100 UNITS V V V mA mA A A NOTES 2 2 2 3 4 5
1
150
5
50
170
A A V V V V V V V V
5
50 -0.3 2.0 3.5 0.15 0.15 2.4 2.4 2.4
195 +0.8 VCC + 0.3 VCC + 0.3 0.45 0.45
5 2 2 2 2 2 2, 7 2, 8 2, 6 12
-70
A
30 of 30
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = 4.5V, TA = -40C to +85C.) PARAMETER Transition Current from 1 to 0 Ports 1, 2, 3 at 2V Input Leakage Port 0, and EA pins, I/O Mode Input Leakage Port 0, Bus Mode RST Pulldown Resistance
Note 1: Note 2: Note 3: Note 4: Note 5: Note 6: Note 7: Note 8: Note 9: Note 10: Note 11: Note 12:
SYMBOL ITL IL IL RRST
MIN
TYP
MAX -800
UNITS A A A kW
NOTES 9 11 10
-10 -300 50
+10 +300 200
All parameters apply to both commercial and industrial temperature operation, unless otherwise noted. All voltages are referenced to ground. Active current measured with 33MHz clock source on XTAL1, VCC = RST = 5.5V, other pins disconnected. Idle mode current measured with 33MHz clock source on XTAL1, VCC = 5.5V, RST at ground, other pins disconnected. Stop mode current measured with XTAL1 and RST grounded, VCC = 5.5V, all other pins disconnected. When addressing external memory. This specification only applies to the first clock cycle following the transition. RST = VCC. This condition mimics operation of pins in I/O mode. Port 0 is tri-stated in reset and when at a logic high state during I/O mode. During a 0-to-1 transition, a one-shot drives the ports hard for two clock cycles. This measurement reflects port in transition mode. Ports 1, 2, and 3 source transition current when being pulled down externally. It reaches its maximum at approximately 2V. 0.45 < VIN < VCC. Not a high-impedance input. This port is a weak address holding latch in Bus Mode. Peak current occurs near the input transition point of the latch, approximately 2V. 0.45 < VIN < VCC. RST = VCC. This condition mimics operation of pins in I/O mode. This is the current required from an external circuit to hold a logic low level on an I/O pin while the corresponding port latch bit is set to 1. This is only the current required to hold the low level; transitions from 1 to 0 on an I/O pin will also have to overcome the transition current.
TYPICAL ICC vs. FREQUENCY
31 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
AC ELECTRICAL CHARACTERISTICS (Note 1)
PARAMETER Oscillator Frequency External Oscillator External Crystal SYMBOL 1/tCLCL tLHLL tAVLL tLLAX1 tLLIV tLLPL tPLPH tPLIV tPXIX tPXIZ tAVIV1 tAVIV2 tPLAZ 33 MHz MIN MAX 0 33 1 33 40 10 (Note 2) 43 4 55 37 0 26 59 68 (Note 2) VARIABLE CLOCK MIN MAX 0 33 1 33 1.5tCLCL-5 0.5tCLCL-5 (Note 2) 2.5tCLCL-33 0.5tCLCL-11 2tCLCL-5 2tCLCL-24 0 tCLCL-5 3tCLCL-32 3.5tCLCL-38 (Note 2) UNITS MHz ns ns ns ns ns ns ns ns ns ns ns ns
ALE Pulse Width Port 0 Address Valid to ALE Low Address Hold after ALE Low ALE Low to Valid Instruction In ALE Low to PSEN Low PSEN Pulse Width PSEN Low to Valid Instruction In Input Instruction Hold after PSEN Input Instruction Float after PSEN Port 0 Address to Valid Instruction In Port 2 Address to Valid Instruction In PSEN Low to Address Float
Note 1:
Note 2:
All parameters apply to both commercial and industrial temperature range operation unless otherwise noted. Specifications to -40C are guaranteed by design and are not production tested. AC electrical characteristics are not 100% tested, but are characterized and guaranteed by design. All signals characterized with load capacitance of 80pF except Port 0, ALE, PSEN, RD, and WR with 100pF. Interfacing to memory devices with float times (turn off times) over 25ns may cause contention. This will not damage the parts, but will cause an increase in operating current. Specifications assume a 50% duty cycle for the oscillator. Port 2 and ALE timing will change in relation to duty cycle variation. Address is driven strongly until ALE falls, and is then held in a weak latch until overdriven externally.
32 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
MOVX CHARACTERISTICS
PARAMETER Data Access ALE Pulse Width Port 0 Address Valid to ALE Low Address Hold after ALE Low for MOVX Write RD Pulse Width WR Pulse Width RD Low to Valid Data In Data Hold After Read Data Float after Read ALE Low to Valid Data In SYMBOL tLHLL2 tAVLL2 tLLAX2 tRLRH tWLWH tRLDV tRHDX tRHDZ tLLDV 0 tCLCL-5 2tCLCL-5 2.5tCLCL-31 tMCS+tCLCL-26 3tCLCL-29 Port 0 Address to Valid Data In tAVDV1 tMCS+2tCLCL29 3.5tCLCL-37 Port 2 Address to Valid Data In tAVDV2 0.5tCLCL-10 tCLCL-5 tCLCL-9 2tCLCL-7 1.5tCLCL-17 2.5tCLCL-16 -6 tCLCL-5 2tCLCL-6 -4 tCLCL-5 tMCS+2.5tCLCL37 0.5tCLCL+5 tCLCL+5 ns tMCS>0 ns ns ns ns ns (Note 1) 10 tCLCL+5 ns ns tMCS=0 tMCS>0 tMCS=0 tMCS>0 tMCS=0 tMCS>0 -- tMCS=0 tMCS>0 -- tMCS=0 tMCS>0 ns tMCS>0 tMCS=0 VARIABLE CLOCK MIN MAX 1.5tCLCL-5 2tCLCL-5 0.5tCLCL-5 tCLCL-5 0.5tCLCL-10 tCLCL-7 2tCLCL-5 tMCS-10 2tCLCL-5 tMCS-10 2tCLCL-22 tMCS-24 UNITS ns ns ns ns ns ns ns ns ns STRETCH tMCS=0 tMCS>0 tMCS=0 tMCS>0 tMCS=0 tMCS>0 tMCS=0 tMCS>0 tMCS=0 tMCS>0 tMCS=0 tMCS>0 -- tMCS=0 tMCS>0 tMCS=0 tMCS>0 tMCS=0
ALE Low to RD or WR Low Port 0 Address to RD or WR Low Port 2 Address to RD or WR Low Data Valid to WR Transition Data Hold after Write RD Low to Address Float RD or WR High to ALE High
Note 1:
tLLWL tAVWL1 tAVWL2 tQVWX tWHQX tRLAZ tWHLH
tMCS is a time period related to the Stretch memory cycle selection. The following table shows the value of tMCS for each Stretch selection.
33 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
MOVX CHARACTERISTICS (continued)
M2 0 0 0 0 1 1 1 1 M1 0 0 1 1 0 0 1 1 M0 0 1 0 1 0 1 0 1 MOVX CYCLES 2 machine cycles 3 machine cycles (default) 4 machine cycles 5 machine cycles 6 machine cycles 7 machine cycles 8 machine cycles 9 machine cycles tMCS 0 4 tCLCL 8 tCLCL 12 tCLCL 16 tCLCL 20 tCLCL 24 tCLCL 28 tCLCL
EXTERNAL CLOCK CHARACTERISTICS
PARAMETER Clock High Time Clock Low Time Clock Rise Time Clock Fall Time SYMBOL tCHCX tCLCX tCLCL tCHCL MIN 10 10 5 5 TYP MAX UNITS ns ns ns ns
SERIAL PORT MODE 0 TIMING CHARACTERISTICS
PARAMETER Serial Port Clock Cycle Time SYMBOL CONDITIONS SM2 = 0, 12 clocks per cycle tXLXL SM2 = 1, 4 clocks per cycle SM2 = 0, 12 clocks per cycle tQVXH SM2 = 1, 4 clocks per cycle SM2 = 0, 12 clocks per cycle tXHQX SM2 = 1, 4 clocks per cycle SM2 = 0, 12 clocks per cycle tXHDX SM2 = 1, 4 clocks per cycle SM2 = 0, 12 clocks per cycle tXHDV SM2 = 1, 4 clocks per cycle 3tCLCL tCLCL 11tCLCL ns tCLCL tCLCL ns 3tCLCL 2tCLCL ns 4tCLCL 10tCLCL ns MIN TYP 12tCLCL ns MAX UNITS
Output Data Setup to Clock Rising
Output Data Hold from Clock Rising
Input Data Hold after Clock Rising
Clock Rising Edge to Input Data Valid
34 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
EXPLANATION OF AC SYMBOLS
In an effort to remain compatible with the original 8051 family, the DS87C520 and DS83C520 specify the same parameters as such devices, using the same symbols. For completeness, the following is an explanation of the symbols.
t A C D H L Time Address Clock Input data Logic level high Logic level low I P Q R V Instruction PSEN Output data RD signal Valid W X Z WR signal No longer a valid logic level Tri-State
POWER-CYCLE TIMING CHARACTERISTICS
PARAMETER Cycle Startup Time Power-On Reset Delay
Note 1: Note 2:
SYMBOL tCSU tPOR
MIN
TYP 1.8
MAX 65,536
UNITS ms tCLCL
NOTES 1 2
Startup time for crystals varies with load capacitance and manufacturer. Time shown is for an 11.0592MHz crystal manufactured by Fox. Reset delay is a synchronous counter of crystal oscillations after crystal startup. Counting begins when the level on the XTAL1 pin meets the VIH2 criteria. At 33MHz, this time is 1.99ms.
EPROM PROGRAMMING AND VERIFICATION
(VCC = 4.5V to 5.5V, TA = +21C to +27C.) PARAMETER Programming Voltage Programming Supply Current Oscillator Frequency Address Setup to PROG Low Address Hold after PROG Data Setup to PROG Low Data Hold after PROG Enable High to VPP VPP Setup to PROG Low VPP Hold after PROG PROG Width Address to Data Valid Enable Low to Data Valid Data Float after Enable PROG High to PROG Low
Note 1:
SYMBOL VPP IPP 1/tCLCL tAVGL tGHAX tDVGL tGHDX tEHSH tSHGL tSHGL tGLGH tAVQV tELQV tEHQZ tGHGL
MIN 12.5 4 48tCLCL 48 tCLCL 48 tCLCL 48 tCLCL 48 tCLCL 10 10 90
TYP
MAX 13.0 50 6
UNITS V mA MHz
NOTES 1
0 10
110 48 tCLCL 48 tCLCL 48 tCLCL
s s s
s
All voltages are referenced to ground.
35 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
EXTERNAL PROGRAM MEMORY READ CYCLE
EXTERNAL DATA MEMORY READ CYCLE
tAVLL2
36 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
EXTERNAL DATA MEMORY WRITE CYCLE
2
DATA MEMORY WRITE WITH STRETCH = 1
37 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
DATA MEMORY WRITE WITH STRETCH = 2
FOUR CYCLE DATA MEMORY WRITE STRETCH VALUE=2
EXTERNAL CLOCK DRIVE
38 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
SERIAL PORT MODE 0 TIMING
SERIAL PORT 0 (SYNCHRONOUS MODE) HIGH SPEED OPERATION SM2=1=>TXD CLOCK=XTAL/4
39 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
POWER-CYCLE TIMING
EPROM PROGRAMMING AND VERIFICATION WAVEFORMS
40 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
PACKAGE INFORMATION
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/DallasPackInfo.)
41 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
PACKAGE INFORMATION (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/DallasPackInfo.)
42 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
PACKAGE INFORMATION (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/DallasPackInfo.)
43 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
PACKAGE INFORMATION (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/DallasPackInfo.)
44 of 45
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
DATA SHEET REVISION SUMMARY
REVISION 091605 070505 1) 2) 3) 4) 5) 6) 7) 8) 9) 10) 11) 12) 1) 2) 1) 2) 3) 4) 5) 6) 1) 2) 3) 4) 5) DESCRIPTION In DC Electrical Characteristics table, added separate specification for DS83C520 VPFW. Changed VRST max to from 4.25V to 4.275V for DS83C520 value. Added Pb-free/RoHS-compliant part numbers to Ordering Information table. Deleted the "A" from the IPC/JEDEC J-STD-020 specification in the Absolute Maximum Ratings. Removed "Preliminary" status. Soldering temperature parameter now references JEDEC specification. Added note to absolute maximums clarifying voltages referenced to ground. Updated ICC, IIDLE, ISTOP, ISPBG, IIL, and ITL to incorporate errata conditions. Added note clarifying DC electrical test conditions. Added note clarifying VOH3 specification applies to first clock cycle following the transition. Updated AC and MOVX electrical characteristics with final characterization values. Added tAVLL2 specification and corrected MOVX timing diagrams to show tAVLL2 instead of tAVLL. Corrected P0 pinout description for TQFP package. Clarified point at which reset delay begins. Update PMM operating current estimates Added note to clarify IIL specification. Added note to prevent accidental corruption of Watchdog Timer count while changing counter length. Changed minimum oscillator frequency to 1MHz when using external crystal. Changed RST pulldown resistance from 170k to 200k maximum. Corrected "Data memory write with stretch" diagrams to show falling edge of ALE coincident with rising edge of C3 clock. Update ALE pin description. Add note pertaining to erasure window. Add note pertaining to internal MOVX SRAM. Change Note 10 from RST = 5.5V to RST = VCC. Change serial port mode 0 timing diagram label from tQVXL to tQVXH.
040104
070300
070698
022097
110195
Preliminary release.
45 of 45
Maxim/Dallas Semiconductor cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim/Dallas Semiconductor product. No circuit patent licenses are implied. Maxim/Dallas Semiconductor reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
(c) 2005 Maxim Integrated Products * Printed USA
The Maxim logo is a registered trademark of Maxim Integrated Products, Inc. The Dallas logo is a registered trademark of Dallas Semiconductor Corporation.


▲Up To Search▲   

 
Price & Availability of DS87C520

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X