Part Number Hot Search : 
CTC810 MAX9924U D8NA5Y4 305C11 10451 A0553 AD677KR SBL3040
Product Description
Full Text Search
 

To Download BSO204P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary data
BSO204P
OptiMOS-P Small-Signal-Transistor
Feature * Dual P-Channel * Enhancement mode * Super Logic Level (2.5 V rated) * 150C operating temperature * Avalanche rated * dv/dt rated
S1 G1 S2 G2 1 2 3 4 Top View
Product Summary VDS RDS(on) ID
8 7 6 5
-20 30 -7
V m A
D1 D1 D2 D2
SIS00070
Type BSO204P
Package SO 8
Ordering Code Q67042-S4073
Maximum Ratings,at Tj = 25 C, unless otherwise specified Parameter Continuous drain current
TA=25C TA=70C
Symbol ID
Value -7 -5.6
Unit A
Pulsed drain current
TA=25C
ID puls EAS dv/dt VGS Ptot Tj , Tstg
-28 63 -6 12 2 -55... +150 55/150/56 mJ kV/s V W C
Avalanche energy, single pulse
ID =-7 A , VDD=-10V, RGS =25
Reverse diode dv/dt
IS =-7A, VDS=-16V, di/dt=200A/s, Tjmax =150C
Gate source voltage Power dissipation
TA=25C
Operating and storage temperature IEC climatic category; DIN IEC 68-1
Page 1
2001-12-03
Preliminary data Thermal Characteristics Parameter Characteristics Thermal resistance, junction - soldering point SMD version, device on PCB:
@ min. footprint, t < 10s @ 6 cm 2 cooling area
1)
BSO204P
Symbol min. RthJS RthJA -
Values typ. max. 50 110 62.5
Unit
K/W
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Static Characteristics Drain-source breakdown voltage
VGS =0V, ID =-250A
Symbol min. V(BR)DSS VGS(th) IDSS IGSS RDS(on) RDS(on) -20 -0.6
Values typ. -0.9 max. -1.2
Unit
V
Gate threshold voltage, VGS = VDS
ID =-60A
Zero gate voltage drain current
VDS =-20V, VGS =0, Tj =25C VDS =-20V, VGS =0, Tj =150C
A -0.1 -10 -10 34 23.7 -1 -100 -100 42 30 nA m
Gate-source leakage current
VGS =-12V, VDS =0
Drain-source on-state resistance
VGS =-2.5V, ID =-6.1A
Drain-source on-state resistance
VGS =-4.5, ID =-7A
1Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm2 (one layer, 70 m thick) copper area for drain connection. PCB is vertical without blown air; t 10 sec. Page 2
2001-12-03
Preliminary data Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Dynamic Characteristics Transconductance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time gfs Ciss Coss Crss td(on) tr td(off) tf
VDD =-10V, VGS =-4.5V, ID =-1A, RG=6 cVDS c2*cIDc*RDS(on)max ID =-5.6A VGS =0, VDS =-15V, f=1MHz
BSO204P
Symbol
Conditions min. 12.5 -
Values typ. 25 1513 567 469 12.9 20.5 40.6 35.3 max. 19.4 30.7 61 52.4
Unit
S pF
ns
Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Reverse Diode Inverse diode continuous forward current Inverse diode direct current, pulsed Inverse diode forward voltage Reverse recovery time Reverse recovery charge VSD trr Qrr
VGS =0, IF=-7A VR =-10V, |IF | = |lD |, diF /dt=100A/s
Qgs Qgd Qg
VDD =-15V, ID =-7A
-
-2.7 -11.3 -23.9 -1.7
-4 -16.9 -35.8 -
nC
VDD =-15V, ID =-7A, VGS =0 to -4.5V
V(plateau) VDD =-15V, ID =-7A
V
IS ISM
TA=25C
-
-0.87 28.7 14.5
-2.5 -28
A
-1.35 V 35.9 18.1 ns nC
Page 3
2001-12-03
Preliminary data 1 Power dissipation Ptot = f (TA )
2.2
BSO204P
BSO204P
2 Drain current ID = f (TA ) parameter: |VGS | 4.5 V
BSO204P
-7.5
W
1.8 1.6
A
-6 -5.5
Ptot
ID
20 40 60 80 100 120
1.4 1.2 1 0.8
-5 -4.5 -4 -3.5 -3 -2.5
0.6 0.4 0.2 0 0
-2 -1.5 -1 -0.5
C
160
0 0
20
40
60
80
100
120
C
160
TA
TA
4 Safe operating area ID = f ( VDS ) parameter : D = 0 , TA = 25 C
-10 2
BSO204P
3 Transient thermal impedance ZthJS = f (tp) parameter : D = tp /T
10 2
BSO204P
/I D = RD
o S( n)
K/W
tp = 180.0s
A
VD
S
10 1
-10
1
Z thJS
1 ms
10 0
ID
10 ms
-10 0
10 -1 D = 0.50 0.20 10
-2
0.10 0.05
-10
-1
DC
0.02 10 -3 single pulse 10 -4 -7 10
-6 -5 -4 -3 -2 0
0.01
-10 -2 -1 -10
-10
0
-10
1
V
-10
2
10
10
10
10
10
s
10
VDS
Page 4
tp
2001-12-03
Preliminary data 5 Typ. output characteristic ID = f (VDS ); Tj=25C parameter: tp = 80 s
30
Vgs = -2.5V A
BSO204P
6 Typ. drain-source on resistance RDS(on) = f (ID ) parameter: VGS
0.1
0.08
Vgs = -2.5V
RDS(on)
0.07 0.06 0.05 0.04
- ID
20
15
Vgs = -2.8V Vgs = -3V Vgs = -3.5V Vgs = -4.5V Vgs = -6V
Vgs= -2.8 Vgs= -3 Vgs= -3.5 Vgs = - 4.5V Vgs= - 6V
10
0.03 0.02
5 0.01 0 0 0 0
0.5
1
1.5
2
V
3
5
10
15
20
A
30
- V DS
- ID
7 Typ. transfer characteristics ID= f ( VGS ); |VDS | 2 x |ID| x RDS(on)max parameter: tp = 80 s
28 A 24 22 20
8 Typ. forward transconductance gfs = f(ID); Tj=25C parameter: tp = 80 s
45
S
35 30
- ID
16 14 12 10 8 6 4 2 0 0 0.5 1 1.5
V
gfs
25 20 15 10 5 0 0
18
2.5
5
10
15
20
A
30
- V GS
- ID
Page 5
2001-12-03
Preliminary data 9 Drain-source on-resistance RDS(on) = f(Tj ) parameter: ID = -7 A, VGS = -4.5 V
45
BSO204P
10 Gate threshold voltage VGS(th) = f (Tj) parameter: VGS = VDS , ID = -60 A
1.6
V
m - VGS(th) RDS(on)
1.2
35
98%
1
98%
30
0.8
typ.
0.6 25
typ.
0.4
2%
20 0.2
15 -60
-20
20
60
100
C
160
0 -60
-20
20
60
100
C
160
Tj
Tj
11 Typ. capacitances C = f (VDS) parameter: VGS =0, f=1 MHz
10
4
12 Forward character. of reverse diode IF = f (VSD) parameter: Tj , tp = 80 s
-10 2
BSO204P
A
pF Ciss
-10 1
C
10 3
Coss
IF
-10 0
Crss
Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 2 0
5
10
V
20
-10 -1 0
-0.4
-0.8
-1.2
-1.6
-2
-2.4 V
-3
- VDS
VSD
Page 6
2001-12-03
Preliminary data 13 Typ. avalanche energy EAS = f (Tj ), par.: ID = -7 A VDD = -10 V, RGS = 25
65 mJ 55 50
BSO204P
14 Typ. gate charge |VGS| = f (QGate ) parameter: ID = -7 A pulsed
12
V
10 9
- VGS
E AS
45 40 35
8 7 6
0.2 VDS max. 0.5 VDS max. 0.8 VDS max.
30 25 20 15 10 5 0 25 50 75 100
C
5 4 3 2 1 150 0 0 5 10 15 20 25 30 35 40 nC 50
Tj
|QGate|
15 Drain-source breakdown voltage V(BR)DSS = f (Tj )
-24.5
BSO204P
V
-23.5
V (BR)DSS
-23 -22.5 -22 -21.5 -21 -20.5 -20 -19.5 -19 -18.5 -18 -60 -20 20 60 100
C
180
Tj
Page 7
2001-12-03
Preliminary data
Published by Infineon Technologies AG, Bereichs Kommunikation St.-Martin-Strasse 53, D-81541 Munchen (c) Infineon Technologies AG 1999 All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer.
BSO204P
Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Reprensatives worldwide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Page 8
2001-12-03


▲Up To Search▲   

 
Price & Availability of BSO204P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X