Part Number Hot Search : 
4740A G5383 PS222 M4040BI CTDO1 00201 1100A ON2221
Product Description
Full Text Search
 

To Download BCM4712 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM94712
(R)
AIRFORCETM INTEGRATED WIRELESS ACCESS POINT
HARDWARE FEATURES * * * * * * * *
Compact, sophisticated, and low-cost access point includes chipset: BCM4712, BCM2050, and AC101L. 10/100 Ethernet LAN port with Auto-MDIX. Integrated MAC/baseband. 2.4 GHz PCB patch antenna. Antenna diversity supports both integrated and external antennas. RF test point footprint supports characterization. Provides USB device functionality and USB 1.1 host for print server and camera server functionality. Supports flash memory from 256 KB to 2 MB, plus 4-MB or 8-MB SDRAM.
AIRFORCE FAMILY FEATURES * Advanced high performance baseband processor with
integrated medium access controller (MAC) supports upcoming IEEE standards and Wi-Fi Alliance initiatives such as Wireless Multimedia Extensions (WME), 802.11i Security and 802.11e QoS for built-in future proof designs. SmartRadio technology improves wireless LAN throughput and range with advanced signal processing techniques. The all-CMOS solutions are capable of self-calibrating based on usage temperature and other environmental conditions, reconfiguring constantly for optimum performance. OneDriverTM works with all AirForceTM 802.11a/b/54g solutions, simplifying the upgrade/update process for customers and end users. Driver certification and extensive operating system support, including WHQL certified Microsoft(R) Windows(R) drivers for clients, Zero configuration with Microsoft XP, and embedded drivers for Linux(R) and VxWorks(R). Comprehensive security portfolio for both client and AP, including Cisco Compatible Extensions (CCX and CCX 2.0-client only), Wi-Fi Protected Access (WPA and WPA2) CERTIFIED, built-in hardware support for Advanced Encryption Standard (AES) protocol, Wired Equivalent Privacy (WEP) weak key avoidance, TKIP, and 802.1x. Performance enhancements including standards-based XpressTM Technology which increases aggregate bandwidth and improves overall network performance by up to 75%, and 125 High Speed ModeTM, which further increases throughput and delivers best realworld performance when the technology resides on both client and AP/Router. Wireless Management Software
*
*
SOFTWARE FEATURES * * * * * * * *
Production-quality reference code provides a turnkey solution and compatibility with BCM47XX wireless network processors. Fully tested kernel, BSP, and driver packages. Intuitive browser-based configuration and management tools. Low minimum memory requirement. Wireless distribution system (WDS) supports mesh networking, point-to-point, point-to-multipoint, and repeater applications. Wireless Ethernet bridging software connects any Ethernet device to the wireless network including Xbox, Macintosh and Set-Top Box. Bridging between 10/100 LAN and wireless LAN. Software support for Linux(R) and VxWorks(R) operating systems yields fast time-to-market.
*
*
BCM94712 Reference Design
2.16''
3.35''


▲Up To Search▲   

 
Price & Availability of BCM4712

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X