Part Number Hot Search : 
209SP GP30G 3KP90A MTZJ12 APE8805 11DF1 AD7836 3025S
Product Description
Full Text Search
 

To Download BC868-16-CCC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
ISSUE 4 - OCTOBER 1995 7 FEATURES * SUITABLE FOR GENERAL AF APPLICATIONS AND CLASS B AUDIO OUTPUT STAGES UPTO 3W * HIGH hFE AND LOW SATURATION VOLTAGE COMPLEMENTARY TYPE PARTMARKING DETAILS- BC869 BC868 - CAC BC868-16 - CCC BC868-25 - CDC
BC868
C
E C B
SOT89
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Continuous Collector Current Power Dissipation at Tamb =25C Operating and Storage Temperature Range SYMBOL VCBO VCEO VEBO ICM IC Ptot Tj:Tstg VALUE 25 20 5 2 1 1 -65 to +150 UNIT V V V A A W C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current Emitter Cut-Off Current Collector-Emitter Saturation Voltage Base-Emitter Turn-On Voltage Static Forward Current Transfer Ratio SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO VCE(sat) VBE(on) hFE BC868-16 BC868-25 Transition Frequency Output Capacitance fT Cobo 50 85 60 100 160 60 45 MIN. 25 20 5 10 1 10 0.5 1.0 TYP. MAX. UNIT V V V A mA A V V CONDITIONS. IC=100A IC=10mA* IE=10A VCB = 25V VCB = 25V,Tamb =150oC VEB=5V IC=1A, IB=100mA* IC=1A, VCE=1V* IC=5mA, VCE=10V* IC=500mA, VCE=1V* IC=1A, VCE=1V* IC=500mA, VCE=1V* IC=500mA, VCE=1V* MHz pF IC=10mA, VCE=5V f = 35MHz VCB=10V, f=1MHz
375 250 375
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2% For typical characteristics graphs see FMMT449 datasheet.
3 - 11


▲Up To Search▲   

 
Price & Availability of BC868-16-CCC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X