Part Number Hot Search : 
A5801023 KBPC804 LBT39301 20KW120A CR100 2107P 01110 CVRAF
Product Description
Full Text Search
 

To Download B82422-A1102-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMT Inductors, SIMID Series SIMID 1210-100
Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 H Rated current 65 to 800 mA Construction
Ceramic or ferrite core Laser-welded winding Flame-retardant encapsulation
B82422-A****-+100
Features

Very wide temperature range (up to 145 C) High Q factor High resonance frequency Suitable for reflow (IR and vapor phase) and wave soldering
Applications

Filtering of supply voltages, coupling, decoupling Antenna systems Automotive electronics Telecommunications
Terminals

Electro-plated 0,4 m Cu, 1-2 m Ag, 5-7 m Sn Base material CuSn6 Suitable for soldering and conductive adhesion No leaching during wave soldering
Marking Marking on component: Manufacturer, L value (in nH) and tolerance of L value (coded), date of manufacture (coded) Minimum data on reel: Manufacturer, part number, ordering code, L value and tolerance of L value, quantity, date of packing Delivery mode 8-mm blister tape, wound on 180-mm or 330-mm reel For details on taping, packing and packing units see page 153
99
04/00
SMT Inductors, SIMID Series SIMID 1210-100
General technical data Rated inductance L R Q factor Qmin Rated current IR
B82422-A****-+100
Measured with impedance analyzer HP 4194A at frequency fL Measured with impedance analyzer HP 4194A/HP 4291A at frequency fQ Maximum permissible dc with inductance decrease L /L0 10 % and temperature increase of 20 K at rated temperature of 125C Measured with network analyzer HP 8753 Measured at 20C ambient temperature, measuring current < IR In accordance with IEC 60068-1 55/125/56 (- 55C/+ 125C/56 days damp heat test) In accordance with IEC 60068-2-58 (215 3)C, (3 0,3) s Wetting of soldering area: 90 % In accordance with IEC 60068-2-20 260C, 10 s L/L 3 % 2 mm (100 mm long standard PCB) Approx. 50 mg
Self-resonance frequency fres, min DC resistance R max Climatic category Solderability
Resistance to soldering heat
Permissible PCB bending Weight
100 04/00
SMT Inductors, SIMID Series SIMID 1210-100
Dimensional drawing
0,50,2 1)
B82422-A****-+100
20,1 1)
3,2+0,3
20,1
0,15 max.
2,5+0,3
Marking
1)
Soldering area, tinned
IND0063-T-E
Layout recommendation
B
C D
B
SSB1227-Z
Dimensions (mm) A Wave soldering Reflow soldering 2,3 2,7
A
B 1,60 1,15
C 2,1 2,1
0,4 min.1)
D 5,3 4,4
101 04/00
SMT Inductors, SIMID Series SIMID 1210-100
Characteristics and ordering codes LR H 0,0082 0,010 0,012 0,015 0,018 0,022 0,027 0,033 0,039 0,047 0,056 0,068 0,082 0,10 0,12 0,15 0,18 0,22 0,27 0,33 0,39 0,47 0,56 0,68 0,82 Tolerance1) 5% ^J 10 % ^K fL MHz 10 10 10 10 10 10 10 10 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 Qmin fQ MHz 100 100 100 100 100 100 50 50 50 50 50 50 50 50 30 30 30 30 30 30 30 30 30 30 30 IR mA 800 750 700 640 640 600 600 540 530 510 500 480 450 440 400 390 360 280 235 200 190 150 150 145 140 Rmax 0,08 0,09 0,10 0,12 0,12 0,14 0,14 0,17 0,18 0,19 0,20 0,21 0,24 0,26 0,32 0,33 0,38 0,64 0,90 1,3 1,4 2,2 2,2 2,4 2,5 fres, min MHz 4000 4000 3500 3000 2500 2500 1850 1700 1450 1350 1200 1150 1050 1000 880 850 800 700 650 580 540 480 400 280 240
B82422-A****-+100
Ordering code 2) ( 180-mm reel) B82422-A3829-+100 B82422-A3100-+100 B82422-A3120-+100 B82422-A3150-+100 B82422-A3180-+100 B82422-A3220-+100 B82422-A3270-+100 B82422-A3330-+100 B82422-A3390-+100 B82422-A3470-+100 B82422-A3560-+100 B82422-A3680-+100 B82422-A3820-+100 B82422-A3101-+100 B82422-A3121-+100 B82422-A3151-+100 B82422-A3181-+100 B82422-A3221-+100 B82422-A3271-+100 B82422-A3331-+100 B82422-A3391-+100 B82422-A3471-+100 B82422-A3561-+100 B82422-A3681-+100 B82422-A3821-+100
Core material: ceramics 20 20 25 27 30 30 23 20 25 26 26 27 27 25 22 25 25 25 20 22 22 22 22 22 22
1) Closer tolerances and special versions upon request. 2) Replace the + by the code letter for the required inductance tolerance. For reel size 330 mm append code number 8. Example: B82422-A3829-K108
102 04/00
SMT Inductors, SIMID Series SIMID 1210-100
Characteristics and ordering codes (continued) LR H 1,0 1,2 1,5 1,8 2,2 2,7 3,3 3,9 4,7 5,6 6,8 8,2 10 12 15 18 22 27 33 39 47 56 68 82 100 Tolerance1) 5% ^J 10 % ^K fL MHz 1 1 1 1 1 1 1 1 1 1 1 1 1 0,1 0,1 0,1 0,1 0,1 0,1 0,1 0,1 0,1 0,1 0,1 0,1 Qmin fQ MHz 7,96 7,96 7,96 7,96 7,96 7,96 7,96 7,96 7,96 7,96 7,96 7,96 2,52 2,52 2,52 2,52 2,52 2,52 2,52 2,52 2,52 2,52 2,52 2,52 2,52 IR mA 380 370 340 290 270 240 200 190 150 140 135 130 180 175 165 155 140 120 105 90 85 85 80 70 65 Rmax 0,34 0,37 0,50 0,60 0,75 0,88 1,20 1,40 2,20 2,60 2,80 3,00 1,60 1,65 1,85 2,00 2,65 3,70 4,50 6,30 7,00 6,75 7,70 10,0 11,5 fres, min MHz 320 300 270 250 125 110 110 110 110 100 90 90 25 23 20 17 16 15 13 12 11 9 9 8 7
B82422-A****-+100
Ordering code 2) ( 180-mm reel) B82422-A1102-+100 B82422-A1122-+100 B82422-A1152-+100 B82422-A1182-+100 B82422-A1222-+100 B82422-A1272-+100 B82422-A1332-+100 B82422-A1392-+100 B82422-A1472-+100 B82422-A1562-+100 B82422-A1682-+100 B82422-A1822-+100 B82422-A1103-+100 B82422-A1123-+100 B82422-A1153-+100 B82422-A1183-+100 B82422-A1223-+100 B82422-A1273-+100 B82422-A1333-+100 B82422-A1393-+100 B82422-A1473-+100 B82422-A1563-+100 B82422-A1683-+100 B82422-A1823-+100 B82422-A1104-+100
Core material: ferrite 20 20 20 25 25 25 27 27 27 27 27 27 27 27 27 27 27 27 27 27 27 27 27 27 27
1) Closer tolerances and special versions upon request. 2) Replace the + by the code letter for the required inductance tolerance. For reel size 330 mm append code number 8. Example: B82422-A1102-K108
103 04/00
SMT Inductors, SIMID Series SIMID 1210-100
Impedance |Z | versus frequency f measured with impedance analyzer HP 4291A
10 5
SSB1539-7
B82422-A****-+100
Inductance L versus dc load current IDC measured with LCR meter HP 4275A
|Z |
10 4
10 3
10 2
10 1 100 H 10 H 1 H 100 nH 10 nH 10 4 10 5 kHz 10 6 f
10
0
10
_1
10 3
Q factor versus frequency f measured with impedance analyzer HP 4194A / HP 4291A
Current derating Iop/IR versus ambient temperature TA
1,2
I B op IR R
SSB1450-B
1,0
0,8
0,6
0,4
0,2
0
0
20
40
60
80
100 120
C 160 TA
104 04/00
Herausgegeben von EPCOS AG Unternehmenskommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND ++49 89 636 09, FAX (0 89) 636-2 26 89
(
EPCOS AG 2002. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet.
Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen. Published by EPCOS AG Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY ++49 89 636 09, FAX (0 89) 636-2 26 89
EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
(


▲Up To Search▲   

 
Price & Availability of B82422-A1102-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X