Part Number Hot Search : 
2SK1334 0603Y1 SG2824J K3678 CFRA107 SN8111 N5212 74HC32
Product Description
Full Text Search
 

To Download AP09N70P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP09N70P/R
Advanced Power Electronics Corp.
Dynamic dv/dt Rating Repetitive Avalanche Rated Fast Switching Simple Drive Requirement GG S
S
N-CHANNEL ENHANCEMENT MODE POWER MOSFET D
D
BVDSS RDS(ON) ID
600/675V
0.75 9A
Description
AP09N70 series are specially designed as main switching devices for universal 90~265VAC off-line AC/DC converter applications.Both TO-220 and TO-262 G type provide high blocking voltage to overcome voltage surge and sag in the D S toughest power system with the best combination of fast switching,ruggedized design and cost-effectiveness.
TO-220(P)
The TO-220 and TO-262 package is universally preferred for all commercialindustrial applications. The device is suited for switch mode power supplies ,DC-AC converters and high current high speed switching circuits.
G D S
TO-262(R)
Units V V A A A W W/ mJ A mJ
Absolute Maximum Ratings
Symbol VDS VGS ID@TC=25 ID@TC=100 IDM PD@TC=25 EAS IAR EAR TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current
1
Rating - /A 600/675 30 9 5 40 156 1.25
2
Total Power Dissipation Linear Derating Factor Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Storage Temperature Range Operating Junction Temperature Range
305 9 9 -55 to 150 -55 to 150
Thermal Data
Symbol Rthj-c Rthj-a Parameter Thermal Resistance Junction-case Thermal Resistance Junction-ambient Max. Max. Value 0.8 62 Unit /W /W
Data & specifications subject to change without notice
200218032
AP09N70P/R
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS Parameter Drain-Source Breakdown Voltage Test Conditions VGS=0V, ID=1mA VGS=0V, ID=1mA
BVDSS/Tj
Min. 600 675 2 -
Typ. 0.6 4.5 44 11 12 19 21 56 24 2660 170 10
Max. Units 0.75 4 10 100 100 V V V/ V S uA uA nA nC nC nC ns ns ns ns pF pF pF
//A
Breakdown Voltage Temperature Coefficient Reference to 25, ID=1mA
RDS(ON) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Static Drain-Source On-Resistance Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=150 C)
o o
VGS=10V, ID=4.5A VDS=VGS, ID=250uA VDS=10V, ID=4.5A VDS=600V, VGS=0V VDS=480V, VGS=0V VGS= 30V ID=9A VDS=480V VGS=10V VDD=300V ID=9A RG=10,VGS=10V RD=34 VGS=0V VDS=25V f=1.0MHz
Gate-Source Leakage Total Gate Charge
3
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
3
Source-Drain Diode
Symbol IS ISM VSD Notes: 1.Pulse width limited by safe operating area. 2.Starting Tj=25oC , VDD=50V , L=6.8mH , RG=25 , IAS=9A. 3.Pulse width <300us , duty cycle <2%. Parameter
Continuous Source Current ( Body Diode )
Test Conditions VD=VG=0V , VS=1.5V Tj=25, IS=9A, VGS=0V
Min. -
Typ. -
Max. Units 9 40 1.5 A A V
Pulsed Source Current ( Body Diode ) 1
Forward On Voltage
3
Ordering Code
AP09N70P(/R)- X : X Denote BVDSS Grade Blank = BVDSS 600V A = BVDSS 675V
AP09N70P/R
10
10
T C =25 o C
8
V G =10V V G =6.0V V G =5.0V
8
T C =150 o C
V G =10V V G =6.0V V G =5.0V
ID , Drain Current (A)
6
ID , Drain Current (A)
V G =4.5V
6
4
4
V G =4.5V
2
V G =4.0V
2
V G =4.0V V G =3.5V
0 0 2 4 6 8 10 12
0 0 4 8 12 16 20 24
V G =3.5V
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1.2
2.8
I D =4.5A
2.4
V G =10V
1.1
2
Normalized BVDSS (V)
Normalized R DS(ON)
-50 0 50 100 150
1.6
1
1.2
0.8
0.9
0.4
0.8
0 -50 0 50 100 150
T j , Junction Temperature ( o C)
T j , Junction Temperature ( C )
o
Fig 3. Normalized BVDSS v.s. Junction Temperature
Fig 4. Normalized On-Resistance v.s. Junction Temperature
AP09N70P/R
10
9
150
8
ID , Drain Current (A)
7
6
100
5
4
3
PD (W)
50 0
2
1
0 25 50 75 100 125 150
0
50
100
150
T c , Case Temperature ( C)
Tc , Case Temperature( o C)
Fig 5. Maximum Drain Current v.s.
Fig 6. Typical Power Dissipation
Case Temperature
100
1
DUTY=0.5
10
10us 100us 1ms
Normalized Thermal Response (R thjc)
0.2
ID (A)
0.1
0.1
0.05
PDM
0.02 0.01 SINGLE PULSE
1
t T
Duty factor = t/T Peak Tj = P DM x Rthjc + TC
10ms T c =25 o C Single Pulse 100ms
0.1 1 10 100 1000 10000
0.01 0.00001 0.0001 0.001 0.01 0.1 1 10
V DS (V)
t , Pulse Width (s)
Fig 7. Maximum Safe Operating Area
Fig 8. Effective Transient Thermal Impedance
AP09N70P/R
f=1.0MHz
16
10000
14
I D =9A
Ciss
VGS , Gate to Source Voltage (V)
12
V DS =320V V DS =400V C (pF) V DS =480V Coss
100
10
8
6
Crss
4
2
0 0 10 20 30 40 50 60 70
1 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
V DS (V)
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
100
5
4
10
IS (A)
T j = 25 C
o
VGS(th) (V)
T j = 150 o C
3
2
1
1
0.1 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6
0 -50 0 50 100 150
V SD (V)
T j , Junction Temperature ( o C)
Fig 11. Forward Characteristic of
Reverse Diode
Fig 12. Gate Threshold Voltage v.s. Junction Temperature
AP09N70P/R
VDS
RD
90%
D
VDS
TO THE OSCILLOSCOPE 0.5x RATED VDS
RG
G
10%
+ 10 V S VGS
VGS td(on) tr td(off) tf
Fig 13. Switching Time Circuit
Fig 14. Switching Time Waveform
VG
VDS TO THE OSCILLOSCOPE
QG 10V
D
G S
+
0.8 x RATED VDS
QGS
QGD
VGS
1~ 3 mA
IG ID
Charge
Q
Fig 15. Gate Charge Circuit
Fig 16. Gate Charge Waveform


▲Up To Search▲   

 
Price & Availability of AP09N70P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X