Part Number Hot Search : 
65RPH 0023G KBPC2506 305000 TGH13A MAX109 74LVT ISP1563
Product Description
Full Text Search
 

To Download AP09N20H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP09N20H/J
Advanced Power Electronics Corp.
Simple Drive Requirement Low On-resistance Fast Switching Characteristics G
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
D
BVDSS RDS(ON) ID
200V 380m 8.6A
Description
S
GD
The Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. The TO-252 package is universally preferred for all commercialindustrial applications at power dissipation levels to approximately 50 watts. The through-hole version (AP09N20J) is available for lowprofile applications.
S
TO-252(H)
G DS
TO-251(J)
Absolute Maximum Ratings
Symbol VDS VGS ID@TC=25 ID@TC=100 IDM PD@TC=25 EAS IAR TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current, V GS @ 10V Continuous Drain Current, V GS @ 10V Pulsed Drain Current
1
Rating 200 30 8.6 5.5 36 69 0.55
2
Units V V A A A W W/ mJ A
Total Power Dissipation Linear Derating Factor Single Pulse Avalanche Energy Avalanche Current Storage Temperature Range Operating Junction Temperature Range
40 8.6 -55 to 150 -55 to 150
Thermal Data
Symbol Rthj-c Rthj-a Parameter Thermal Resistance Junction-case Thermal Resistance Junction-ambient Max. Max. Value 1.8 110 Unit /W /W
Data & specifications subject to change without notice
201112031
AP09N20H/J
Electrical Characteristics@Tj=25 C(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
o
Parameter Drain-Source Breakdown Voltage Static Drain-Source On-Resistance Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=150 C)
o o
Test Conditions VGS=0V, ID=1mA VGS=10V, ID=5A VDS=VGS, ID=250uA VDS=10V, ID=5A VDS=200V, VGS=0V VDS=160V, VGS=0V VGS= 30V ID=8.6A VDS=160V VGS=10V VDD=100V ID=8.6A RG=10,VGS=10V RD=11.6 VGS=0V VDS=25V f=1.0MHz
Min. 200 2 -
Typ. 0.24 3.7 23 4 13 12 74 36 44 500 90 40
Max. Units 380 4 10 100 100 37 800 V V/ m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=1mA
RDS(ON) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Gate-Source Leakage Total Gate Charge
3
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
3
Source-Drain Diode
Symbol VSD trr Qrr Parameter Forward On Voltage
3
Test Conditions IS=8.6A, VGS=0V IS=8.6A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 225 2260
Max. Units 1.3 V ns nC
Reverse Recovery Time Reverse Recovery Charge
Notes: 1.Pulse width limited by safe operating area. 2.Starting Tj=25 C , VDD=50V , L=1mH , RG=25 , IAS=8.6A. 3.Pulse width <300us , duty cycle <2%.
o
AP09N20H/J
18
10
16
T C =25 o C
10V 8.0V
8
T C =150 o C ID , Drain Current (A)
14
10V 8.0V 7.0V
ID , Drain Current (A)
12
7.0V
6
10
8
4
6
5.0V
2
4
5.0V
2
V G =4.0V
0
V G =4.0V
0
0
2
4
6
8
10
12
0
2
4
6
8
10
12
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
3
2.8
2.4
I D =5A V GS =10V
2
Normalized BVDSS (V)
2
Normalized RDS(ON)
-50 0 50 100 150
1.6
1.2
1
0.8
0.4
0
0 -50 0 50 100 150
T j , Junction Temperature (
o
C)
T j , Junction Temperature ( C )
o
Fig 3. Normalized BV DSS v.s. Junction Temperature
7
Fig 4. Normalized On-Resistance v.s. Junction Temperature
5
6
4
5
4
VGS(th) (V)
IS(A)
3
3
T j =150 C
2
o
T j =25 C
o
2
1
0
1 0 0.2 0.4 0.6 0.8 1 1.2 1.4 -50 0 50 100 150
V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C )
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
AP09N20H/J
15
1000
f=1.0MHz
I D =8.6A VGS , Gate to Source Voltage (V)
12
Ciss V DS =100V V DS =120V V DS =160V C (pF)
100
9
Coss
6
Crss
3
0 0 6 12 18 24 30
10 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Normalized Thermal Response (R thjc)
Duty factor=0.5
1ms
10
0.2
10ms ID (A) 100ms
1
0.1
0.1
0.05
1s
PDM
t
0.02
T
Duty factor = t/T Peak Tj = PDM x Rthjc + T C
Single Pulse
T c =25 o C Single Pulse
0 1 10 100
DC
0.01
0.01
1000
0.00001
0.0001
0.001
0.01
0.1
1
10
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig10. Effective Transient Thermal Impedance
VDS 90%
VG QG 10V QGS QGD
10% VGS td(on) tr td(off) tf
Charge Q
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform


▲Up To Search▲   

 
Price & Availability of AP09N20H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X