Part Number Hot Search : 
CSP10 56160 YB18T5 J170A KD7180 2SA1797 AD558J 87C54
Product Description
Full Text Search
 

To Download 3720100000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UBMINIATURE FUSES S UBMINIATURE F USES
No. 372 / TR5 (R)
60127-3/IV, V, IEC 60127-3/IV, 250 V, T Lead Free
T ime-Current
Time Lag (T)
Specifications
Packaging Materials
000: Tape/Ammopack (1,000 pcs.) 041: Short Leads - Bulk (1,000 pcs.) Brown Thermoplastic Polyamide PA 6.6, UL 94V0 Round Pins: Copper, Sn plated -40 C to +85 C (consider de-rating) -40 C/+85 C/21 days (EN 60068-1,-2-1,-2-2,-78) +10 C to +60 C relative humidity 75 % yearly average, without dew, maximum value for 30 days-95 % 24 cycles at 15 min. each (EN 60068-2-6) 10 - 60 Hz at 0.75 mm amplitude 60 - 2000 Hz at 10 g acceleration 10 N (EN 60068-2-21) Base/Cap:
Characteristic
Standard
IEC 60127-3/IV VDE SEMKO cULus Recognized METI CCC
Approvals
Temperature Operating Temperature Climatic Category Stock Conditions
Dimensions (mm)
8.5
Features
Lead Free Reduced PCB space requirements Direct solderable or plug-in versions Internationally approved Low internal resistance Shocksafe casing Halogen free
max. 8
Vibration Resistance
0.5 min
L
0.6
Lead Pull Strength Solderability
260 C, 3 s (Wave) 350 C, 3 s (Soldering iron) 260 C, 10 s (IEC 60068-2-20)
5.08
1 +0.1
Holes in PCB
Soldering Heat Resistance Marking
, 372, 250 V, T, Current Rating, Approvals ** **
Long Leads (L=18.8mm) Short Leads (L=4.3mm)
Limits for Pre-arcing Time
Rated Current
40 mA ... 6.30 A
Unit Weight 2.75 x IN 4 x IN 10 x IN
0.77 g (approx.)
1.5 x IN
>1h
2.1 x IN
< 2 min
400 ms ... 10s 150 ms ... 3 s 20 ms ... 150 ms
PSE-JET**
40mA 50mA 63mA 80mA 100mA 125mA 160mA 200mA 250mA 315mA 400mA 500mA 630mA 800mA 1.00A 1.25A 1.60A 2.00A 2.50A 3.15A 4.00A 5.00A 6.30A*
0040 0050 0063 0080 0100 0125 0160 0200 0250 0315 0400 0500 0630 0800 1100 1125 1160 1200 1250 1315 1400 1500 1630
250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V
35A / 250 V AC 1 50-60Hz cos = 1.0
40A / 250 V AC 50A / 250 V AC
900 500 400 370 300 260 200 170 150 140 130 125 120 110 110 95 95 85 80 80 75 80 58
90 70 80 100 110 120 130 140 150 160 170 180 200 220 360 450 450 600 700 1100 1200 1300 1250
0.009 0.01 0.02 0.023 0.047 0.066 0.14 0.20 0.28 0.36 0.9 1.3 2.5 3.8 5.5 9 14 23 35 60 95 94 105
* * * * * * * * * * * * * * * * * * * * G G
* * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * * *
* * * * * * *
* * * * * * *
* * * * * * * * * * * * * * * * * * * * * *
1 Per UL, approved breaking capacity is 50 A at 250 V.
* Conducting path min. 0.2 mm2
**PSE-JET and K-Mark for China production
G Expert Report
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
Order Information
011906
Qty.
OrderNumber
Series 372
Amp Code
Packaging
Specifications are subject to change without notice
In our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the WICKMANN Group and its products to the Littelfuse portfolio.
www.littelfuse.com
K-Mark**
SEMKO
cURus
METI
VDE
CCC
Permissible continuous operating current is 100 % at ambient temperature of 23 C (73.4 F). Rated Amp Voltage Breaking Voltage Drop Power Dissipation Melting Integral 1.5 x IN 10 x IN Current Code Rating Capacity 1.0 x IN max. (mV) max. (mW) min. (A2s)
Approvals
* * * * * * * * * * * * * * * * * * * * * *
UBMINIATURE FUSES SUBMINIATURE FUSES
TR5(R) / No. 372
I-t Characteristics
(Min-Max Limit) IEC 60127-3/IV
Time (sec.)
00 0,0 10 ,00 10 0 0 1,0 0 10 0 10 1 0.1 1 0.0 01 0.0
1
1.5
2
3
4
5
6
7 8 9 10
15
I Fault / I Rated
Contact Littelfuse for individual I-t curves
011906
In our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the WICKMANN Group and its products to the Littelfuse portfolio.
www.littelfuse.com


▲Up To Search▲   

 
Price & Availability of 3720100000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X