Part Number Hot Search : 
IRF954 W981616 47106 BAT86 LB123 TDA20 11616 SR1020
Product Description
Full Text Search
 

To Download 100C1032 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 F E AT U R E S 1 0 0 - 14 0 0 MHz 0.5 dB Insertion Loss 20 Watts CW TTL Driver SMA, BNC or TNC Connectors
MODEL NO. 100C10 3 2
Medium Power PIN Diode SP2T
SP2T
1.00.03 2.75.03 . 25 .50 . 25 J3 1.250 +5V CONT -5V GND J2 1.00 TERM., SOLDER 4 PLACES CONNECTOR, SMA, BNC, OR TNC FEMALE (3 PLACES) +5V CONT "0" -5V GND 1.7 5 .0 3 2.250 1.75 .06 PART IDENTIFICATION J1 J3 J2
J1
* *
.149 DIA THRU (4 PLACES)
.xx = .02 .xxx = .010
PART NO. EXAMPLE 100C1032 - SMA SPECIFY CONNECTOR TYPE BASIC PART NUMBER
GUARANTEED PERFORM A NCE
Parameter Min Typ Max Units
100 TTL 1400 MHz mA
Conditions
See Table 1 Line Logic "0" = J3 - J1 Logic "1" = J3 - J2 VIH = +2.7V VIL = +0.4V 100 - 500 MHz 500 - 1400 MHz
I.L. (dB)
ISO (dB)
VSWR
T Y P IC A L P E R F OR MA NCE
at 25 C
Operating Frequency DC Current Control Type
1.6
1.2
120
Control Current
1.5 1.0 100
High Low
1.4
0.8
80
ISO
Insertion Loss Isolation
60 40
1.3
0.6
60 VSWR
1.2
0.4
40
VSWR Thru Impedance Switching Speed RF Power Operate Operating Temperature -55
.38 70 50 1.14/1 50
80 -3.2 0.5
A mA dB dB dB
1.3/1 10 20 +85 OHMS SEC 50% TTL to 90% / 10% RF W CW C TA
+25
1.1
0.2
20
I. LOSS
1.0
0
0 10 40 100 400 1000 3000
FREQUENCY (MHz)
CURRENT TABLE LOGIC "1" +5V AT 30 mA -5V AT 160 mA Logic "0" +5V AT 160 mA -5V AT 0mA
DA I C O In d u s t r i e s
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 100C1032

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X