Part Number Hot Search : 
LC83015 MM1025 TCR2BE16 3K7002 C3506 SSL310A MAD1105 CDB4220
Product Description
Full Text Search
 

To Download VFT30050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VFT300-50
VHF POWER MOSFET
N-Channel Enhancement Mode
DESCRIPTION:
The VFT300-50 is a gold metallized N-Channel Enhancement mode MOSFET intended for use in 50 Vdc large signal applications to 175 MHz.
PACKAGE STYLE .400 BAL FLG(D)
A .080x45 B FULL R
D
E .1925 D
D
(4X).060 R
M C
G
G
F G H N
FEATURES:
* PG = 15 dB Typ. at 300W/ 175 MHz * Common Base configuration * Class-a or AB * 50 V operation * OmnigoldTM Metalization System
I
Source connected to flange
L J K DIM A B C D .380 / 9.65 .580 / 14.73 .435 / 11.05 1.090 / 27.69 1.335 / 33.91 .003 / 0.08 .060 / 1.52 .100 / 2.54 1.105 / 28.07 1.345 / 34.16 .007 / 0.18 .070 / 1.78 .115 / 2.92 .230 / 5.84 .395 / 10.03 .850 / 21.59 .407 / 10.34 .870 / 22.10 MINIMUM
inches / mm
MAXIMUM
inches / mm
.220 / 5.59 .210 / 5.33 .125 / 3.18
.230 / 5.84
.390 / 9.91 .620 / 15.75
MAXIMUM RATINGS
ID VDSS VGS PDISS TJ TSTG JC 40 A 125 V 40 V 500 W @ TC = 25 C -65 C to +150 C -65 C to +200 C 0.35 C/W
E F G H I J K L M N
ORDER CODE: ASI10710
CHARACTERISTICS
SYMBOL
BVDSS IDSS IGSS VGS(th) gfs Ciss Coss Crss
TC = 25 C
TEST CONDITIONS
ID = 50 mA VDS = 50 V VDS = 0 V ID = 100 mA ID = 5.0 A VDS = 50 V VGS = 0 V VGS = 20 V VDS = 10 V VDS = 10 V VGS = 0 V f = 1.0 MHz
MINIMUM
125
TYPICAL MAXIMUM
5.0 1.0 5.0
UNITS
V mA A V mho pF
1.0 3 350 250 20
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without ntoice.
REV. B
1/3
VFT300-50 ERROR! REFERENCE SOURCE NOT FOUND.
CHARACTERISTICS
SYMBOL
PG D
TC = 25 C
TEST CONDITIONS
VDD = 50 V f = 175 MHz IDQ = 500 mA Pout = 300 W
MINIMUM
14 60
TYPICAL MAXIMUM
15 65
UNITS
dB %
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without ntoice.
REV. B
2/3
VFT300-50 ERROR! REFERENCE SOURCE NOT FOUND.
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without ntoice.
REV. B
3/3


▲Up To Search▲   

 
Price & Availability of VFT30050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X