|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
VFT150-50 VHF POWER MOSFET N-Channel Enhancement Mode DESCRIPTION: The ASI VFT150-50 is a gold metallized N-Channel Enhancement mode MOSFET intended for use in 50 Vdc large signal output to 200 MHz. PACKAGE STYLE .500 4L FLG .112x45 A L FEATURES: * PG = 13.0 dB Typ. at 175 MHz/150 W * CS configuration; 50 Vdc operation * OmnigoldTM Metalization System FULL R S D O.125 NOM. C B G E H D G F S IJ K MAXIMUM RATINGS ID VDSS VGS PDISS TJ TSTG JC O O 16 A 125 V 30 V 300 W @ TC = 25 C -65 C to +200 C -65 C to +150 C 0.6 C/W O O O O DIM A B C D E F G H I J K L MINIMUM inches / mm MAXIMUM inches / mm .220 / 5.59 .125 / 3.18 .245 / 6.22 .720 / 18.28 .125 / 3.18 .970 / 24.64 .495 / 12.57 .003 / 0.08 .090 / 2.29 .150 / 3.81 .230 / 5.84 .255 / 6.48 .7.30 / 18.54 .980 / 24.89 .505 / 12.83 .007 / 0.18 .110 / 2.79 .175 / 4.45 .280 / 7.11 .980 / 24.89 1.050 / 26.67 ORDER CODE: ASI10709 O CHARACTERISTICS SYMBOL BVDSS IDSS IGSS VGS gfs Ciss Coss Crss PG D ID = 50 mA VDS = 50 V VDS = 0 V VDS = 10 V VDS = 10 V VDS = 50 V TC = 25 C NONE TEST CONDITIONS VGS = 0 V VGS = 20 V ID = 100 mA ID = 5 A VGS = 0 V f = 1.0 MHz f = 175 MHz MINIMUM 125 TYPICAL MAXIMUM 5.0 1.0 5.0 UNITS V mA A V mho 1.0 3.0 290 130 28 13.0 55 pF dB % IDQ = 250 mA VDD = 50 V Pout = 150 W (PEP) PIN = 6.0 W 45 A D V A N C E D S E M I C O N D U C T O R, I N C. 7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004 Specifications are subject to change without notice. REV. C 1/3 VFT150-50 ERROR! REFERENCE SOURCE NOT FOUND. A D V A N C E D S E M I C O N D U C T O R, I N C. 7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004 Specifications are subject to change without notice. REV. C 1/3 VFT150-50 ERROR! REFERENCE SOURCE NOT FOUND. A D V A N C E D S E M I C O N D U C T O R, I N C. 7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004 Specifications are subject to change without notice. REV. C 1/3 |
Price & Availability of VFT15050 |