Part Number Hot Search : 
CPC10 AD745 INY13 M38184M8 110IL OPF480 005057 A1152
Product Description
Full Text Search
 

To Download UG2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UG2 Series
0.5m ULC Series
Description
The UG2 series of ULCs is well suited for conversion of medium- to-large sized CPLDs and FPGAs. Devices are implemented in high-performance CMOS technology with 0.5-m (drawn) channel lengths, and are capable of supporting flip-flop toggle rates of 625 MHz at 5V and 360 MHz at 3.3V, operating clock frequencies up to 150 MHz and input to output delays as fast as 5 ns, 200 ps at 5V. The architecture of the UG2 series allows for efficient conversion of many PLD architecture and FPGA device types with higher IO count. A compact RAM cell, along with the large number of available gates allows the implementation of RAM in FPGA architectures that support this feature, as well as JTAG boundary-scan and scan-path testing. Conversion to the UG2 series of ULC can provide a significant reduction in operating power when compared to the original PLD or FPGA. This is especially true when compared to many PLD and CPLD architecture devices, which typically consume 100 mA or more even when not being clocked. The UG2 series has a very low standby consumption of 0.4 nA/gate typically commercial temp, which would yield a standby current of 0.4 nA/gate, 4 mA on a 10,000 gate design. Operating consumption is a strict function of clock frequency, which typically results in a power reduction of 50% to 90% depending on the device being compared. The UG2 series provides several options for output buffers, including a variety of drive levels up to 24 mA. Schmitt trigger inputs are also an option. A number of techniques are used for improved noise immunity and reduced EMC emissions, including: several independent power supply busses and internal decoupling for isolation; slew rate limited outputs are also available as required. The UG2 series is designed to allow conversions of high performance 3-V devices as well as 5-V devices. Support of mixed supply conversions is also possible, allowing optimal trade-offs between speed and power consumption.
Features
D High performance ULC family suitable for medium- to large-sized CPLDs and FPGAs D Conversions to over 700,000 FPGA gates D Pin counts to over 582 pins D Any pin-out matched due to limited number of dedicated pads D Full range of packages: DIP, SOIC, LCC/PLCC, PQFP/TQFP, PGA/PPGA, PBGA/CABGA D 3.3V and/or 5.0V operation. D Low quiescent current: 0.04 nA/gate D Available in commercial, industrial, automotive, military and space grades. D 0.5 m Drawn CMOS, 3 Metal Layers D Library Optimised for Synthesis, Floor Plan & Automatic Test Generation (ATG) D High Speed Performances: - 200 ps Typical Gate Delay @5 V - Typical 625 MHz Toggle Frequency @5V and 360 MHz @3.3 V D High System Frequency Skew Control: - Clock Tree Synthesis Software D 3 & 5 Volts Operation; Single or Dual Supply Modes D Low Power Consumption: - 0.6 W/Gate/MHz @3 V - 2.2 W/Gate/MHz @5 V D Power on Reset D Standard 3, 6, 12 and 24mA I/Os D CMOS/TTL/PCI Interface D ESD (2 kV) and Latch-up Protected I/O D High Noise & EMC Immunity: - I/O with Slew Rate Control - Internal Decoupling - Signal Filtering between Periphery & Core - Application Dependent Supply Routing & Several
1
Rev.L
- 27 April, 2001
UG2 Series
Product Outline
Part Number*
UG2005 UP2104 UG215 UG222 UG244 UG291 UG2140 UG2194 UG2265 UG2360 * Check with factory for availability of product type.
Full programmable Pads
45 100 111 127 171 235 285 331 384 435
Equivalent FPGA Gates
4900 12500 24300 34800 58600 108500 156800 206300 318000 432000
Architecture
The basic element of the UG2 family is called a cell. One cell can typically implement between two to three FPGA gates. Cells are located contiguously through out the core of the device, with routing resources provided in two or three metal layers above the cells. Some cell blockage does occur due to routing, and utilization will be significantly greater with three metal routing than two. The sizes listed in the Product Outline are estimated usable amounts using three metal layers. I/O cells are provided at each pad, and may be configured as inputs, outputs, I/Os, VDD or VSS as required to match any FPGA or PLD pinout. Special function cells and pins are located in the corners which typically are unused. In order to improve noise immunity within the device, separate VDD and VSS busses are provided for the internal cells and the I/O cells.
Outputs Low noise buffers with 12 mA drive at 5 V.
I/O Options
Inputs Each input can be programmed as TTL, CMOS, or Schmitt Trigger, with or without a pull up or pull down resistor. Fast Output Buffer Fast output buffers are able to source or sink 3 to 12 mA at 5 V according to the chosen option. 24mA achievable, using 2 pads. Slew Rate Controlled Output Buffer In this mode, the p- and n-output transistor commands are delayed, so that they are never set "ON" simultaneously, resulting in a low switching current and low noise. These buffer are dedicated to very high load drive.
I/O buffer interfacing 3.3-V Compatibility
I/O Fexibility All I/O buffers may be configured as input, output, bi-directional, oscillator or supply. A level translator could be located close to each buffer. The UG2 series of ULCs is fully capable of supporting high-performance operation at 3.3 V or 5 V. The performance specifications of any given ULC design however, must be explicitly specified as 3.3 V, 5 V or both.
Rev.L
- 27 April, 2001
2
UG2 Series
Power Supply and Noise Protection
The speed and density of the UG2 technology cause large switching current spikes for example either when: 16 high current output buffers switch simultaneously, or 10% of the 700 000 gates are switching within a window of 1ns. Sharp edges and high currents cause some parasitic elements in the packaging to become significant. In this frequency range, the package inductance and series resistance should be taken into account. It is known that an inductor slows down the setting time of the current and causes voltage drops on the power supply lines. These drops can affect the behaviour of the circuit itself or disturb the external application (ground bounce). In order to improve the noise immunity of the UG2 core matrix, several mechanisms have been implemented inside the UG2 arrays. Two kinds of protection have been added: one to limit the I/O buffer switching noise and the other to protect the I/O buffers against the switching noise coming from the matrix. I/O buffers switching protection Three features are implemented to limit the noise generated by the switching current: D The power supplies of the input and output buffers are separated. D The rise and fall times of the output buffers can be controlled by an internal regulator. D A design rule concerning the number of buffers connected on the same power supply line has been imposed. Matrix switching current protection This noise disturbance is caused by a large number of gates switching simultaneously. To allow this without impacting the functionality of the circuit, three new features have been added: D Decoupling capacitors are integrated directly on the silicon to reduce the power supply drop. D A power supply network has been implemented in the matrix. This solution reduces the number of parasitic elements such as inductance and resistance and constitutes an artificial VDD and Ground plane. One mesh of the network supplies approximately 150 cells. D A low pass filter has been added between the matrix and the input to the output buffer. This limits the transmission of the noise coming from the ground or the VDD supply of the matrix to the external world via the output buffers.
3
Rev.L
- 27 April, 2001
UG2 Series
Absolute Maximum Ratings
Supply Voltage (VDD) . . . . . . . . . . . . . . . . . . . . . . . . -0.5 V to 7.0 V Input Voltage (VIN) . . . . . . . . . . . . . . . . . . . -0.5 V to VDD + 7.0 V Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to 150_C
Recommended Operating Range
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7 to 5.5 V Operating Temperature Commercial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to 70_C Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to 85_C Military . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to 125_C
DC Characteristics
Specified at VDD = +5 V $ 10 %
Symbol
VIL
Parameter
Input low voltage CMOS input TTL input Input high voltage CMOS input TTL input Output low voltage TTL input Output high voltage CMOS input TTL input Scmitt trigger positive threshold CMOS input TTL input Scmitt trigger negative threshold CMOS input TTL input Input leakage No pull up/down Pull up Pull down 3-State Output Leakage current Output Short circuit current IOSN IOSP Leakage current per cell
Min
0 0 0.7 VDD 2.2
Typ
Max
0.3 VDD 0.8 VDD VDD 0.4
Unit
V
Conditions
VIH
V IOL = -12, 6, 3 mA* V V IOH = +12, 6, 3 mA*
VOL VOH
3.9 2.4 2.8 1.5 1.2 1.0 -5 -120 79 -5
VT+
V
VT-
V
IL
+5
-55 330
A A
mA mA nA nA nA Bout12 VOUT = 4.5 V VOUT = VSS commercial industrial military
IOZ IOS
+5
48 36 5 7 10
ICCSB
ICCOP
Operating current per cell
0.6
A/MHz
* According buffer: Bout12, Bout6, Bout3, VDD = 4,5 V
Rev.L
- 27 April, 2001
4
UG2 Series
DC Characteristics
Specified at VDD = +3 V $ 10 % or 3.3 $ 10 %
Symbol
VIL
Parameter
Input low voltage LVCMOS input LVTTL input Input high voltage LVCMOS input LVTTL input Output low voltage TTL input Output high voltage TTL input Scmitt trigger positive threshold LVCMOS input LVTTL input Scmitt trigger negative threshold CMOS input TTL input Input leakage No pull up/down Pull up Pull down 3-State Output Leakage current Output Short circuit current IOSN IOSP Leakage current per cell
Min
0 0 0.7 VDD 2.0
Typ
Max
0.3 VDD 0.8 VDD VDD 0.4
Unit
V
Conditions
VIH
V IOL = -6, 3, 1.5 mA* V IOH = +4, 2, 1 mA* V
VOL VOH VT+
2.4 1.1 1.5 1.0 0.9 -5 -100 50 -5
V V
VT-
IL
+5
-30 200
A A A A
mA mA nA nA nA Bout12 VOUT = VDD VOUT = VSS commercial industrial military
IOZ IOS
+5
24 12 3 5 7
ICCSB
ICCOP
Operating current per cell
0.3
A/MHz
* According buffer: Bout12, Bout6, Bout3
5
Rev.L
- 27 April, 2001
UG2 Series
AC Characteristics
TJ = 25C, Process typical (all values in ns)
VDD Buffer
BOUT12
Description
Output buffer with 12 mA drive
Load
60pf
Transition 5V
Tplh Tphl 3.18 2.35
3V
4.67 3.33
VDD Cell
BINCMOS
Description
CMOS input buffer
Load
15 fan
Transition 5V
Tplh Tphl 0.75 0.7 0.88 0.65 0.54 0.39 0.57 0.49 0.86 0.73 0.44 0.00
3V
1.12 0.98 1.29 1.03 0.85 0.49 0.89 0.67 1.30 1.08 1.06 0.00
BINTTL
TTL input buffer
16 fan
Tplh Tphl
INV
Inverter
12 fan
Tplh Tphl
NAND2
2 - input NAND
12 fan
Tplh Tphl
FDFF
D flip-flop, Clk to Q
8 fan
Tplh Tphl Ts Th
Power Consumption
Static Power Consumption for UG2 Series ULCs
There are three main factors to consider: - Leakage in the core: - PLC = VDD * ICCSB * number of used gates - Leakage in inputs and tri-stated outputs: - PLIO = VDD * (IIX * N + IOZ * M) - where: N = number of inputs - M = number of tri-stated outputs - Care must be taken to include the appropriate figure for pins with pull-ups or pull-downs. In practice, the static consumption calculation is typically done to determine the standby current of a device; in this case only those pins sourcing current should be included, i.e. where VIN or VOUT = VDD. - Dc power dissipation in driving I/O buffers due to resistive loads: - In practice, the static consumption calculation is typically done to determine the standby current of a device, and under circumstances where all of Rev.L the outputs are tri-stated or in input mode. So this term is zero. - Global formula for static consumption: - PSB = PLC + PLIO
Dynamic Power Consumption for UG2 Series ULCs
There are four main factors to consider: - Static power dissipation is negligible compared to dynamic and can be ignored. - Dc power dissipation in I/O buffers due to resistive loads: - P1 (mW) = VOL * n (DLn * IOLn) + ( VDD - VOH) * n (DHn * IOHn) - where: n is a summation over all of the outputs and I/Os. - IOLn and IOHn are the appropriate values for driver n - DLn = percentage of time n is being driven to VOL - DHn = percentage of time n is being driven to VOH 6
- 27 April, 2001
UG2 Series
- It is difficult to obtain an exact value for this factor, since it is determined primarily by external system parameters. However, in practice this can be simplified to one of two cases where the device is either driving CMOS loads or driving TTL loads. CMOS loads can be approximated as purely capacitive loads, allowing this term to be treated as zero. TTL loads source significant current in the low state, but not the high state, allowing the second summation to be ignored. If a 50% duty cycle is assumed for dynamic outputs driving TTL loads, this can be approximated as: - P1 (mW) = VOL * (n * IOLn/2 + m * IOLm) (TTL loads) - where n are dynamic outputs and m are static low outputs. - Dynamic power dissipation for the internal gates: - P2 (mW) = VDD * IDDOP * g (Nf * fg)/1000 - where: Nf = number of gates toggling at frequency fg - fg = clock frequency of internal logic in MHz - Note: If the actual toggle rates are not known, a rule of thumb is to assume that the average used gate is toggling at one half of the input clock frequency. - Dynamic power dissipation in the outputs: - P3 (mW) = VDD2 * n fn * (COUT + Cn)/1000 - where: fn = clocking frequency in MHz of output n - Cn = output load capacitance in pF of output n - COUT = output capacitance from Characteristics - Global formula for dynamic consumption: - P = P1 + P2 + P3 Example: Static calculation - A 100-pin ULC with 3000 used gates, 10 inputs, 20 I/Os in input mode, 40 outputs all tri-stated. No pull-ups or pull-downs. Half of the pins are at VDD, half at VSS. Input clock is not toggling. For this example only the current calculation is desired, so the VDD term in the equations is dropped. - PLC = 1 * 3000 = 3 mA - PLIO = ((10 + 20) * 5 + 40 * 5)/2 = 105 mA - PSB = 3 + 105 = 108 mA Dynamic Calculation - We take a 16-bit resettable ripple counter which is approximately 100 gates, operating at a clock frequency of 33 MHz, which gives an average clock frequency of 33 MHz/16 for each bit and each output. There are no static outputs on this device. Operation is at 5 V, and 6-mA outputs are used and loaded at 25 pF. The output buffers are driving CMOS loads. - P1 = 0 - P2 = 5 * 0.5 * 100 * 33/16/1000 = 0.5 mW - P3 = 52 * 16 * 33/16 * (25 + 2)/1000 = 22 mW - P = 0 + 0.5 + 22 = 22.5 mW Figure 1 DC
Typical ULC Test Conditions
For AC specification purposes, an improved output loading scheme has been defined for Atmel Wireless & Microcontrollers high-drive (24 mA), high-speed ULC devices. The schematic below (Figure 1) describes the typical conditions for testing these ULC devices, using the standard loading scheme commonly available on high-end ATE. Compared to a no-load condition, this provides the following advantages: D Output load is more representative of "real life" conditions during transitions. D Transient energy is absorbed at the end of the line to prevent reflections which would lead to inaccurate ATE measurements.
12 mA
D.U.T.
1.5 V 12 mA Comp
7
Rev.L
- 27 April, 2001


▲Up To Search▲   

 
Price & Availability of UG2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X