Part Number Hot Search : 
N5819 75NF75 IRFP342R 235XX MEGA32 HMC33205 OMT253 SMCJ30CA
Product Description
Full Text Search
 

To Download TVV030A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TVV030A
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI TVV030A is Designed for Television Band III Applications up to 225 MHz.
PACKAGE STYLE .500 4L STUD(A)
.112 x 45 A O .630 NOM C E E D
FEATURES:
* Common Emitter * PG = 7.5 dB at 30 W/225 MHz * OmnigoldTM Metalization System * Emitter Ballasting
BC
B E
G 1/4-28 UNF-2A F H
MAXIMUM RATINGS
IC VCBO VCEO VEBO PDISS TJ TSTG JC 14 A 45 V
DIM
MINIMUM
inches / mm
MAXIMUM
inches / mm
25 V 4.0 V 146 W @ TC = 25 C -65 C to +200 C -65 C to +150 C 1.2 C/W
A B C D E F G H
.220 / 5.59 .545 / 13.84 .495 / 12.57 .003 / 0.08 .185 / 4.70 .497 / 12.62
.230 / 5.84 1.050 / 26.67 .555 / 14.10 .505 / 12.83 .007 / 0.18 .830 / 21.08 .198 / 5.03 .530 / 13.46
ORDER CODE: ASI10661
CHARACTERISTICS
SYMBOL
BVCES BVCEO BVEBO hFE COB PG IMD1 VSWR IC = 25 mA IE = 10 mA VCE = 5.0 V VCB = 30 V
TC = 25 C
NONETEST CONDITIONS
IC = 100 mA RBE = 10
MINIMUM TYPICAL MAXIMUM
45 25 4.0
UNITS
V V V
IC = 1.0 mA f = 1.0 MHz IC = 5.0 A f = 175-225 MHz
10
40 135
--pF dB dBc ---
VCE = 25 V POUT = 30 W
6.0
7.0 -50 3:1
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. B
1/2
ERROR! REFERENCE SOURCE NOT FOUND. TVV030A
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. B
1/2


▲Up To Search▲   

 
Price & Availability of TVV030A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X