Part Number Hot Search : 
MMSZ52 1N4732A AN41400A 200AA APC77176 TM32F DAT76191 MAX1906
Product Description
Full Text Search
 

To Download TVV020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TVV020
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI TVV020 is Designed for Television Band III Applications up to 225 MHz.
PACKAGE STYLE .500 4L STUD
45 A
FEATURES:
* Common Emitter * PG = 8.0 dB at 20 W/225 MHz * OmnigoldTM Metalization System
B OC D E
D S G
J I SEATING PLANE
S
MAXIMUM RATINGS
IC VCEO VCES VEBO PDISS TJ TSTG JC
O O
F
8.0 A
G
H
#10-32 UNF
35 V
DIM
MINIMUM
inches / m m
MAXIMUM
inches / m m
60 V 4.0 V 140 W @ TC = 25 C -65 C to +200 C -65 C to +150 C 1.5 C/W
O O O O
A B C D E F G H I J
1.010 / 25.65 .220 / 5.59 .495 / 12.57 .003 / 0.08 .160 / 4.06 .622 / 15.80 .100 / 2.54 .415 / 10.54 .720 / 18.29 .250 / 6.35
1.050 / 26.67 .230 / 5.84 .505 / 12.83 .007 / 0.18 .180 / 4.57 .130 / 3.31 .425 / 10.80 .290 / 7.37
ORDER CODE: ASI10659
O
CHARACTERISTICS
SYMBOL
BVCBO BVCER BVCEO BVEBO ICES hFE COB PG IMD3 IC = 50 mA IC = 50 mA IC = 50 mA IE = 10 mA VCB = 50 V VCE = 5.0 V VCB = 30 V
TC = 25 C
NONETEST CONDITIONS
RBE = 10
MINIMUM TYPICAL MAXIMUM
65 60 35 4.0 5.0
UNITS
V V V V mA --pF dB dBc
IC = 1.0 A f = 1.0 MHz IC = 2.5 A f = 225 MHz
20
120 85
VCE = 25 V POUT = 20 W
8.0 -51
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of TVV020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X