Part Number Hot Search : 
LMV358 8A712 L200C BAV19 4GIFD 1N4753 AS5115 BSERIES
Product Description
Full Text Search
 

To Download TVU05B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TVU0.5B
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI TVU0.5B is Designed for UHF and Television Band IV & V Applications.
PACKAGE STYLE .205 4L STUD
D
FEATURES:
* Common Emitter * PG = 12 dB at 0.5 W/860 MHz * OmnigoldTM Metalization System * Emitter Ballasting.
A C
B
G F
E
H
#8-32UNC
MAXIMUM RATINGS
IC VCBO VCEO VEBO PDISS TJ TSTG 2.0 A 45 V 25 V 3.5 V 31.8 W -65 C to +200 C -55 C to +150 C
DIM A B C D E F G H I J .161 / 4.100 .098 / 2.500 .200 / 5.100 .004 / 0.100 .425 / 10.800 .200 / 5.100 M INIM UM
inches / m m
J
M AX IM UM
inches / m m
.976 / 24.800 .976 / 24.800 .028 / 0.700 .138 / 3.500
1.000 / 25.4000 1.000 / 25.4000 .031 / 0.800 .196 / 5.000 .110 / 2.800 .208 / 5.300 .006 / 0.150 .465 / 11.800 2.05 / 5.200
ORDER CODE: ASI10642
CHARACTERISTICS
SYMBOL
BVCBO BVCE BVEBO ICBO hFE PG IMD1 IC = 20 mA
TC = 25 C NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
45 24 3.5 0.45
UNITS
V V V mA --dB dBc
IC = 1.0 mA IE = 0.25 mA VCB = 28 V VCE = 5.0 V IC = 100 mA
15 12 -58
120
VCE = 20 V IC = 150 mA f = 860 MHz f1 = 860 MHz ( 08 dBc), POUT = 0.5 W f2 = 863.5 MHz (-16 dBc), f3 =864.5 MHz (-7dBc)
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. C
1/2
ERROR! REFERENCE SOURCETVU0.5B NOT FOUND.
D
3
1
2
C
A
B
G F
E
H
#8-32U N C
J
D IM A B C D E F G H I J
M IN IM U M
inches / m m
M AX IM UM
inches / m m
.976 / 24.800 .976 / 24.800 .028 / 0.700 .138 / 3.500 .161 / 4.100 .098 / 2.500 .200 / 5.100 .004 / 0.100 .425 / 10.800 .200 / 5.100 1 = Collector 2 = Base
1.000 / 25.4000 1.000 / 25.4000 .031 / 0.800 .196 / 5.000 .110 / 2.800 .208 / 5.300 .006 / 0.150 .465 / 11.800 2.05 / 5.200 3 = Emitter
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. C
2/2


▲Up To Search▲   

 
Price & Availability of TVU05B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X