|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TRANSISTOR MODULE SQD300AA100 UL;E76102 M SQD300AA100 is a Darlington power transistor module with a high speed, high power Darlington transistor. The transistor has a reverse paralled fast recovery diode. The mounting base of the module is electrically isolated from semiconductor elements for simple heatsink construction. IC 300A, VCEX 1000V Low saturation voltage for higher efficiency. High DC current gain hFE Isolated mounting base Applications Moter Control VVVF , AC/DC Servo, UPS, Switching Power Supply, Ultrasonic Application Unit A Maximum Ratings Symbol VCBO VCEX VEBO IC IC IB PT Tj Tstg VISO Item Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Reverse Collector Current Base Current Total power dissipation Junction Temperature Storage Temperature Isolation Voltage Mounting Torque Mass Mounting M6 Terminal M6 Terminal M4 A.C.1minute Recommended Value 2.5 3.9 25 40 Recommended Value 2.5 3.9 25 40 Recommended Value 1.0 1.4 10 14 Typical Value TC 25 40 VBE 2V Conditions Ratings SQD300AA100 1000 1000 7 300 300 16 2000 150 40 125 2500 4.7 48 4.7 48 1.5 15 520 Tj 25 Unit V V V A A A W V Nm ( f B) g Tj 25 Electrical Characteristics Symbol ICBO IEBO VCEX SUS hFE VCE VBE sat sat Item Collector Cut-off Current Emitter Cut-off Current Collector Emitter Sustaning Voltage DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage On Time Switching Time Storage Time Fall Time Collector-Emitter Reverse Voltage Thermal Impedance (junction to case) VCB 1000V VEB 7V Ic 60A IB2 Conditions Ratings Min. Max. 2.0 800 Unit mA mA V 12A 1000 75 100 2.5 3.5 3.0 15.0 3.0 1.8 0.063 0.3 Ic 300A VCE 2.8V Ic 300A VCE 5V Ic 300A IB 6A Ic 300A IB 6A Vcc 600V Ic 300A 6A IB1 6A IB2 Ic 300A Transistor part Diode part V V s V /W ton ts tf VECO Rth j-c 47 SQD300AA100 48 TRANSISTOR MODULE SQD300AA120 UL;E76102 M SQD300AA120 is a Darlington power transistor module with a high speed, high power Darlington transistor. The transistor has a reverse paralled fast recovery diode. The mounting base of the module is electrically isolated from semiconductor elements for simple heatsink construction. IC 300A, VCEX 1200V Low saturation voltage for higher efficiency. High DC current gain hFE Isolated mounting base Applications Moter Control VVVF , AC/DC Servo, UPS, Switching Power Supply, Ultrasonic Application Unit A Maximum Ratings Symbol VCBO VCEX VEBO IC IC IB PT Tj Tstg VISO Item Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Reverse Collector Current Base Current Total power dissipation Junction Temperature Storage Temperature Isolation Voltage Mounting Torque Mass M6 Terminal M6 Terminal M4 A.C.1minute Recommended Value 2.5 3.9 25 40 Recommended Value 2.5 3.9 25 40 Recommended Value 1.0 1.4 10 14 Typical Value TC 25 40 VBE 2V Conditions Ratings SQD300AA120 1200 1200 10 300 300 16 2000 150 40 125 2500 4.7 48 4.7 48 1.5 15 470 Tj 25 Unit V V V A A A W V Nm ( f B) g Tj 25 Electrical Characteristics Symbol ICBO IEBO VCEX SUS hFE VCE VBE sat sat Item Collector Cut-off Current Emitter Cut-off Current Collector Emitter Sustaning Voltage DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage On Time Switching Time Storage Time Fall Time Collector-Emitter Reverse Voltage Thermal Impedance (junction to case) VCB 1200V VEB 10V Ic 60A IB2 Conditions Ratings Min. Max. 4.0 1200 Unit mA mA V 12A 1200 75 3.0 3.5 3.0 15.0 3.0 1.8 0.063 0.3 Ic 300A VCE 5V Ic 300A IB 6A Ic 300A IB 6A Vcc 600V Ic 300A 6A IB1 6A IB2 Ic 300A Transistor part Dioe part V V s V /W ton ts tf VECO Rth j-c 49 SQD300AA120 50 |
Price & Availability of SQD300AA100 |