Part Number Hot Search : 
RN73H1JT ML86410 P2103NV T060200 T060200 ON0975 MAZS068 934HW
Product Description
Full Text Search
 

To Download S50VB80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Bridge Diode
Square In-line Package
S50VB80
800V 50A
OUTLINE DIMENSIONS
Case : S50VB Unit : mm
RATINGS
Absolute Maximum Ratings Item Symbol Conditions Tstg Storage Temperature Tj Operating Junction Temperature VRM Maximum Reverse Voltage IO 50Hz sine wave, R-load, With heatsink, Tc=95 Average Rectified Forward Current IFSM 50Hz sine wave, Non-repetitive 1cycle peak value, Tj=25 Peak Surge Forward Current I2t 1mst10msc=25 Current Squared Time Vdis Terminals to case, AC 1 minute Dielectric Strength TOR Recommended torque : 0.6Nm Mounting Torque Electrical Characteristics (Tc=25) Item Symbol Conditions VF IF=25A, Pulse measurement, Rating of per diode Forward Voltage IR VR=VRM, Pulse measurement, Rating of per diode Reverse Current Thermal Resistance jc junction to case Ratings Unit -40150 150 800 V 50 A 500 A 800 A2 2 kV 0.8 Nm Ratings Unit Max.1.05 V Max.10 A Max.0.5 /W
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
S50VBx
100
Forward Voltage
10
Forward Current IF [A]
Tc=150C [TYP]
Tc=25C [TYP]
1
Pulse measurement per diode
0.1 0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
Forward Voltage VF [V]
S50VBx
160 140
Forward Power Dissipation
Forward Power Dissipation PF [W]
120 100 80 60 40 20 0
SIN
0
10
20
30
40
50
60
70
80
Average Rectified Forward Current IO [A]
Tj = Tjmax
S50VBx
80
Derating Curve
Average Rectified Forward Current IO [A]
70 60 50 40 30 20 10 0 SIN
0
20
40
60
80
100
120
140
160
Case Temperature Tc [C]
VR = VRM 0 0
IO
VR tp D=tp /T T
S50VBx
700
Peak Surge Forward Capability
IFSM
10ms 10ms
600
1 cycle
Peak Surge Forward Current IFSM [A]
non-repetitive, sine wave, Tj=25C before surge current is applied
500
400
300
200
100
0
1
2
5
10
20
50
100
Number of Cycles [cycles]


▲Up To Search▲   

 
Price & Availability of S50VB80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X