Part Number Hot Search : 
2SD1733 DF150 10R0J 276BC2 4812S OPB900L LT19331 LT19331
Product Description
Full Text Search
 

To Download IDT74CBTLV3125 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT74CBTLV3125 LOW-VOLTAGE QUADRUPLE BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
LOW-VOLTAGE QUADRUPLE BUS SWITCH
IDT74CBTLV3125
FEATURES:
- - - - - - - - - Pin-Out Compatible with Standard `125 Logic Products 5 A/B bi-directional switch Isolation Under Power-Off Conditions Over-voltage tolerant Latch-up performance exceeds 100mA VCC = 2.3V - 3.6V, normal range ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0) Output Enable, Active Low Available in TSSOP and QSOP packages
DESCRIPTION:
The CBTLV3125 features four independent switches. Each switch is enabled when the associated output-enable (OE) input is low. To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
APPLICATIONS:
- 3.3V High Speed Bus Switching and Bus Isolation
FUNCTIONAL BLOCK DIAGRAM
1A 2
SW
SIMPLIFIED SCHEMATIC, EACH SWITCH
1B
3
1OE
1
2A
5
SW
6
2B
A B
2OE
4
3A
9
SW
8
3B
3OE
10
OE
4A
12
SW
11
4B
4OE
4
NOTE: 1. Pin numbers shown apply to the 14-pin TSSOP package.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
c 2001 Integrated Device Technology, Inc.
MARCH 2001
DSC-5744/2
IDT74CBTLV3125 LOW-VOLTAGE QUADRUPLE BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
1OE 1A 1B 2OE 2A 2B GND
1 2 3 4 5 6 7 SO14-3
14 13 12 11 10 9 8
VCC 4OE 4A 4B 3OE 3A 3B
NC 1OE 1A 1B 2OE 2A 2B GN D
1 2 3 4 SO16-7 5 6 7 8
16 15 14 13 12 11 10 9
VCC 4OE 4A 4B 3OE 3A 3B NC
TSSOP TOP VIEW
QSOP TOP VIEW
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI IIK TSTG Description Supply Voltage Range Input Voltage Range Continuous Channel Current Input Clamp Current, , VI/O < 0 Storage Temperature Max. -0.5 to 4.6 -0.5 to 4.6 128 -50
(1)
Unit V V mA mA C
FUNCTION TABLE
Input OE L H
NOTE: 1. H = HIGH Voltage Level L = LOW Voltage Level
(1)
Inputs/Outputs A Port = B Port Disconnect
-65 to +150
NOTE: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
OPERATING CHARACTERISTICS, TA = 25C
Symbol VCC VIH Parameter Supply Voltage High-Level Control Input Voltage VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V VIL Low-Level Control Input Voltage VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V TA Operating Free-Air Temperature Test Conditions Min. 2.3 1.7 2 -- -- -40 Max. 3.6 -- -- 0.7 0.8 85 C V Unit V V
NOTE: 1. All unused control inputs of the device must be held at VCC or GND to ensure proper operation of the device.
2
IDT74CBTLV3125 LOW-VOLTAGE QUADRUPLE BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Operating Condition: TA = - 40C to +85C
Symbol VIK II IOZ IOFF ICC ICC (2) CI CIO(OFF) Max at VCC = 2.3V Typ at VCC = 2.5V
RON (3)
Parameter Control Inputs, Data I/O Control Inputs, Data I/O Data I/O
Test Conditions VCC = 3V, II = -18mA VCC = 3.6V, VI = VCC or GND VCC = 3.6V, VO = 0V or 3.6V switch disabled VCC = 0, VI or VO = 0 to 3.6V VCC = 3.6V, IO = 0, VI = VCC or GND
Min. -- -- -- -- -- -- -- --
Typ. (1) -- -- -- -- -- -- 4 6 5 5 27 5 5 10
Max. - 1.2 1 5 50 10 300 -- -- 8 8 40 7 7 15
Unit V A A A A A pF pF
Control Inputs Control Inputs
VCC = 3.6V, One input at 3V, Other inputs at VCC or GND VI = 3V or 0 VO = 3V or 0, OE = VCC VI = 0 VI = 1.7V VI = 0 IO = 64mA IO = 24ma IO = 15mA IO = 64mA IO = 24mA VI = 2.4V IO = 15mA
-- -- -- -- -- --
VCC = 3V
NOTES: 1. Typical values are at VCC = 3.3V, +25C ambient. 2. The increase in supply current is attributable to each input that is at the specified voltage level rather than VCC or GND. 3. This is measured by the voltage drop between the A and B terminals at the indicated current through the switch.
SWITCHING CHARACTERISTICS
VCC = 2.5V 0.2V Symbol tPD(1) tEN tDIS Parameter Propagation Delay A to B or B to A Output Enable Time OE to A or B Output Disable Time OE to A or B Min. - 1 1 Max. 0.15 4.6 3.9 VCC = 3.3V 0.3V Min. - 1 1 Max. 0.25 4.4 4.2 Unit ns ns ns
NOTE: 1. The propagation time is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance when driven by an ideal voltage source (zero output impedance).
3
IDT74CBTLV3125 LOW-VOLTAGE QUADRUPLE BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
TEST CIRCUITS AND WAVEFORMS
TEST CONDITIONS
Symbol VLOAD VIH VT VLZ VHZ CL VCC(1)= 3.3V 0.3V 6 3 1.5 300 300 50 VCC(2)= 2.5V 0.2V 2 x Vcc Vcc VCC/2 150 150 30 Unit V V V mV mV pF
OPPOSITE PHASE INPUT TRANSITION OUTPUT tPLH tPHL
PROPAGATION DELAY
SAME PHASE INPUT TRANSITION tPLH tPHL VIH VT 0V VOH VT VOL VIH VT 0V
TEST CIRCUITS FOR ALL OUTPUTS
VCC 500 Pulse Generator
(1, 2)
ENABLE AND DISABLE TIMES
ENABLE DISABLE VIH VT 0V VLOAD/2 VOL + VLZ VOL VOH VOH -VHZ 0V
VLOAD Open GND CONTROL INPUT tPZL OUTPUT SWITCH NORMALLY CLOSED LOW tPZH OUTPUT SWITCH NORMALLY OPEN HIGH VLOAD/2 VT
VIN D.U.T.
VOUT
tPLZ
RT
500 CL
tPHZ VT 0V
DEFINITIONS: 1. CL = Load capacitance: includes jig and probe capacitance. 2. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator. NOTES: 1. Pulse Generator for all pulses: Rate 10MHz; tF 2.5ns; tR 2.5ns. 2. Pulse Generator for all pulses: Rate 10MHz; tF 2ns; tR 2ns.
NOTE: 1. Diagram shown for input control Enable-LOW and input Control Disable-HIGH.
SWITCH POSITION
Test tPLZ/tPZL tPHZ/tPZH
tPD
Switch VLOAD GND Open
4
IDT74CBTLV3125 LOW-VOLTAGE QUADRUPLE BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDT XX CBTLV XXXX Device Type X Package
Tem p. R ange
PG Q
Thin Shrink Sm all Outline Package (SO14-3) Quarter Sm all Outline Package (SO16-7)
3125
Low-Voltage Quadruple Bus Switch
74
-40C to +85C
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
5


▲Up To Search▲   

 
Price & Availability of IDT74CBTLV3125

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X