Part Number Hot Search : 
52000 D1005 D4004 SA120 ON2947 ZTX555 23990 LTC2600
Product Description
Full Text Search
 

To Download BCM6420 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM6410/6420
PRODUCT
(R)
Brief
OF BENEFITS
LOW-POWER, HIGH-DENSITY CENTRAL OFFICE ADSL SOLUTION
BCM6410/6420 FEATURES SUMMARY
* Low-power, high-density Central Office ADSL solution Lowest power per channel: * (worst-case line conditions),less than 1W per channel including the line driver
Highest * channelsdensity two-chip solution implements 12 of full-rate ADSL Smallest modem production ready design is * just 650 mm2 perfootprint: using only eight PCB layers channel, Complete standards support: * G.992.1 (G.dmt) Annex A, B, CANSI T1.413 issue2, ITU & H, ITU G.992.2 (G.lite), ITU G.992.3 (ADSL2) Annex A, B, J (extended upstream), L (RE-ADSL), and ITU G.992.5 (ADSL2+)
* Superior rate-reach performance * Proven worldwide interoperability * System-wide power cut-back techniques deliver in-
service power savings and patented power reduction technologies deliver unmatchable low-power consumption using standard class AB line drivers booting and management (processor-less line cards)
* Complete G.997.1 on chip support enabling remote
Fully soft modem implementation * unprecedented feature richness supports Loop condition * service lines testing and capacity estimation on in-
* Shared clocks and power supplies reduce line card cost * No external devices (e.g., memory) are required * Designed to operate with a wide range of line driver
devices
* Full design-in support provided
BladeRunnerTM Central Office ADSL System
UTOPIA 2
CTRL
BCM6410
SPROM (optional) External Controller (optional)
SYNC TX RX CLK
BCM6420
12-Channel xDSL Integrated AFE IC
AFE Line Interface 12 off AFE Line Interface
12-Channel DSL Digital Transceiver IC
35.328 MHz Clock


▲Up To Search▲   

 
Price & Availability of BCM6420

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X