Part Number Hot Search : 
AN6480 AT76C001 2SD1296 GBL201 UCA64XX ZMD12B 74LCX54 CXA1315M
Product Description
Full Text Search
 

To Download 74V1G125 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
74V1G125
SINGLE BUS BUFFER (3-STATE)
s s
s
s s
s
s
s
HIGH SPEED: tPD = 3.8 ns (TYP.) at VCC = 5V LOW POWER DISSIPATION: ICC = 1 A (MAX.) at TA = 25 oC HIGH NOISE IMMUNITY: VNIH = VNIL = 28% VCC (MIN.) POWER DOWN PROTECTION ON INPUTS SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 8 mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCC (OPR) = 2V to 5.5V IMPROVED LATCH-UP IMMUNITY
S (SOT23-5L) ORDER CODE: 74V1G125S
C (SC-70)
DESCRIPTION The 74V1G125 is an advanced high-speed CMOS SINGLE BUS BUFFER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.
3-STATE control input G has to be set high to place the output into the high impedance state. Power down protection is provided on all inputs and 0 to 7V can be accepted on inputs with no regard to the supply voltage. This device can be used to interface 5V to 3V.
PIN CONNECTION AND IEC LOGIC SYMBOLS
October 1999
1/8
74V1G125
INPUT EQUIVALENT CIRCUIT PIN DESCRIPTION
PIN No 1 2 4 3 5 SYMBOL 1G 1A 1Y GND VCC NAME AND FUNCT ION Output Enable Input Data Input Data Output Ground (0V) Positive Supply Voltage
TRUTH TABLE
A X L H
X:"H" or "L" Z:High Impadance
G H L L
Y Z L H
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7.0 -0.5 to +7.0 -0.5 to VCC + 0.5 - 20 20 25 50 -65 to +150 260 Unit V V V mA mA mA mA
o o
ICC or IGND DC VCC or Ground Current
C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top dt/dv Supply Voltage Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time (see note 1) (VCC = 3.3 0.3V) (V CC = 5.0 0.5V) Parameter Valu e 2.0 to 5.5 0 to 5.5 0 to VCC -40 to +85 0 to 100 0 to 20 Unit V V V
o
C
ns/V ns/V
1) VIN from 30% to70%of VCC
2/8
74V1G125
DC SPECIFICATIONS
Symb ol Parameter T est Cond ition s V CC (V) VIH VIL VOH High Level Input Voltage Low Level Input Voltage High Level Output Voltage 2.0 3.0 to 5.5 2.0 3.0 to 5.5 2.0 3.0 4.5 3.0 4.5 VOL Low Level Output Voltage 2.0 3.0 4.5 3.0 4.5 IOZ High Impedance Output Leakage Current Input Leakage Current Quiescent Supply Current 5.5 0 to 5.5 5.5 I O =-50 A IO=-50 A IO=-50 A IO=-4 mA IO=-8 mA I O=50 A IO=50 A IO=50 A IO=4 mA IO=8 mA VI = VIH or VIL VO = VCC or GND VI = 5.5V or GND VI = VCC or GND 1.9 2.9 4.4 2.58 3.94 0.0 0.0 0.0 0.1 0.1 0.1 0.36 0.36 0.25 2.0 3.0 4.5 Min. 1.5 0.7VCC 0.5 0.3VCC 1.9 2.9 4.4 2.48 3.8 0.1 0.1 0.1 0.44 0.44 2.5 A V V Typ . Value T A = 25 o C Max. -40 to 85 o C Min . 1.5 0.7VCC 0.5 0.3VCC Max. V V Un it
II ICC
0.1 1
1.0 10
A A
AC ELECTRICAL CHARACTERISTICS (Input t r = tf =3 ns)
Symb ol Parameter V CC (V) tPLH tPHL Propagation Delay Time Test Co ndition CL (pF ) 15 50 15 50 15 50 15 50 50 50 Value o T A = 25 C Min. Typ . Max. 5.6 8.0 8.1 3.8 5.3 5.4 7.9 3.6 5.1 9.5 6.1 11.5 5.5 7.5 8.0 11.5 5.0 7.0 13.0 8.5 Un it -40 to 85 C Min . Max. 1.0 9.5 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 13.0 6.5 8.5 9.5 13.0 6.0 8.0 15.0 10.0 ns
o
3.3(*) 3.3 5.0(**) 5.0 3.3(*) 3.3(*) 5.0(**) 5.0(**) 3.3(*) 5.0(**)
(**) (*)
tPLZ tPHZ
Output Disable Time
R L = 1K
ns
tPZL tPZH
Output Enable Time
R L = 1K
ns
(*) Voltage range is 3.3V 0.3V (**) Voltage range is 5V 0.5V
3/8
74V1G125
CAPACITIVE CHARACTERISTICS
Symb ol Parameter Test Co nditions Min. C IN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance (note 1) T yp. 4 6 14 10 10 Valu e T A = 25 oC Max. -40 to 85 o C Min. Max. pF pF pF Un it
1) CPD isdefined as the value of the IC'sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. (Referto Test Circuit).Average operting current can be obtained by the following equation. ICC(opr) = CPD * VCC * fIN + ICC
TEST CIRCUIT
T EST tPLH , tPHL tPZL , tPLZ tPZH , tPHZ
CL = 15/50 pF or equivalent (includes jig and probe capacitance) RL = R1 = 1K orequivalent RT = ZOUT of pulse generator (typically 50)
SW IT CH Open VCC GND
4/8
74V1G125
WAVEFORM 1: PROPAGATION DELAYS (f=1MHz; 50% duty cycle)
WAVEFORM 2: OUTPUT ENABLE AND DISABLE TIME (f=1MHz; 50% duty cycle)
5/8
74V1G125
SOT23-5L MECHANICAL DATA
mm MIN. A A1 A2 b C D E E1 L e e1 0.90 0.00 0.90 0.35 0.09 2.80 2.60 1.50 0.35 0.95 1.9 TYP. MAX. 1.45 0.15 1.30 0.50 0.20 3.00 3.00 1.75 0.55 MIN. 35.4 0.0 35.4 13.7 3.5 110.2 102.3 59.0 13.7 37.4 74.8 mils TYP. MAX. 57.1 5.9 51.2 19.7 7.8 118.1 118.1 68.8 21.6
DIM.
6/8
74V1G125
SC-70 MECHANICAL DATA
mm MIN. A A1 A2 b C D E E1 L e e1 0.80 0.00 0.80 0.15 0.10 1.80 1.80 1.15 0.10 0.65 1.3 TYP. MAX. 1.10 0.10 1.00 0.30 0.18 2.20 2.40 1.35 0.30 MIN. 31.5 0.0 31.5 5.9 3.9 70.9 70.9 45.3 3.9 25.6 51.2 mils TYP. MAX. 43.3 3.9 39.4 11.8 7.1 86.6 94.5 53.1 11.8
DIM.
7/8
74V1G125
Information furnished is believed to be accurate and reliable. However, STMicroelectronic s assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems withoutexpress written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com .
8/8


▲Up To Search▲   

 
Price & Availability of 74V1G125

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X