Part Number Hot Search : 
CAT1021 DDTC144 C390X500 XBXXX MBR20 SFH4650 BC10R A7500
Product Description
Full Text Search
 

To Download WW1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRODUCT BULLETIN WW-SERIES
FLAMEPROOF WIREWOUND RESISTORS
1 TO 10 WATT 0.1% THRU 10% TOLERANCE SILICONE COATED HIGH PURITY CERAMIC CORE STAINLESS STEEL END CAPS TINNED COPPER-CLAD STEEL LEADS WELDED CONSTRUCTION PACKAGED TAPE & REEL OR BULK AVAILABLE IN NON-INDUCTIVE STYLE MEETS REQUIREMENTS FOR MIL-R-26
1.375" Min.
WILLOW TECHNOLOGIES LTD. SHAWLANDS COURT, NEWCHAPEL ROAD LINGFIELD, SURREY, RH7 6BL, ENGLAND Tel. + 44 (0) 1342 835234 Fax. + 44 (0) 1342 834306 E-mail rob@willow.co.uk Website http://www.willow.co.uk
Specifications
PRP Style
WW1/2 WW1 WW2 WW3 WW4 WW5 WW7 WW10 Wattage U
.75 1.0 2.0 3.0 4.0 5.0 7.0 10.0
V
1.0 1.5 2.6 3.6 5.0 6.5 8.0 11.0
Resistance Range
0.1 0.1 .02 .01 0.1 .01 0.1 0.1 to 5.23K to 5.0K to 7.2K to 9.5K to 14.0K to 42.0K to 63.0K to 92.0K
Voltage U
32 44 65 130 210 360 490 632
V
44 54 77 147 250 410 530 700
L
D
d
Dimensions
PRP Style
WW1/2 WW1 WW2 WW3 WW4 WW5 WW7 WW10 DIMENSIONS Inches L
.266 .015 .400 .030 .460 .030 .490 .030 .550 .030 .910 .030 1.250 .060 1.750 .060
Dimensional Correlation
D
.095 .015 .100 .030 .175 .030 .210 .030 .220 .030 .295 .030 .295 .030 .295 .030
Lead Dia. (d)
.025 * .025 * .032 .032 .032 .032 .032 .032
in.
.015 .020 .025 .030 .032 .060 .095 .100 .175 .210 .220 .266 .295 .400 .460 .490 .550 .910 1.25 1.75
mm
0.38 0.5 0.64 0.76 0.81 1.52 2.41 2.54 4.45 5.33 5.59 6.76 7.49 10.2 11.7 12.4 14.0 23.1 31.8 44.5
* ALSO AVAILABLE IN .020
Temperature
TC20 = 20PPM/C, 10 ohm and above. TC50 = 50PPM/C, 1 ohm - 9.9 ohm. TC90 = 90PPM/C, below 1 ohm.
How to Order
Sample Part Number WW1 TC20 7.5K 1% S
Options N = Non-Inductive Resistance Tolerance Resistance Value Temperature Coefficient Type
DEDICATION TO EXCELLENCE
Subject to change without notice Continued on reverse side
S = Standard
ENVIRONMENTAL SPECIFICATIONS
LOAD LIFE MOISTURE RESISTANCE THERMAL SHOCK SHORT TIME OVERLOAD DIELECTRIC STRENGTH LOW TEMP. STORAGE HIGH TEMP. EXPOSURE TERMINAL STRENGTH SHOCK VIBRATION
CHARACTERISTIC
U .5% + .05 .2% + .05 .2% + .05 .2% + .05 .1% + .05 .2% + .05 .5% + .05 .1% + .05 .1% + .05 .1% + .05 V 3.0% + .05 .2% + .05 .2% + .05 .5% + .05 .1% + .05 .2% + .05 .5% + .05 .1% + .05 .1% + .05 .1% + .05
Derating Curve
100 80 LOAD % 60
CHAR. U CHAR. V
40 20 0
25 50 75 100 125 150 175 200 225 250 275 300 325 350
AMBIENT TEMP (C)
WW Series resistors have an operating temperature of -55C to +350C. They must be derated for use at high ambient temperatures as shown above. Resistors with characteristic V are available in 3%, 5% and 10% only.
Subject to change without notice


▲Up To Search▲   

 
Price & Availability of WW1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X