Part Number Hot Search : 
74LS541 40C100 MSC8001 NTE3087 16N80 3EVKI 11LC160 AD83761
Product Description
Full Text Search
 

To Download VP2020L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VP2020L, BSS92
Vishay Siliconix
P-Channel 200-V (D-S) MOSFETs
PRODUCT SUMMARY
Part Number
VP2020L BSS92
V(BR)DSS Min (V)
-200 -200
rDS(on) Max (W)
20 @ VGS = -4.5 V 20 @ VGS = -10 V
VGS(th) (V)
-0.8 to -2.5 -0.8 to -2.8
ID (A)
-0.12 -0.15
FEATURES
D D D D D High-Side Switching Secondary Breakdown Free: -220 V Low On-Resistance: 11.5 W Low-Power/Voltage Driven Excellent Thermal Stability
BENEFITS
D D D D D Ease in Driving Switches Full-Voltage Operation Low Offset Voltage Easily Driven Without Buffer No High-Temperature "Run-Away"
APPLICATIONS
D Drivers: Relays, Solenoids, Lamps, Hammers, Displays, Memories, Transistors, etc. D Power Supply, Converters D Motor Control D Switches
TO-226AA (TO-92)
S 1 Device Marking Front View "S" VP 2020L xxyy "S" = Siliconix Logo xxyy = Date Code
TO-92-18CD (TO-18 Lead Form)
S 1 Device Marking Front View "S" BS S92 xxyy "S" = Siliconix Logo xxyy = Date Code
G
2
D
2
D
3
G
3
Top View VP2020L
Top View BSS92
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C) _ Pulsed Drain Currenta Power Dissipation Thermal Resistance, Junction-to-Ambient Operating Junction and Storage Temperature Range Notes a. Pulse width limited by maximum junction temperature. Document Number: 70210 S-04279--Rev. E, 16-Jun-01 www.vishay.com TA= 25_C TA= 100_C TA= 25_C TA= 100_C
Symbol
VDS VGS ID IDM PD RthJA TJ, Tstg
VP2020L
-200 "20 -0.12 -0.08 -0.48 0.8 0.32 156 -55 to 150
BSS92
-200 "20 -0.15 -0.09 -0.6 1.0 0.4 125
Unit
V
A
W _C/W _C
11-1
VP2020L, BSS92
Vishay Siliconix
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
VP2020L BSS92
Parameter Static
Drain-Source Breakdown Voltage Gate-Threshold Voltage Gate-Body Leakage
Symbol
Test Conditions
VGS = 0 V, ID = -10 mA VGS = 0 V, ID = -250 mA VDS = VGS, ID = -1 mA VDS = 0 V, VGS = "20 V TJ = 125_C VDS = 0.8 x V(BR)DSS, VGS = 0 V TJ = 125_C
Typa
Min
Max
Min
Max
Unit
-220 -220 -1.9 -0.8 -2.5 "10 "50 -1 -100 -60 -200 -0.2 -250 11.5 15 28 15 28 170 170 -0.9 100 60 -1.2 mS V 20 40 W -100 20 mA m mA -200 -0.8 -2.8 "100 nA V
V(BR)DSS VGS(th) IGSS
Zero Gate Voltage Drain Current
IDSS
VDS = -200 V, VGS = 0 V TJ = 125_C VDS = -60 V, VGS = 0 V
On-State Drain Currentb
ID(on)
VDS = -10 V, VGS = -4.5 V VGS = -10 V, ID = -0.1 A VGS = -4.5 V, ID = -0.1 A
Drain-Source On-Resistanceb
rDS(on)
TJ = 125_C VGS = -4.5 V, ID = -0.05 A TJ = 125_C VDS = -10 V, ID = -0.1 A VDS = -25 V, ID = -0.1 A IS = -0.3 A, VGS = 0 V
Forward Transconductanceb Diode Forward Voltage
gfs VSD
Dynamic
Input Capacitance Output Capacitance Reverse Transfer Capacitance Ciss Coss Crss VDS = -25 V, VGS = 0 V f = 1 MHz 30 10 3 70 20 10 130 30 15 pF
Switchingc
Turn-On Time td(on) tr td(off) tf VDD = -25 V, RL = 250 W ID ^ -0.1 A, VGEN = -10 V RG = 25 W 6 8 18 17 10 15 30 25 VPDQ20 ns
Turn-Off Time
Notes a. For DESIGN AID ONLY, not subject to production testing. b. Pulse test: PW v300 ms duty cycle v2%. c. Switching time is essentially independent of operating temperature.
www.vishay.com
11-2
Document Number: 70210 S-04279--Rev. E, 16-Jun-01
VP2020L, BSS92
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Ohmic Region Characteristics
-500 -100
Output Characteristics for Low Gate Drive
-400 ID - Drain Current (mA)
VGS = -10 V ID - Drain Current (mA) -6 V -5 V -4.5 V -4 V
-80
VGS = -4 V -3.6 V
-300
-60
-200
-40
-3 V
-100
-3 V
-20
-2 V
0 0 -1 -2 -3 -4 -5 VDS - Drain-to-Source Voltage (V)
0 0 -0.4 -0.8 -1.2 -1.6 -2.0 VDS - Drain-to-Source Voltage (V)
Transfer Characteristics
-100 VDS = -15 V 25_C rDS(on) - On-Resistance ( ) -80 ID - Drain Current (mA) 18 20
On-Resistance vs. Gate-to-Source Voltage
16
-60
14
ID = -0.1 A
-40
12 -0.05 A
-20
TJ = 125_C -55_C
10
-0.02 A
0 0 -1 -2 -3 -4 -5 VGS - Gate-Source Voltage (V)
8 0 -4 -8 -12 -16 -20 VGS - Gate-Source Voltage (V)
On-Resistance
25 rDS(on) - Drain-Source On-Resistance ( ) (Normalized) rDS(on) - Drain-Source On-Resistance ( ) 2.25 2.00 1.75 1.50 1.25 1.00 0.75 0.50 0 -50 -100 -150 -200 -250 -50
Normalized On-Resistance vs. Junction Temperature
VGS = -4.5 V ID = -0.1 A
20 VGS = -4.5 V 15
-10 V
10
5
0
-10
30
70
110
150
VGS - Gate-Source Voltage (V)
TJ - Junction Temperature (_C)
Document Number: 70210 S-04279--Rev. E, 16-Jun-01
www.vishay.com
11-3
VP2020L, BSS92
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Threshold Region
-10.0 VDS = -5 V 100 ID - Drain Current (mA) C - Capacitance (pF) 120 VGS = 0 V f = 1 MHz
Capacitance
-1.0 TJ = 150_C
80
60
-0.1
25_C 125_C -55_C
40
Ciss Coss Crss 0 -10 -20 -30 -40 -50
20
-0.01 0 -1.0 -2.0 -3.0 -3.5
0 VGS - Gate-to-Source Voltage (V)
VDS - Drain-to-Source Voltage (V)
Gate Charge
-12 ID = -0.1 A VGS - Gate-to-Source Voltage (V) -10 100
Load Condition Effects on Switching
tf VDD = -25 V RG = 25 W VGS = 0 to -10 V
td(off) -8 VDS = -100 V -6 -160 V -4 t - Switching Time (ns)
10 tr td(on)
-2
0 0 0.5 1.0 1.5 2.0 2.5 Qg - Total Gate Charge (nC)
1 -10 -100 ID - Drain Current (A) -1000
Normalized Effective Transient Thermal Impedance, Junction-to-Ambient (TO-226AA)
1 Duty Cycle = 0.5 Normalized Effective Transient Thermal Impedance
0.2 0.1 0.1 0.05 0.02
t1 t2 1. Duty Cycle, D = t1 t2 Notes: PDM
0.01 Single Pulse 0.01 0.1 1.0 10 100
2. Per Unit Base = RthJA = 156_C/W 3. TJM - TA = PDMZthJA(t)
1K
10 K
t1 - Square Wave Pulse Duration (sec)
www.vishay.com
11-4
Document Number: 70210 S-04279--Rev. E, 16-Jun-01


▲Up To Search▲   

 
Price & Availability of VP2020L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X