Part Number Hot Search : 
4051BCP UFPBF T8502 AQV210S 80851 PMX1GG EP910I CSS1013S
Product Description
Full Text Search
 

To Download UPA1708G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS FIELD EFFECT TRANSISTOR
PA1708
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
DESCRIPTION
This product is N-Channel MOS Field Effect Transistor designed for DC/DC converters and power management switch.
8
PACKAGE DRAWINGS (Unit : mm)
5 1,2,3 ; Source ; Gate 4 5,6,7,8 ; Drain
FEATURES
* Low on-resistance RDS(on)1 = 18.0 m (TYP.) (VGS = 10 V, ID = 3.5 A)
1.44
1 5.37 MAX.
+0.10 -0.05
4
6.0 0.3 4.4 0.8
RDS(on)2 = 28.0 m (TYP.) (VGS = 4.5 V, ID = 3.5 A) * Low Ciss : Ciss = 730 pF (TYP.) * Built-in G-S protection diode * Small and surface mount package (Power SOP8)
1.8 MAX.
0.15
0.05 MIN.
0.5 0.2 0.10
1.27 0.78 MAX. 0.40
+0.10 -0.05
0.12 M
ORDERING INFORMATION
PART NUMBER PACKAGE Power SOP8
PA1708G
EQUIVARENT CIRCUIT ABSOLUTE MAXIMUM RATINGS (TA = 25C, All terminals are connected)
Drain to Source Voltage Gate to Source Voltage Drain Current (DC) Drain Current (pulse)
Note3 Note4 Note1 Note2
VDSS VGSS ID(DC) ID(pulse) PT Tch Tstg
40 25 7.0 28 2.0 150 -55 to + 150
V V A A W C C
Gate
Drain
Body Diode
Total Power Dissipation (TA = 25C) Channel Temperature Storage Temperature Notes 1. VGS = 0 V 2. VDS = 0 V
Gate Protection Diode
Source
3. PW 10 s, Duty Cycle 1 % 4. Mounted on ceramic substrate of 1200 mm x 1.7mm Remark The diode connected between the gate and source of the transistor serves as a protector against ESD. When this device actually used, an additional protection circuit is externally required if a voltage exceeding the rated voltage may be applied to this device.
The information in this document is subject to change without notice.
2
Document No. G13603EJ1V0DS00 (1st edition) Date Published November 1998 NS CP(K) Printed in Japan
(c)
1998
PA1708
ELECTRICAL CHARACTERISTICS (TA = 25C, All terminals are connected)
CHARACTERISTICS Drain to Source On-state Resistance SYMBOL RDS(on)1 RDS(on)2 Gate to Source Cut-off Voltage Forward Transfer Admittance Drain Leakage Current Gate to Source Leakage Current Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate to Source Charge Gate to Drain Charge Body Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VGS(off) | yfs | IDSS IGSS Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD VF(S-D) trr Qrr TEST CONDITIONS VGS = 10 V, ID = 3.5 A VGS = 4.5 V, ID = 3.5 A VDS = 10 V, ID = 1 mA VDS = 10 V, ID = 3.5 A VDS = 40 V, VGS = 0 V VGS = 25 V, VDS = 0 V VDS = 10 V VGS = 0 V f = 1 MHz ID = 3.5 A VGS(on) = 10 V VDD = 20 V RG = 10 ID = 7.0 A VDD = 32 V VGS = 10 V IF = 7.0 A, VGS = 0 V IF = 7.0 A, VGS = 0 V di/dt = 100 A/ s 730 340 150 16 96 49 30 20 2.5 6.8 0.8 32 25 1.5 4.0 MIN. TYP. 18.0 28.0 2.0 8.4 10 10 MAX. 24.0 40.0 2.5 UNIT m m V S
A A
pF pF pF ns ns ns ns nC nC nC V ns nC
TEST CIRCUIT 1 SWITCHING TIME
TEST CIRCUIT 2 GATE CHARGE
D.U.T.
D.U.T. RL PG. RG RG = 10 VDD
ID 90 % 90 % ID 0 10 % td(on) ton tr td(off) toff 10 % tf VGS
IG = 2 mA
VGS(on) 90 %
VGS
Wave Form
RL VDD
0
10 %
PG.
50
VGS 0 = 1 s Duty Cycle 1 %
ID
Wave Form
2
PA1708
TYPICAL CHARACTERISTICS (TA = 25 C)
DERATING FACTOR OF FORWARD BIAS SAFE OPERATING AREA 2.8
TOTAL POWER DISSIPATION vs. AMBIENT TEMPERATURE
dT - Percentage of Rated Power - %
PT - Total Power Dissipation - W
100 80 60 40 20
2.4 2.0 1.6 1.2 0.8 0.4 0 20 40 60 80
Mounted on ceramic substrate of 1200mm 2 x1.7mm
0
20
40
60
80
100 120 140 160
100 120 140 160
TA - Ambient Temperature - C
TA - Ambient Temperature - C
FORWARD BIAS SAFE OPERATING AREA 100
d ite im V) )L 0 on 1 = S( RD VGS (
Mounted on ceramic substrate of 1200mm2 x 1.7mm
DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE Pulsed
ID(pulse) = 28 A
ID - Drain Current - A
10
1
ID(DC) = 7 A
10
10 0 m s
m
s
m
s
ID - Drain Current - A
Pw
=
30
VGS = 10 V
Po
we
20
4.5 V
rD
1
iss
ipa
tio
n
Lim
10
0.1 0.1
TA = 25 C Single Pulse 1
ite
d
10
100
0
0.2
0.4
0.6
0.8
VDS - Drain to Source Voltage - V
VDS - Drain to Source Voltage - V
FORWARD TRANSFER CHARACTERISTICS 100 Pulsed
ID - Drain Current - A
10
1
TA = 75C 125C 150C
TA = 25C -25C -50C
0.1
VDS = 10 V
0
1
2
3
4
5
6
7
8
VGS - Gate to Source Voltage - V
3
PA1708
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH 1 000
rth(t) - Transient Thermal Resistance - C/W
100
Rth(ch-a) = 62.5C/W
10
1
0.1
0.01 0.001 100
Mounted on ceramic substrate of 1200mm2 x 1.7mm Single Pulse
1m
10 m
100 m
1
10
100
1 000
10 000
PW - Pulse Width - s
FORWARD TRANSFER ADMITTANCE vs. DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE vs. GATE TO SOURCE VOLTAGE 70 60 50 40 30 20 10 0 5 10 15 ID = 3.5 A Pulsed
|yfs| - Forward Transfer Admittance - S
100
VDS =10 V Pulsed
TA = -50C -25C 25C
10
75C 125C 150C
1
0.1
1
10
100
RDS(on) - Drain to Source On-state Resistance - m
VGS - Gate to Source Voltage - V
ID- Drain Current - A
RDS(on) - Drain to Source On-state Resistance - m
80 70 60 50 40 30 20 10 0 1 10 ID - Drain Current - A 10 V
VGS(off) - Gate to Source Cut-off Voltage - V
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT Pulsed
GATE TO SOURCE CUT-OFF VOLTAGE vs. CHANNEL TEMPERATURE 4 VDS = 10 V ID = 1 mA
3
VGS = 4.5 V
2
1
0 -50 0 50 100 150 Tch - Channel Temperature - C
100
4
PA1708
RDS(on) - Drain to Source On-state Resistance - m
DRAIN TO SOURCE ON-STATE RESISTANCE vs. CHANNEL TEMPERATURE
SOURCE TO DRAIN DIODE FORWARD VOLTAGE Pulsed
VGS = 4.5 V 30 10 V 20
IF - Diode Forward Current - A
40
100 VGS =10 V 10 0V 1
10 ID = 3.5 A -40 -20 0 20 40 60 80 100 120 140
0.1 0 0.5 1.0 1.5
0
Tch - Channel Temperature - C
VSD - Source to Drain Voltage - V
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE 10000
SWITCHING CHARACTERISTICS 1 000
td(on), tr, td(off), tf - Switching Time - ns
Ciss, Coss, Crss - Capacitance - pF
VGS = 0 V f = 1 MHz
tr tf 100 td(off) td(on) 10
1000 Ciss Coss 100 Crss
0.1
1
10
100
1 0.1
VDS = 20 V VGS = 10 V RG = 10 1 10 100 ID - Drain Current - A
VDS - Drain to Source Voltage - V
REVERSE RECOVERY TIME vs. DRAIN CURRENT 1 000
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
trr - Reverse Recovery Diode - ns
VDS - Drain to Source Voltage - V
ID = 7 A
100
VDD = 32 V 20 V 8V 40 30 20 10 0 5 VDS 10
VGS 10 8 6 4 2 15 0 20
10
1 0.1
1
10
100
ID - Drain Current - A
QG - Gate Charge - nC
VGS - Gate to Source Voltage - V
di/dt = 100A/s VGS = 0 V
5
PA1708
[MEMO]
6
PA1708
[MEMO]
7
PA1708
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. Anti-radioactive design is not implemented in this product.
M4 96. 5


▲Up To Search▲   

 
Price & Availability of UPA1708G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X