Part Number Hot Search : 
P8N50E C3029 LBN19204 1660C 74911 LMC710 T28LV TPSMB39A
Product Description
Full Text Search
 

To Download TSSIO16E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1. Features
* * * * * * * * * * * *
Management of 16 inputs-outputs (16-bit or two 8-bit configurable ports) VAN protocol V4.0 3 external wired address Safety mode in case of transmission loss Automatic adaptation to speed of bus from 8kTS/s to 250kTS/s CMOS 0,5m, IO CMOS TTL compatible Internal power-on-reset Internal ring oscillator from 10 to 40MHz (for internal clock) 500kHz oscillator with external RC network (for safety mode clock usage) Supply voltage 5V10% Typical power consomption 4mA SO28 package
VAN Peripheral Circuit 16 Inputs-Outputs
TSSIO16E
Rev. 4421B-ASSP-10/05
2. General Description / Block Diagram
The block diagram given below shows the organization of the circuit as two blocks: the VAN controller (block 1), and the groups of specific functions (block 2) relative to the TSSIO16E. These are based on management of 16 inputs-outputs grouped together to form two 8-bit bi-directional programmable ports: port A and port B. The circuit thus ensures double exchange of information with the VAN bus (via the line interface) on the one hand and the active environment on the other.
The bus data is supplied to the circuit (after shaping by the line transmitter/receiver) through 3 input lines RXD0, RXD1 and RXD2 selected one after another when communication on one of the lines is defective (line diagnosis system). Operation outside of the RXD0 line is referred to as in degrated mode. If perturbations persist in reception the circuit switches to the safety mode (INT = 1) which, by default, ensures safety functions by activating or inhibiting external circuitry. Two CONTROL and STATUS 8-bit registers, are used respectively for setting operation to a given configuration, and for diagnosing the state of the circuit. The write and read modes of ports A and B are determined by decoding the local address of the identifier field in the VAN frame. The behaviour of each port can be configured by three registers: DATA, DDR (Data Direction Register) and OPT (Option Register). External address decoding by 3 pins produces 8 TSSIO16E circuits on the same bus.
2
TSSIO16E
4421B-ASSP-10/05
TSSIO16E
3. Pinout / Package
The pinout of the circuit is given below.
pin 13, 14, 15, 16, 17, 18, 19, 20 22, 23, 24, 25, 26, 27, 28, 1 2 3 4 5 6 7 8 9 12 11 10 21 name PA[0..7] I/O I/O description Port A, 8 bi-directional bits, TTL compatible, Schmitt trigger
PB[0..7] H500 TSTb AD1 AD2 AD3 RXD1 RXD2 RXD0 INT TXD VSS VDD
I/O I/O I I I I I I I O O
Port B event type, 8 bi-directional bits, TTL compatible, Schmitt trigger Safety mode clock connection to ground or connection of a RC dipole for 500kHz oscillator. In application, this input is tied to 1. In test mode, this input is tied to 0. TTL compatible with pull-up.
External wired address - TTL compatible.
Receives output of comparator controlled by the Data signal from the interface circuit. TTL compatible Receiving the output of the comparator driven by the Data_B signal of the interface circuit. TTL compatible. Receives the comparator output driven by the differential (Data signal -
Data_B).of the interface circuit. TTL compatible.
Interrupt. Used to generate an external active safety mode. TTL compatible. Drives the line interface circuit. TTL compatible. Ground. External power supply.
The package is SO28.
3
4421B-ASSP-10/05
4. Functional Features
4.1
Content of Identifier Field
The TSSIO16E circuit identifier field is structured as shown below.
External wired address
Identifier field (undecoded)
Local address
The local address consists of bits I1, I2 and I3 of the identifier field for the VAN frame addressing the circuit, the Bit I1 indicates reading or writing. The table below gives the significance of these bits.
I3 0 0 0 0 1 1 1 1 I2 0 0 1 1 0 0 1 1 I1 0 1 0 1 0 1 0 1 local address 0 1 2 3 4 5 6 7 action writing of VAN CONTROL register reading of VAN STATUS register (RANK 16) writing of port A reading of port A (RANK 16) writing of port AB reading of port AB (RANK 16) writing of port B reading of port B (RANK 16)
4.2
Addressing of ports A and B and of COMMAND and STATUS registers
The specific functions of the circuit are activated by the selection of one or two ports depending on the local address decoding (see 4.1) as contained in the identifier field of the VAN frame received by the circuit and by the content of the data bytes for this frame.
4.2.1
Local address 0 and 1
I3 Writing of the COMMAND register Reading of the STATUS register 0 0
I2 0 0
I1 0 1
Writing and reading of these registers are described in paragraph 4.4. The writing of the COMMAND register uses a single data byte. The reading of the STATUS register sends a data byte to RANK 16.
4
TSSIO16E
4421B-ASSP-10/05
TSSIO16E
4.2.2 Local address 2 and 3
I3 Writing of port A 0
I2 1
I1 0
The writing of port A must be carried out with 1, 2 or 3 data bytes, otherwise the frame will not be acknowledged and not taken into consideration. If writing uses a single byte, the port will be set as output and output the DATA_A value. The automobile environment is thus affected by interference (possibility of deprogramming), it is advisable to write to ports A and B systematically using 3 bytes.
DATA_A
or
DATA_A
DDR_A
or
DATA_A
DDR_A
OPT_A
DATA_A : DDR_A : OPT_A :
Output byte value for port A. Defines, bit by bit, the direction of the I/O pins for port A (0 = input, 1 = output). Unused register, this register must be forced to 0.
I3 Reading of port A 0
I2 1
I1 1
A read frame RANK16 at local address 3 recovers the data byte present on port A wether the direction is input or output.
4.2.3
Local address 4 and 5
I3 Writing of port A and B 1
I2 0
I1 0
A write frame for port A and B contains 6 bytes. The management of the DATA, DDR and OPT bytes is the same as in the case of port A alone.
DATA_A DDR_A OPT_A DATA_B DDR_B OPT_B
OPT_B register must be forced to 0.
I3 Reading of port A and B 1 I2 0 I1 1
5
4421B-ASSP-10/05
A read frame (RANK 16) at local address 5 recovers of two data bytes present on port A and B wether the direction is input or output. 4.2.4 Local address 6 and 7
I3 Writing of port B 1
I2 1
I1 0
In the same way as for port A, port B is write-accessible by frames 1, 2 or 3 data bytes.
I3 Reading of port B 1
I2 1
I1 1
The read mechanism for port B is identical to that of port A.
4.3
Programming and Structure of port A and B
Table below summarizes the programming of a port for the corresponding bits in the DATA, DDR and OPT bytes, and shows the structural organization of the logic ports.
OPT_X(n) 0 0 0 0 1
DDR_X(n) 0 0 1 1 X
DATA_X(n) 0 1 0 1 X
programming of pin n of port X logic input forbidden case (even input) logic output set to 0 logic output set to 1 forbidden case
bi-directional access
B
B
PA[n]
PB[n]
6
TSSIO16E
4421B-ASSP-10/05
TSSIO16E
4.4 COMMAND and STATUS registers
These two specialized registers ensure command and monitoring functions as follows: * Lines management according to a line diagnosis carried out constantly. This line diagnosis analyzes the transmission state and allows a choice of the RXD0, RXD1, RXD2 inputs depending on some of the TIME-OUT's (STO, MTO, LTO and SLTO); * Accesses management to common peripherals shared by several circuits. These registers have the following structure:
Protection bit or occupation flag Surveillance or mode bit
User module number
Selection/status input lines
4.4.1
Management of RXD0, RXD1, RXD2 lines and common access to peripherals The purpose of line diagnosis is to find a line that operates before exiting from NORMAL mode to enter SAFETY mode. This diagnosis is covered by events or TIME-OUT's with which the time-out's are associated.
STO MTO LTO SLTO
Short time-out: the bus remains in a dominant state for a period of time incompatible with the definition of the frames. Medium time-out: absence of coherent frame on VAN bus Long time-out: no coherent frame addressing the circuit Super long time-out: 4xTOL
The duration of the time-out depends from the internal oscillator which varies in a ratio of 1 to 5. The implementing of the 500kHz external RC oscillator dedicated to the safety mode permits more accurate time delays, for example: Rext = 8.66k 5% and Cext = 1nF5%. The tolerances on R and C include all drifts (temperature, ageing...).
relative duration STO (ms) MTO (ms) LTO (ms) SLTO (ms) T/16 T/4 T 4xT
500 kHz external oscillator min 30 200 900 2700 typ 62.5 250 1000 4000 max 75 300 1150 4650 min 13 90 400 1200 typ 62.5 250 1000 4000 max 132 525 2100 8400
7
4421B-ASSP-10/05
4.4.1.1
Line diagnosis operation
The below shows the mechanism for changing to the safety mode. Exit from the safety mode must be managed by the application.
after RESET
STO or MTO or LTO coherent frame VAN bus conform definitions' frame normal or degraded mode SLTO LTO 7 transitions on RXi
7 transitions on RXi
STO
STO or MTO or LTO STO
STO
SAFETY mode STO or MTO or LTO
7 transitions on RXi
Note: FR7 status corresponds to the detection of an activity on the lines. 4.4.1.2
Bits B0, B1 and B2
The 3 low significant bits of the COMMAND register define the input line and its mode of use. The 3 low significant bits of the STATUS register inform about the componant's status (line selected by the application) and the possibility of using other lines.
B 2 0 0 0 0 1 1 1 1 B 1 0 0 1 1 0 0 1 1 B 0 0 1 0 1 0 1 0 1 input line selection mode COMMAND register automatic, initialized on RXD0 automatic, initialized on RXD1 automatic, initialized on RXD2 automatic transparent mode forced to RXD0 forced to RXD1 forced to RXD2 forced to RXD0 with RXD0 = RXD1 = RXD2 input line selection status STATUS register RXD0 / triple sampling incorrect RXD1 / triple sampling incorrect RXD2 / triple sampling incorrect triple sampling incorrect RXD0 / triple sampling correct RXD1 / triple sampling correct RXD2 / triple sampling correct triple sampling correct
* Automatic mode RDXi: * Automatic Transparent mode: * Forced mode:
successive use of lines RXD0, RXD1, RXD2, starting from RDXi. no effect on line selection mode, allows modification of bits from B7 to B3 without modifying the selected line line unchanged in spite of presence of TIME-OUT.
The "triple sampling correct" function (RXD0 = RXD1 = RXD2) is defined by the logic condition: E = (RXD0 x RXD1 x RXD2) + (/RXD0 x /RXD1 x /RXD2)
8
TSSIO16E
4421B-ASSP-10/05
TSSIO16E
4.4.1.3 Bit B3 Bit B3 is used for activating or inhibiting line surveillance.
B3 0 1
COMMAND active surveillance inhibited surveillance
STATUS circuit in NORMAL mode circuit in SAFETY mode
Active surveillance: default status. Inhibited surveillance: no more possibility to switch safety mode. Then, INT pin delivers an interruption at the end of each identified frame adressing the system.
14/16 TS
RXDi
INT
1 TS
4.4.1.4
Bits B4, B5, B6 and B7 Bits B6, B5 and B4 form an address giving the user module number (see example below). Bit B7 is a protection bit which enables or disables access to the peripheral.
B 7 0
B 6
B 5
B 4
COMMAND The peripheral becomes free of access
STATUS The peripheral is free of access The peripheral is busy with a module of address B6 B5 B4
module 1
The peripheral becomes busy with a module which address is B6 B5 B4
Note: whatever the status mode, it is always possible to write into the command register.
9
4421B-ASSP-10/05
Example: Case of a LCD display with a TSSIO16E shared simultaneously by car radio and vehicle computer. In this case, the car radio (B7 = 1) inhibits access to the display line until the full message is displayed. This access control strategy is only meaningful if the computer (car radio or on-board computer) wants access to the peripheral (display) and reads the control register to ensure that the peripheral is available. Writing to the port is never inhibited.
car radio
VAN lines
LCD display with TSSIO16E
vehicle computer VAN lines
4.5
State on power on and safety mode
power-on Port A Port B INT pin high Z high Z 0
safety mode high Z unchanged 1
This table indicates the state of ports A and B and the INT pin on power on and changeover to the safety mode. In power on mode the command register is initialized to 0. * selection of RDX0 acces in automatic mode, * line diagnosis activated, * access free peripheral. 4.5.1 Condition for enter in safety mode (see Figure ) in the absence of writing or reading in the circuit for a SLTO in the presence of coherent frames but the absence of reading or writing in the circuit for a LTO
* After reset: * During operation: 4.5.2
Condition for exit from safety mode Writing of port A is a way of exiting from the safety mode. Pin INT returns to 0.
10
TSSIO16E
4421B-ASSP-10/05
TSSIO16E
5. Wiring of pin H500 (safety mode clock)
After reset and 32 clock periods, the safety mode clock switches automaticaly from internal oscillator to external clock H500. For greater precision on safety mode temporarisations and on line diagnosis, connect a RC dipole. Ex: (Rext = 8.66k and Cext = 1nF) to pin H500 in accordance with opposite figure. It must be connected to ground in case it's not used.
6. Electrical Characteristics
6.1 Consumption
The consumption in the -40C / +125C range, whatever the VAN speed is, is given in the following table:
symbol IDD
description power supply current
typ 4
max 12
unit mA
test conditions VDD = 5V ports A and B not loaded
6.2
I/O's Description
The electric characteristics of the inputs-outputs are specified below. They are given for VDD = 5V10% in the -40C / +125C temperature range.
CMOS input buffer TTL compatible with pull-up (PWDF123IOTST) pins see protection in 5.3 L H HiZ L H H A B
TSTb
R24K
DC Characteristics symbol VIL-TTL VIH-TTL description Input Low Voltage Input High Voltage 2.2 min max 0.8 unit V V test conditions Vcc=4.5V Vcc=5.5V
11
4421B-ASSP-10/05
CMOS input buffer TTL compatible with pull-up (PWDF123IOTST) pins IIL IIH Input leakage at Low level Input leakage at High level Transitory overcurrent of 1/10 of time 137 400 13 A A mA mA Vcc=5.5V Vcc=5.5V During 500ms max during 5 ms max and DC = 1 mA A B
Isur
2.5 5
CMOS input/output buffer TTL compatible (PWDF000IOTST) pins C EN A B
PA[7..0] PB[7...0]
X X X L H
L L L H H
L H HiZ L H
L H X L H
A
B
RxD[2...0] AD[3...1]
L H
L H
INT
A
B
L H
L H
TXD
EN
A
B
L H H
K L H
Hi-Z L H
12
TSSIO16E
4421B-ASSP-10/05
TSSIO16E
DC Characteristics symbol VIL_TTL VIH_TTL VOL VOH IIL IIH IOZL IOZH description Input low Voltage Input high Voltage Output low Voltage Output high Voltage Input Leakage at low level Input Leakage at high level Output Leakage in High Z in Low level Output Leakage in High Z in High level short-circuit current IOS IOSN IOSP V tension area transitorily tolerated Vss0.5 2.4 5 5 5 5 2.2 0.4 0.6 min max 0.8 unit V V V V V A A A A test conditions Vcc=4.5V Vcc=5.5V IOL=3mA IOL=6mA IOH=6mA Vcc=5.5V Vcc=5.5V Vcc=5.5V Vcc=5.5V max duration: 1 sec 48 36 mA mA EN=H Vout=Vcc Vout=Vcc Vcc+0 .5 V mA mA during 500 ms max. during 5 ms max. and DC = 1 mA
Isur
transitory over current of 1/10 of time
2.5 5
RC 500kHz oscillator (PWDOSC500C5V) pins E A O
H500
H L L
X L H
Fou T L H
AC/DC Characteristics min Current consomption Temperature range Oscillator frequency range Cyclic ratio range 400 -40 400 40 500 50 typ max 1200 +125 600 60 unit A oC kHz % Rext = 8.66k, Cext = 1nF E = High test conditions
13
4421B-ASSP-10/05
6.3
Internal Clock
The internal clock is the main clock which controls all the state machines. It can be the safety mode clock if the external clock H500 is connected to ground. It is generated by a ring oscillator which frequency is given by this table:
min Temperature Frequency -40 C 10Mhz
o
typ 25 C 22Mhz
o
Max 125oC 40Mhz
6.4
Diagram of Input Protections
The protections types are:
1kohm
The triac T1 is activated by the substract current of transitor T2 when the pad tension strongly increases (ESD pulse).
14
TSSIO16E
4421B-ASSP-10/05
TSSIO16E
7. Operating Environment
7.1 Power Supply Voltage
* Nominal power supply voltage:5V * Operating power supply voltage:5V10% * Extreme power supply voltages not causing destruction:-0.5V / +6V
7.2
Temperature Range
* Operating temperature:-40C / +125C * Storage temperature:-65C / +150C
7.3
Electrostatic Discharge
* ESD protection (according to method AEC-Q100-002 rev C):2kV
7.4
Overvoltages
The inputs-outputs are protected internally against overshoot and undershoot by clamping diodes.
7.5
Latch-up
Inputs-outputs are immunized to latch-up according to IEA/JESD78 norm (equivalent to AECQ100-004rev C). The maximum injected garanteed power is 50mW.
7.6
Shortcuts
The outputs are protected against shortcuts for a maximal period of 1 second.
15
4421B-ASSP-10/05
8. Typical Application
8.1
8.1.1
Examples of use
Headlight control (writing of port PA5) Frame sent by central processing unit:
I11 X
I10 X
I9 X
I8 1
I7 1
I6 1
I5 1 IDEN
I4 1
I3 0
I2 1
I1 0
I0 1
EXT 1
R/W RTR 0 COM 0
5 1
4 0
5 1
4 0
DATA_A
DDR_A
8.1.2
Blinkers status (reading of port PB2 - transmission RANK 16) The TSS IO16E takes over on RTR bit of the COM field:
I11 X
I10 X
I9 X
I8 X
I7 1
I6 1
I5 1
I4 1 IDEN
I3 0
I2 1
I1 0
I0 1
EXT 1
R/W RTR 1 1 frame transmitted by the master
COM 2 in frame response 0 1 DATA_B
16
TSSIO16E
4421B-ASSP-10/05
TSSIO16E
8.2 Circuit Diagram
+12V TSSIO16E 1k 1.5k hood contact
+12V +5V Side position Lights
Lignes transmitter/ receiver
Blinkers
Stop fog lights
Horn
High beam headlights
passive back-up
Low beam headlights
+12V +5V Position light
active
Notes:
1. The use of the INT pin defines the application status in safety mode 2. INT can only work on port A (configured for high impedance in safety mode) 3. The unused ports PAx and PBx must be connected to ground or to Vcc via a serial resistance in order to polarize those inputs and avoid a conflict (Shortcut) in case of an output configuration.
17
4421B-ASSP-10/05
9. Ordering Information
TSSIO16E-TISA TSSIO16E-TIRA TSSIO16E-TISZ TSSIO16E-TISZ SO28 package SO28 package Tape and Reel SO28 package Green SO28 package Tape and Reel Green
18
TSSIO16E
4421B-ASSP-10/05
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Literature Requests
www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically providedotherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel'sAtmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) Atmel Corporation 2005. All rights reserved. Atmel (R), logo and combinations thereof, are registered trademarks, and Everywhere You Are (R) are the trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
Printed on recycled paper.
4421B-ASSP-10/05


▲Up To Search▲   

 
Price & Availability of TSSIO16E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X