Part Number Hot Search : 
ZTX314 TE560 07364 DBLS1 SF2188D FDP18N50 24C128 AD534K
Product Description
Full Text Search
 

To Download SY6995205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Micrel, Inc.
OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
DESCRIPTION
SY69952
SY69952
FEATURES
A complete ATM compatible single chip Transmitter and Receiver Seamless operation with PMC-Sierra PM5345, VLSI VNS67200, IgT WAC-013-B/WAC-413-A and NEC PD98402 UNI Processors Supports clock and data recovery from 51.84Mbps or 155.52Mbps NRZ or NRZI data stream 155.52MHz clock multiplication from 19.44MHz source or 51.84MHz clock multiplication from 6.48MHz source Line Receiver Inputs: No external buffering needed Differential output buffering Link Status Indication Loop-back testing 100K ECL compatible I/O Single +5 volt power supply Replacement for Cypress CY7B952 The SY69952 complies with Bellcore, ITU/CCITT and ANSI specifications Available in 28-pin SOIC package
Micrel's SY69952 contains fully integrated transmitter and receiver functions designed to provide clock recovery and generation for either 51.84Mbit/s OC/STS-1 or 155.52Mbps OC/STS-3 SONET/SDH (SY69952) and ATM applications. On-chip clock generation is performed by a low-jitter phase-locked loop (PLL) allowing use of 19.44MHz reference for 155.52MHz generation or a 6.48MHz reference for 51.84MHz generation. Clock recovery is performed by synchronizing the on-chip VCO directly to the incoming data stream. The SY69952 meets the jitter compliance criteria of Bellcore, ITU/CCITT and ANSI standards. Low jitter is ensured by Micrel's advanced PLL technology and positive ECL (PECL) I/O. Micre's circuit design techniques coupled with ASSETTM bipolar technology result in ultra-fast performance with low noise and low power dissipation.
FUNCTIONAL BLOCK DIAGRAM
LOOP
PLL2+ PLL2-
MODE
ROUT+ ROUT-
RIN+ RINPLL
RCLK+ RCLKRSER+ RSER-
CD
LFI
TOUT+ TOUTPLL x8
TSER+ TSERTCLK+ TCLK-
REFCLK+ REFCLK-
PLL1+ PLL1-
ASSET is a trademark of Micrel, Inc. M9999-062805 hbwhelp@micrel.com or (408) 955-1690
1
Rev.: N
Amendment: /0
Issue Date: June 2005
Micrel, Inc.
SY69952
PACKAGE/ORDERING INFORMATION
ROUT+ ROUTRIN+ RINMODE VC CD LOOP REFCLKREFCLK+ TOUTTOUT+ PLL1+ PLL11 2 3 4 5 6 7 8 9 10 11 12 13 14 TOP VIEW SOIC 28 27 26 25 24 23 22 21 20 19 18 17 16 15 RCLKRCLK+ RSERRSER+ LFI VCC VEE VCC TCLKTCLK+ TSER+ TSERPLL2+ PLL2-
Ordering Information(1)
Part Number SY69952ZC SY69952ZH Package Type Z28-1 Z28-1 Operating Range Commercial Commercial Package Marking SY69952ZC SY69952ZH with Pb-Free bar-line indicator Lead Finish Sn-Pb Pb-Free NiPdAu
Notes: 1. Contact factory for die availability. Dice are guaranteed at TA = 25C, DC electricals only.
28-Pin SOIC (Z28-1)
M9999-062805 hbwhelp@micrel.com or (408) 955-1690
2
Micrel, Inc.
SY69952
PIN DESCRIPTIONS
INPUTS RIN - Differential PECL Input Receive Input. These built-in line receiver inputs are connected to the differential Receive serial input data stream. An internal Receive PLL recovers the embedded clock (RCLK) and data (RSER) information. The incoming data rate can be within one of two frequency ranges depending on the state of the MODE pin. CD - PECL/TTL Input Carrier Detect. This input controls the recovery function of the Receive PLL and can be driven by the carrier detect output from optical modules or from external transition detection circuitry. When this input is at an ECL HIGH, the input data stream (RIN) is recovered normally by the Receive PLL. When this input is at an ECL LOW, the Receive PLL no longer aligns to RIN, but instead aligns with the REFCLKx8 frequency. Also, the Link Fault Indicator (LFI) will transition LOW, and the recovered data outputs (RSER) will remain LOW regardless of the signal level on the Receive data stream inputs (RIN). When the CD input is at a TTL LOW (-0.8V), the internal transition detection circuitry is disabled. TSER - Differential PECL Input Transmit Serial Data. These built-in line receiver inputs are connected to the differential Transmit serial input data stream. These inputs can receive very low amplitude signals and are compatible with all PECL signal levels. REFCLK - Differential PECL/TTL Input Reference Clock. This input is the clock frequency reference for the clock and data recovery Receive PLL. REFCLK is multiplied internally by eight and sets the approximate center frequency for the internal Receive PLL to track the incoming bit stream. This input is also multiplied by eight by the frequency multiplier Transmit PLL to produce the bit rate Transmit Clock (TCLK). REFCLK can be connected to either a differential PECL or single-ended TTL frequency source. When either REFCLK+ or REFCLK- is at a TTL LOW, the opposite REFCLK signal becomes a TTL level input. OUTPUTS ROUT - Differential PECL Output Receive Output. These Positive ECL 100K outputs (+5V referenced) represent the buffered version of the input data stream (RIN). This output pair can be used for Receiver input data equalization in copper based systems, reducing the system impact of data dependent jitter. All PECL outputs can be powered down by connecting both outputs to VCC or leaving them both unconnected.
M9999-062805 hbwhelp@micrel.com or (408) 955-1690
RSER - Differential PECL Output Recovered Serial Data. These Positive ECL 100K outputs (+5V referenced) represent the recovered data from the input data stream (RIN). This recovered data is aligned with the recovered clock (RCLK) with a sampling window compatible with most data processing devices. RCLK - Differential PECL Output Recovered Clock. These Positive ECL 100K outputs (+5V referenced) represent the recovered clock from the input data stream (RIN). This recovered clock is used to sample the recovered data (RSER) and has timing compatible with most data processing devices. LFI - TTL Output Link Fault Indicator. This input indicates the status of the input data stream (RIN). It is controlled by three functions; the Carrier Detect (CD) input, the internal Transition Detector, and the Out of Lock (OOL) detector. The Transition Detector determines if RIN contains enough transitions to be accurately recovered by the Receive PLL. The Out of Lock detector determines if RIN is within the frequency range of the Receive PLL. When CD is HIGH and RIN has sufficient transitions and is within the frequency range of the Receive PLL, the LFI input will be high. If CD is at an ECL LOW or RIN does not contain sufficient transitions or RIN is outside the frequency range of the Receive PLL then the LFI output will be LOW. If CD is at a TTL LOW then the LFI output will only transition LOW when the frequency of RIN is outside the range of the Receive PLL. TOUT - Differential PECL Output Transmit Output. These Positive ECL 100K outputs (+5V referenced) represent the buffered version of the Transmit data stream (TSER). This Transmit path is used to take weak input signals and rebuffer them to drive low impedance copper media. TCLK - Differential PECL Output Transmit Clock. These Positive ECL 100K outputs (+5V referenced) provide the bit rate frequency source for external Transmit data processing devices. This output is synthesized by the Transmit PLL and is derived by multiplying the REFCLK frequency by eight. LOOP - TTL Input Loop Back Select. This input is used to select the input data stream source that the Receive PLL used for clock and data recovery. When the LOOP input is HIGH, the Receive input data stream (RIN) is used for clock and data recovery. When LOOP is LOW, the Transmit input data stream (TSER) is used by the Receive PLL for clock and data recovery.
3
Micrel, Inc.
SY69952
PIN DESCRIPTIONS
MODE - 3 Level Input Frequency Mode Select. This three-level input selects the frequency range for the clock and data recovery receive PLL and the frequency multiplier transmit PLL. When the input is held PECL HIGH (VCC -0.9 typ.), the two PLLs operate at the SONET (SDH) STS-3 (STM-1) line rate of 155.52MHz. When this input is held TTL LOW (connected to GND), the two PLLs operate at one SONET STS-1 line rate of 51.84MHz. The REFCLK frequency in both operating modes is 1/8 of the operating frequency. When the MODE input is ECL LOW (VCC - 1.7 typ), the device enters into test mode, the TSER inputs substitue for the internal PLL VCO for use in factory testing. PLL1, PLL2 - Loop Filter Inputs These pins are used to connect the external loop filters for the two on-board PLLs. See below:
Figure 1. Suggested Loop Filter Values
DESCRIPTION
General The SY69952 Serial SONET/SDH Transceiver is used in SONET/SDH and ATM applications to recover clock and data information from a 155.52MHz or 51.84MHz NRZ (Non Return to Zero) or NRZI (Non Return to Zero Invert on ones) serial data stream. This device also provides a bitrate Transmit clock, from a byte rate source through the use of a frequency multiplier PLL, and differential data buffering for the Transmit side of the system. This device is compliant with all relevant SONET/SDH specifications including ANSI T1X1.6/91-022, ANSI T1X1.3/93-006R1 Draft and ITU/CCITT G958. Operating Frequency The SY69952 operates at either of two frequency ranges. The MODE input selects which of the two frequency ranges the Transmit frequency multiplier PLL and the Receive clock and data recovery PLL will operate. When MODE is connected to VCC, the highest operating range of the device is selected. A 19.44MHz 1% source must drive the REFCLK input and the two PLLs will multiply this rate by 8 to provide output clocks that operate at 155.52MHz 1%. When the MODE input is connected to ground (GND), the lowest operating range of the device is selected. A 6.48MHz 1% source must drive the REFCLK inputs and the two PLLs will multiply this rate by 8 to provide output clocks that operate at 51.84MHz 1%. Transmit Functions The transmit section of the SY69952 contains a PLL that takes a REFCLK input and multiplies it by 8 (REFCLKx8) to produce a PECL (Positive ECL) differential output clock (TCLK). The transmitter has two operating ranges that are selectable with the three-level MODE pin as explained above. The SY69952 Transmit frequency multiplier PLL allows low-cost byte rate clock sources to be used to time the upstream serial data transmitter. The REFCLK input can be configured three ways. When both REFCLK+ and REFCLK- are connected to a differential 100K-compatible PECL source, the REFCLK input will behave as a differential PECL input. When either the REFCLK+ or the REFCLK- input is at a TTL LOW, the other REFCLK input becomes a TTL-level input allowing it to be connected to a low-cost TTL crystal oscillator. The REFCLK input structure, therefore, can be used as a differential PECL input, a single TTL input, or as a dual TTL clock multiplexing input.
M9999-062805 hbwhelp@micrel.com or (408) 955-1690
4
Micrel, Inc.
SY69952
DESCRIPTION
The Transmit PECL differential input pair (TSER) is buffered by the SY69952 yielding the differential data outputs (TOUT). These outputs can be used to directly drive transmission media such as Printed Circuit Board (PCB) traces, optical drivers, twisted pair, or coaxial cable. Receive Functions The primary function of the receiver is to recover clock (RCLK) and data (RSER) from the incoming differential PECL data stream (RIN) without the need for external buffering. These built-in line receiver inputs, as well as the TSER inputs mentioned above, have a wide commonmode range (2.5V) and the ability to receive signals with as little as 50mV differential voltage. They are compatible with all PECL signals and any copper media. The clock recovery function is performed using an embedded PLL. The recovered clock is not only passed to the RCLK outputs, but also used internally to sample the input serial stream in order to recover the data pattern. The Receive PLL uses the REFCLK input as a byte-rate reference. This input is multiplied by 8 (REFCLKx8) and is used to improve PLL lock time and to provide a center frequency for operation in the absence of input data stream transitions. The receiver can recover clock and data in two different frequency ranges depending on the state of the MODE pin as explained earlier. To insure accurate data and clock recovery, REFCLKx8 must be within 1000 ppm of the transmit bit rate. The standards, however, specify that the REFCLKx8 frequency accuracy be within 20-100 ppm. The differential input serial data (RIN) is not only used by the PLL to recover the clock and data, but it is also buffered and presented as the PECL differential output pair ROUT. This output pair can be used as part of the transmission line interface circuit for base line wander compensation, improving system performance by providing reduced input jitter and increased data eye opening. Carrier Detect and Link Fault Indicator Functions The Link Fault Indicator (LFI) output is a TTL-level output that indicates the status of the receiver. This output can used by an external controller for Loss of Signal (LOS), Loss of Frame (LOF), or Out of Frame (OOF) indications. LFI is controlled by the Carrier Detect input, the internal Transitions Detector, and the PLL Out of Lock (OOL) circuitry. The CD input may be driven by external circuitry that is monitoring the incoming data stream. Optical modules have CD outputs that indicate the presence of light on the optical fiber and some copper based systems use external threshold detection circuitry to monitor the incoming data stream. The CD input is a 100K PECL compatible signal that should be held HIGH when the incoming data stream is valid. When CD is pulled to a PECL LOW (-2.5V max.), the LFI output will transition LOW and the Receiver PLL will align itself
M9999-062805 hbwhelp@micrel.com or (408) 955-1690
with the REFCLKx8 frequency and the recovered data outputs (RSER) will remain LOW regardless of the signal level on the Receive data-stream inputs (RIN). In addition, the SY69952 has a built-in transitions detector that also checks the quality of the incoming data stream. The absence of data transitions can be caused by a broken transmission media, a broken transmitter, or a problem with the transmit or receive media coupling. The SY69952 will detect a quiet link by counting the number of bit times that have passed without a data transition. A bit time is defined as the period of RCLK. When 512 bit times have passed without a data transition on RIN, LFI will transition LOW. The receiver will assume that the serial data stream is invalid and, instead of allowing the RCLK frequency to wander in the absence of data, the PLL will lock to the REFCLKx8 frequency. This will insure that RCLK is as close to the correct link operating frequency as the REFCLK accuracy. LFI will be driven HIGH again and the receiver will recover clock and data from the incoming data stream when the transition detection circuitry determines that adequate transitions to ensure reliable clock and data recovery have been detected within 512 bit-times. The Transition Detector can be turned off by pulling the CD input to a TTL LOW (-0.8V). When CD is pulled to a TTL LOW the LFI will only be driven LOW if the recovered clock is not locked to the incoming data stream. LFI LOW in this will only indicate that the Receiver PLL is Out of Lock (OOL). The CD pin should not be left unconnected. Loop Back Testing The TTL level LOOP pin is used to perform loop-back testing. When LOOP is asserted (held LOW) the Transmitter serial input (TSER) is used by the Receiver PLL for clock and data recovery. This allows in-system testing to be performed on the entire device except for the differential Transmit drivers (TOUT) and the differential Receiver inputs (RIN). For example, an ATM controller can present ATM cells to the input of the ATM cell processor and check to see that these same cells are received. When the LOOP input is deasserted (held HIGH) the Receive PLL is once again connected to the Receiver serial inputs (RIN). The LOOP feature can also be used in applications where clock and data recovery are to be performed from either of two data streams. In these systems the LOOP pin is used to select whether the TSER or the RIN inputs are used by the Receive PLL for clock and data recovery. In the Loop back testing mode, regardless of the presence of data at the input (RIN), the transmit serial data stream from (TSER) will flow through the Receive PLL to the Recovered serial data output (RSER).
5
Micrel, Inc.
SY69952
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VCC, TVCC, AVCC VI IOUT TA Tstore Parameter Power Supply (GND, TGND, AGND = 0V) Input Voltage (GND, TGND, AGND = 0V) Output Current Ambient Temperature Range Storage Temperature Range Continuous Surge Rating 0 to +7 0 to VCC 50 100 0 to +85 -65 to +150 Unit V V mA C C
NOTE: 1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. This is a stress rating only and functional operation is not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to ABSOLUTE MAXIMUM RATING conditions for extended periods may affect device reliability.
PECL DC ELECTRICAL CHARACTERISTICS
VCC = TVCC = AVCC = 4.75V to 5.25V; GND, TGND, AGND = 0V, TA = 0C to +85C(1)
TA = 0C to 85C Symbol VOH VOL VIH VIL IIL Parameter Output HIGH Voltage Output LOW Voltage Input HIGH Voltage(2) Input LOW Voltage(2) Input LOW Current Min. VCC -1.075 VCC -1.860 VCC -1.165 VCC -1.810 0.5 Typ. VCC -.955 VCC -1.705 -- -- -- Max. VCC -.830 VCC -1.570 VCC -.880 VCC -1.475 -- Unit V V V V A
NOTES: 1. Equilibrium temperature 2. Forcing one input at a time. Apply VIH (max) or VIL (min) to all other inputs.
TTL DC ELECTRICAL CHARACTERISTICS
VCC = TVCC = AVCC = 4.75V to 5.25V; GND, TGND, AGND = 0V, TA = 0C to +85C
Symbol VOH VOL IOS VIH VIL Parameter Output HIGH Voltage Output LOW Voltage Output Short Circuit Current Input HIGH Voltage Input LOW Voltage Min. 2.4 -- -150 2.0 -- Max. -- 0.45 -60 -- 0.8 Unit V V mA V V Condition IOH = -2mA IOL = 4mA VOUT = 0V -- --
DC ELECTRICAL CHARACTERISTICS (2), (3) DC ELECTRICAL CHARACTERISTICS(1), -- TTL
VCC = +5V 5%; VEE = GND = 0V, TA = 0C to +85C
Symbol IEE IOUT Parameter Internal Operating Current Termination Output Current Min. -- -- Typ. 140 11 Max. 200 -- Unit mA mA 50 to Vcc -2, 50% duty cycle Condition
NOTES: 1. To calculate total power supply current into the VCC pins: ICC = (n * IOUT); where n = number of ECL output pins used (ie, terminated). 2. To calculate total device power dissipation; PD = [IEE * (VCC - VEE)] + [n * IOUT * 1.33](3). 3. Average ECL output voltage is calculated as VOAVG = (VOH(max) + VOH(min) + VOL(max) + VOL(min)) /4 = 1.33V. M9999-062805 hbwhelp@micrel.com or (408) 955-1690
6
Micrel, Inc.
SY69952
AC ELECTRICAL CHARACTERISTICS
VCC = +5V 5%; VEE = GND = 0V, TA = 0C to +85C
Symbol fREF fB tODC tRF tLOCK tRPWH tRPWL tDV tDH tPD Parameter Reference Frequency Bit Time(1) Output Duty Cycle(2) (TCLK, RCLK) ECL Output Rise/Fall Tiime(2) PLL Lock Time(2) Min. 6.41 19.24 19.5 6.50 48 0.4 -- 3.3 10 3.3 10 3 1 Delay(3) -- Typ. 6.48 19.44 19.3 6.43 -- -- -- -- -- -- -- -- -- -- Max. 6.55 19.64 19.1 6.36 52 1.2 1 -- -- -- -- -- -- 10 Units MHz MHZ ns ns % ns s ns ns ns ns ns ns ns 5pf load, 50 to VCC -2 (20% to 80%) RIN transition density 25% MODE = 0 MODE = 1 MODE = 0 MODE = 1 Prior to RCLK+ rising edge After RCLK+ rising edge MODE = 0 MODE = 1 MODE = 0 MODE = 1 Condition
REFCLK Pulse Width High REFCLK Pulse Width Low Data Valid Data Hold Propagation (RIN to ROUT, TSER to TOUT)
NOTES: 1. fB is calculated as 1/(fREF * 8). 2. Tested initially and after any design or process changes that may affect these parameters. 3. The ECL switching threshold is the differential zero crossing (ie, the point where + and - signals cross).
TIMING WAVEFORMS
M9999-062805 hbwhelp@micrel.com or (408) 955-1690
7
Micrel, Inc.
SY69952
28 LEAD SOIC .300" WIDE (Z28-1)
MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131
TEL
USA
+ 1 (408) 944-0800
FAX
+ 1 (408) 474-1000
WEB
http://www.micrel.com
The information furnished by Micrel in this datasheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2005 Micrel, Incorporated. M9999-062805 hbwhelp@micrel.com or (408) 955-1690
8


▲Up To Search▲   

 
Price & Availability of SY6995205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X