Part Number Hot Search : 
AN2738 C5H30 LM78L05F SFH614 AAMDA 6M006 C74VH 23150
Product Description
Full Text Search
 

To Download SE701 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 polyfet rf devices
SE701
General Description Silicon VDMOS and LDMOS transistors designed specifically for broadband RF applications. Suitable for Militry Radios, Cellular and Paging Amplifier Base Stations, Broadcast FM/AM, MRI, Laser Driver and others. "Polyfet" process features low feedback and output capacitances resulting in high F t transistors with high input impedance and high efficiency.
TM
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR 45.0 Watts Push - Pull Package Style AE HIGH EFFICIENCY, LINEAR HIGH GAIN, LOW NOISE
o
ABSOLUTE MAXIMUM RATINGS ( T = 25 C )
Total Device Dissipation 110 Watts Junction to Case Thermal Resistance o 1.40 C/W Maximum Junction Temperature o 200 C Storage Temperature o o -65 C to 150 C DC Drain Current Drain to Gate Voltage 70 V Drain to Source Voltage 70 V Gate to Source Voltage 20 V
6.5 A
RF CHARACTERISTICS (
SYMBOL Gps PARAMETER Common Source Power Gain Drain Efficiency Load Mismatch Tolerance MIN 10 55 TYP
45.0 WATTS OUTPUT )
MAX UNITS dB % 20:1 TEST CONDITIONS Idq = 0.40 A, Vds = 28.0 V, F = Idq = 0.40 A, Vds = 28.0 V, F =
500 MHz 500 MHz
VSWR
Relative Idq = 0.40 A, Vds = 28.0 V, F = 500 MHz
ELECTRICAL CHARACTERISTICS ( EACH SIDE )
SYMBOL Bvdss Idss Igss Vgs gM Rdson Idsat Ciss Crss Coss PARAMETER Drain Breakdown Voltage Zero Bias Drain Current Gate Leakage Current Gate Bias for Drain Current Forward Transconductance Saturation Resistance Saturation Current Common Source Input Capacitance Common Source Feedback Capacitance Common Source Output Capacitance 1 1.2 0.85 7.00 50.0 3.0 32.0 MIN 65 1.0 1 7 TYP MAX UNITS V mA uA V Mho Ohm Amp pF pF pF TEST CONDITIONS Ids = 20.00 mA, Vgs = 0V Vds = 28.0 V, Vgs = 0V Vds = 0V Vgs = 30V Ids = 0.10 A, Vgs = Vds Vds = 10V, Vgs = 5V Vgs = 20V, Ids = 2.50 A Vgs = 20V, Vds = 10V Vds = 28.0 Vgs = 0V, F = 1 MHz Vds = 28.0 Vgs = 0V, F = 1 MHz Vds = 28.0 Vgs = 0V, F = 1 MHz
POLYFET RF DEVICES
REVISION 03/28/2001
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
SE701
POUT VS PIN GRAPH
SE701 F=500MHZ, VDS=28V, Idq=.4A
60 55 50 45 40 35 30 25 20 15 10 5 0 0 1 2 3 4 5 6 7 9 1 0 5 10 15 20 25 30 10 13 14 100
CAPACITANCE VS VOLTAGE
S1A 1 DIE CAPACITANCE
Ciss
Efficiency = 50%
Pout
12
Coss
10
Gain
11
Crss
PIN IN WATTS
VDS IN VOLTS
IV CURVE
S1A 1 DIE IV
8 7 6 ID IN AMPS 5 4 3 2 1 0 0 2 vg=2v 4 6 Vg=4v 8 10 12 VDS Vg=6vINVOLTS vg=8v 14 0 16 18 vg=12v 20
ID & GM VS VGS
10.00
S1A 1 DIE ID & GM Vs VG
Id
Id in amps; Gm in mhos
1.00
gM
0.10
0
2
4
6 8 Vgs in Volts
10
12
14
Zin Zout
PACKAGE DIMENSIONS IN INCHES
Tolerance .XX +/-0.01
.XXX +/-.005 inches
POLYFET RF DEVICES
REVISION 03/28/2001
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com


▲Up To Search▲   

 
Price & Availability of SE701

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X