Part Number Hot Search : 
WRB1212 SBN6400G BR254 MBR304 ISL642 5562A 14D271K TC113
Product Description
Full Text Search
 

To Download SE3002-DC70A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SE3002-DC70A
Printheads Under development
High speed thermal printhead (with thermal historical control)
SE3002-DC70A
High speed, high quality, and high durability are achieved by using step free structure with high performance partial glaze and highly conductive overcoat layer. SE300*-DC70A series are lined up which can accommodate with all types of barcode labeling printers from Direct to Thermal Transfer, normal to high speed (over 300mm/s).
Applications Bar code printer Label printer Packaging printer ATM Ticket printer
Features 1) ROHM new technology "STEP FREE" structure will provide, high corrosion resistance, better resistance against scratching damage, high efficiency. 2) High-hardness protect cote type "W-coat" is employed with 150km abrasion life-time. 3) A built in history-control functionality, high-speed printing up to 300mm / s can be achieved at 300dpi with clear print image.
External dimensions (Unit : mm)
7.1040.3
DOT No.640
660.5 54.208
DOT No.1
60.5
400.3 200.3
(13)
(5.896)
34.00.5
MAX.51
Ma
x.
20
3 H10 Length 4 3 H10 Effective Depth 3
MAX.4.5
MAX.11
7.30.3
M3 Effective Depth 3
#2
#20
#4
#1
CONNECTOR A #1 #19
CONNECTOR B
TYPE OF PRINTHEAD
17.80.2
(3.5)
0369UB
1/3
SE3002-DC70A
Printheads
Equivalent circuit
VH (COM)
220F 35V
Under development
DOT #640
DOT #1
GND
0.1F 50V
VDD (+5)
/ STB2 / STB1 BEO / RESET LATCH REGISTER
CLK (CP) DI
/ LOAD START INC TO EACH IC
SEL2 SEL1
TM TM
THERMISTOR 30k B: 3950
DI No. DI
DOT No. 640 to 1
/ STB No. / STB2 / STB1
DOT No. 640 to 385 384 to 1
Pin assignments
CONNECTOR A No. 1 3 5 7 9 11 13 15 17 19 Circuit No. Circuit CONNECTOR B No. 1 3 Circuit VH (COM) No. 2 4 Circuit VH (COM)
VDD GND GND /LOAD INC SEL2 /RESET / STB 1 TM SENS2
2 4 6 8 10 12 14 16 18 20
BEO DI CLK(CP) START N.C. SEL1 / STB 2 TM SENS1 SENS3
GND
GND
2/3
SE3002-DC70A
Printheads
Characteristics
Parameter Effective printing width Dot pitch Total dot number Average resistance value Applied voltage Applied power Print cycle Maximum number of dots energized simultaneously Maximum clock frequency Maximum roller diameter Running life / pulse life Operating temperature Symbol - - - Rave VH PO SLT - - - - - Typical 54.2 0.0847 640 850 24 0.59 0.28 640 8 20 150/(1x108) 5 to 45 Unit mm mm dots V W/dot ms dots MHz mm km/pulses C
Under development
3/3
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of SE3002-DC70A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X