Part Number Hot Search : 
C8051 SKHI21A MAX3421E TDA72940 ZC100 75119 DTA124EE ECA25
Product Description
Full Text Search
 

To Download RM100C1A-XXF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI FAST RECOVERY DIODE MODULES
RM100CA/C1A-XXF
HIGH SPEED SWITCHING USE
INSULATED TYPE
RM100CA/C1A-XXF
DC current ................................ 100A Repetitive peak reverse voltage .. 600/800/1000/1200V * trr Reverse recovery time ............. 0.8s * Insulated Type * UL Recognized Yellow Card No. E80276 (N) File No. E80271
* IDC * VRRM
APPLICATION Free wheel use, Welders
OUTLINE DRAWING & CIRCUIT DIAGRAM
Dimensions in mm
53.5 43.3 16
CA
5.3
R6 5.3 8 3-M4 33 3.5 3.5
7
24
4.5
LABEL
22
36.5
C1A
18
14
Feb.1999
MITSUBISHI FAST RECOVERY DIODE MODULES
RM100CA/C1A-XXF
HIGH SPEED SWITCHING USE
INSULATED TYPE
ABSOLUTE MAXIMUM RATINGS
Symbol VRRM VDRM VR (DC) * Order made Symbol IDC IFSM I2t Tj Tstg Viso Parameter DC output current Surge (non-repetitive) forward current I2t for fusing Junction temperature Storage temperature Isolation voltage Parameter Repetitive peak reverse voltage Non-repetitive peak reverse voltage Reverse DC voltage
(Tj=25C)
Voltage class 12 600 720 480 16* 800 960 640 20* 1000 1100 800 24 1200 1350 960 Unit V V V
Conditions Resistive load, TC=75C One half cycle at 60Hz, peak value Value for one cycle of surge current
Ratings 100 2000 16.7 x 103 -40~150 -40~125
Unit A A A2s C C V N*m kg*cm N*m kg*cm g
Charged part to case Main terminal screw M4
2500 0.98~1.47 10~15 1.47~1.96 15~20 90
--
Mounting torque Mounting screw M5
--
Weight
Typical value
ELECTRICAL CHARACTERISTICS
Limits Symbol IRRM VFM trr Qrr Rth (j-c) Rth (c-f) *1 Parameter Repetitive reverse current Forward voltage Reverse recovery time Reverse recovery charge Thermal resistance Contact thermal resistance 20, 24 class: VR=600V Tj=150C, VRRM applied Tj=25C, IFM=100A, instantaneous meas. IFM=100A, di/dt=-200A/s, VR=300/600V*1, Tj=150C Junction to case Case to fin, conductive grease applied Test conditions Min. -- -- -- -- -- -- Typ. -- -- -- -- -- -- Max. 20 1.5 0.8 60 0.5 0.3 Unit mA V s C C/ W C/ W
12 class: VR=300V
Feb.1999
MITSUBISHI FAST RECOVERY DIODE MODULES
RM100CA/C1A-XXF
HIGH SPEED SWITCHING USE
INSULATED TYPE
PERFORMANCE CURVE
MAXIMUM FORWARD CHARACTERISTIC
10 3 7 5 3 2 10 2 7 5 3 2 10 1 7 5 3 2 10 0 0.4
MAXIMAM TRANSIENT THERMAL IMPEDANCE (JUNCTION TO CASE) 10 0 2 3 4 57 10 1 1.0
0.8
Tj=25C
FORWARD CURRENT (A)
Zth (j-c) (C/W)
0.6
0.4
0.2 0 10 -3 2 3 4 5 7 10 -2 2 3 4 5 710 -1 2 3 4 5 7 10 0
0.8
1.2
1.6
2.0
2.4
FORWARD VOLTAGE (V)
TIME (s)
RATED SURGE (NON-REPETITIVE) FORWARD CURRENT
2000 1800
REVERSE RECOVERY CHARACTERISTICS VS. FORWARD CURRENT (TYPICAL)
10 3 7 VR=300/600V 5 di/dt=-200A/s Tj=25C 3 2 Tj=150C 10 2 7 5 3 2 10 2 7 5 3 2 Irr Qrr 10 1 7 5 3 2
SURGE (NON-REPETITIVE) FORWARD CURRENT (A)
1600
1000 800 600 400 200 0 1 2 3 4 5 7 10 20 30 40 5070100
10 1 10 0 trr 7 7 5 5 3 3 2 2 10 0 10 -1 10 0 2 3 4 5 7 10 1 2 3 4 5 7 10 2 2 3 4 5 7 10 3
CONDUCTION TIME (CYCLES AT 60Hz) REVERSE RECOVERY CHARACTERISTICS VS. -di/dt (TYPICAL)
10 3 7 VR=300/600V 5 IF=100A Tj=25C 3 2 Tj=150C 10 2 7 5 3 2 10 1 7 5 3 2
FORWARD CURRENT (A)
Irr
Irr (A), Qrr (C)
10 2 7 5 3 2 10 1 trr
Qrr
10 0 7 7 5 5 3 3 2 2 10 -1 10 0 10 0 2 3 4 5 7 10 1 2 3 4 5 7 10 2 2 3 4 5 7 10 3
-di/dt (A/s)
trr (s)
Feb.1999
trr (s)
1200
Irr (A), Qrr (C)
1400


▲Up To Search▲   

 
Price & Availability of RM100C1A-XXF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X