Part Number Hot Search : 
2SD1413 IN1489A NSFXT TSDF125W FA5590 5TRMPB BC846AW TC9122
Product Description
Full Text Search
 

To Download RE46C104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R&E International
RE46C104
Piezoelectric Horn Driver and Voltage Converter Product Specification
General Description
The RE46C104 is a piezoelectric horn driver with voltage converter to provide maximum audibility in low voltage applications. The feedback control pin is designed for use with self-oscillating piezoelectric horn but can also be used in direct drive applications. The built-in charge pump voltage converter provides increased supply voltage for the horn drivers allowing outputs to swing from Vss to 2 x Vdd. A charge pump enable pin is provided to minimize supply current when not in use.
Features
* * * * Low Quiescent Current Low Driver Ron Wide Operating Voltage Range Available in Standard Packaging or RoHS Compliant Pb Free Packaging
Pin Configuration
N/C FEED CAPVss CAP+ HRNEN N/C
Applications
Smoke detectors CO Detectors Personal Security Products Electronic Toys
1
14
N/C Vdd CPMPEN HORNS HORNB VPOS N/C
Absolute maximum ratings
Supply Voltage Vdd ......................................................-.5V to +9.0V Input voltage Range Vin ............................................... -.3V to VDD+.3V, except FEED FEED Input Voltage Range Vinf .................................... -10V to +22V Input Current Iin .......................................................... 10mA, except FEED Operating Temperature ................................................ 0 to 50C Continuous Output Current (HornS, HornB, or Vpos).......... 30mA
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only and operation at these conditions for extended periods may affect device reliability. This product utilizes CMOS technology with static protection; however proper ESD prevention procedures should be used when handling this product. Damage can occur when exposed to extremely high static electrical charges
Telephone 610.992.0727 Page 1 of 4
Facsimile 610.992.0734 This datasheet contains PROPRIETARY information.
E-mail: rande@randeint.com DS-RE46C104-011507
RE46C104
Piezoelectric Horn Driver and Voltage Converter Product Specification R&E International
Electrical Characteristics at TA = 25C, VDD = 5V, Vss = 0V (unless otherwise noted). Parameter Supply Voltage Standby Supply Current
Vdd
Test Pin
Vdd Vdd
Test Conditions Operating Hrnen, Cpmpen = Vss Feed = Vss ; Vdd = 5V Hrnen, Cpmpen = Vss Feed = Vss ; Vdd = 8V
Min 4.0
Limits Typ Max 5.0 100 8.0 500
Units V nA
500
nA
Supply Current
Vdd
Hrnen = Vss Cpmpen = Vdd No Loads; See note 1
200
500
uA
Input Leakage
Hrnen & Cpmpen FEED
Vin = Vdd or Vss Feed = +22V Cpmpen = Vdd
-100 20
100 50
nA uA
FEED
Feed = -10V Cpmpen = Vdd
-50
-15
uA
Input Voltage Low Input Voltage High Output Low Voltage Output High Voltage Vpos Output Voltage
Hrnen & Cpmpen Hrnen & Cpmpen Horns or Hornb Horns or Hornb Vpos
1.0 2.3 Iout = 16mA Cpmpen = Vdd Iout = -16mA Cpmpen = Vdd Iout = -16mA Cpmpen = Vdd Hrnen = Vss 0.3 8.5 8.7 8.9 0.5
V V V V V
Charge Pump Oscillator Freq Charge Pump Power Efficiency Charge Pump Voltage Conversion Efficiency
Vpos
16
kHz
Vpos
Iout = -16mA C1=C2=10uF No Loads C1=C2=10uF 95
85
%
Vpos
99
%
Telephone 610.992.0727 Page 2 of 4
Facsimile 610.992.0734 This datasheet contains PROPRIETARY information.
E-mail: rande@randeint.com DS-RE46C104-011507
RE46C104
Piezoelectric Horn Driver and Voltage Converter Product Specification R&E International
Typical Application
Charge Pump Enable Active High +5V 1 N/C 2 FEED 3 CAP4 C1 5 Horn Enable Active High Note: C1 = 10uF C2 = 10uF C3 = 1nF R1 = 1.5Mohm R2 = 200kohm 6 7 CAP+ HRNEN N/C HORNB VPOS N/C C2 C3 R1 R2 VSS HORNS 10 9 8 Piezo CPMPEN 11 VDD 12 N/C 13 14
RE46C104
Telephone 610.992.0727 Page 3 of 4
Facsimile 610.992.0734 This datasheet contains PROPRIETARY information.
E-mail: rande@randeint.com DS-RE46C104-011507
RE46C104
Piezoelectric Horn Driver and Voltage Converter Product Specification R&E International
Functional Block Diagram
VDD
13
VSS
4
VDD
Substrate Logic 5 9 VPOS
CAP+ CAP-
3
Level Shifters
CPMPEN
12
Oscillator and Logic
VPOS
10
HORNB
HRNEN
6
Level Shifter
11
HORNS FEED
2
Notes: 1/ The supply current specification is an average under steady state conditions. The instantaneous current will exceed this value when C1 and C2 charge-up initially (after charge pump is enabled) and during subsequent recharging of C1 and C2.
Telephone 610.992.0727 Page 4 of 4
Facsimile 610.992.0734 This datasheet contains PROPRIETARY information.
E-mail: rande@randeint.com DS-RE46C104-011507


▲Up To Search▲   

 
Price & Availability of RE46C104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X