Part Number Hot Search : 
A5800732 NJW1142 CD748A KMB001 AP2014 SI2301 CAT3705 CEB3205
Product Description
Full Text Search
 

To Download PS7142-1B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Relay OCMOS FET
PS7142-1B,-2B,PS7142L-1B,-2B
6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
DESCRIPTION
The PS7142-1B, -2B and PS7142L-1B, -2B are solid state relays containing GaAs LEDs on the light emitting side (input side) and normally close (N.C.) contact MOS FETs on the output side. They are suitable for analog signal control because of their low offset and high linearity. The PS7142L-1B, -2B have a surface mount type lead.
FEATURES
* 1 channel type (1 b output) or 2 channel type (1 b + 1 b output) * Low LED operating current (IF = 2 mA) * Designed for AC/DC switching line changer * Small package (6, 8-pin DIP) * Low offset voltage * PS7142L-1B, -2B: Surface mount type * UL approved: File No. E72422 (S) (PS7142-1B, PS7142L-1B only) * BSI approved: No. 8245/8246 (PS7142-1B, PS7142L-1B only)
APPLICATIONS
* Exchange equipment * Measurement equipment * FA/OA equipment
Document No. PN10285EJ01V1DS (1st edition) (Previous No. P13862EJ4V0DS00) Date Published February 2003 CP(K)
The mark
shows major revised points.
PS7142-1B,-2B,PS7142L-1B,-2B
PACKAGE DIMENSIONS (in millimeters)
PS7142-1B TOP VIEW
9.250.5
PS7142L-1B TOP VIEW
9.250.5
6
5
4
6
5
4
1
1. 2. 3. 4. 5. 6.
2
3
1. 2. 3. 4. 5. 6.
1
2
3
LED Anode LED Cathode NC MOS FET Drain MOS FET Source MOS FET Drain
LED Anode LED Cathode NC MOS FET Drain MOS FET Source MOS FET Drain
7.62 6.50.5 6.50.5
3.30.3 4.150.3
3.50.3
3.50.3
1.340.1 0.25 M 0 to 15 2.54
2.54
0.90.25 9.600.4
0.50.1 1.340.1 0.25 M
PS7142-2B TOP VIEW
9.250.5
PS7142L-2B TOP VIEW
5
9.250.5
8
7
6
8
7
6
5
1
2
3
4
1
2
3
4
1. LED Anode 2. LED Cathode 3. LED Anode 4. LED Cathode
5. MOS FET 6. MOS FET 7. MOS FET 8. MOS FET
1. LED Anode 2. LED Cathode 3. LED Anode 4. LED Cathode
5. MOS FET 6. MOS FET 7. MOS FET 8. MOS FET
7.62 6.50.5 6.50.5
3.30.3 4.150.3 3.50.3
3.50.3
1.340.1 0.25 M 0 to 15 2.54
2.54
0.90.25 9.600.4
0.50.1
1.340.1 0.25 M
2
Data Sheet PN10285EJ01V1DS
0.10+0.10 -0.05
0.10+0.10 -0.05
PS7142-1B,-2B,PS7142L-1B,-2B
ORDERING INFORMATION (Solder Contains Lead)
Part Number PS7142-1B PS7142L-1B PS7142L-1B-E3 PS7142L-1B-E4 PS7142-2B PS7142L-2B PS7142L-2B-E3 PS7142L-2B-E4 Embossed Tape 1 000 pcs/reel 8-pin DIP Magazine case 50 pcs PS7142-2B PS7142L-2B Embossed Tape 1 000 pcs/reel Package 6-pin DIP Packing Style Magazine case 50 pcs Application Part Number PS7142-1B PS7142L-1B
*1
*1 For the application of the Safety Standard, following part number should be used.
ORDERING INFORMATION (Pb-Free)
Part Number PS7142-1B-A PS7142L-1B-A PS7142L-1B-E3-A PS7142L-1B-E4-A PS7142-2B-A PS7142L-2B-A PS7142L-2B-E3-A PS7142L-2B-E4-A Embossed Tape 1 000 pcs/reel 8-pin DIP Magazine case 50 pcs PS7142-2B PS7142L-2B Embossed Tape 1 000 pcs/reel Package 6-pin DIP Packing Style Magazine case 50 pcs Application Part Number PS7142-1B PS7142L-1B
*1
*1 For the application of the Safety Standard, following part number should be used.
Data Sheet PN10285EJ01V1DS
3
PS7142-1B,-2B,PS7142L-1B,-2B
ABSOLUTE MAXIMUM RATINGS (TA = 25 C, unless otherwise specified)
Ratings Parameter Symbol PS7142-1B, PS7142L-1B Diode Forward Current (DC) Reverse Voltage Power Dissipation Peak Forward Current MOS FET Break Down Voltage Continuous Load Current
*2 *1
PS7142-2B, PS7142L-2B 50 5.0 50 1
Unit
IF VR PD IFP VL
mA V mW/ch A V mA - -
400 200 250 400
Connection A Connection B Connection C
IL
Pulse Load Current
*3
ILP
400
mA
(AC/DC Connection) Power Dissipation Isolation Voltage
*4
PD BV PT TA Tstg
560 1 500 610 -40 to +85
375
mW/ch Vr.m.s.
Total Power Dissipation Operating Ambient Temperature Storage Temperature
850
mW C C
-40 to +100
*1 PW = 100 s, Duty Cycle = 1 % *2 Conditions: IF 2 mA. The following types of load connections are available.
1 2 3
1 2 3 1 2 3
1 2 3
6 5 4 6 5
4 6
5 4 6 5 IL
L - + VL (DC)
Connection A
IL
VL (AC/DC)
L
L + VL (DC) -
IL
Connection B
IL
L
IL + IL
Connection C
+ VL (DC) -
4
IL
*3 PW = 100 ms, 1 shot *4 AC voltage for 1 minute at TA = 25 C, RH = 60 % between input and output
4
Data Sheet PN10285EJ01V1DS
PS7142-1B,-2B,PS7142L-1B,-2B
RECOMMENDED OPERATING CONDITIONS (TA = 25 C)
Parameter LED Operating Current LED Off Voltage Symbol IF VF MIN. 2 0 TYP. 10 MAX. 20 0.5 Unit mA V
ELECTRICAL CHARACTERISTICS (TA = 25 C)
Parameter Diode Forward Voltage Reverse Current MOS FET Off-state Leakage Current Output Capacitanc e Coupled LED Off-state Current On-state Resistance IFoff Ron1 Ron2 Turn-on Time Turn-off Time
*1 *1
Symbol VF IR ILoff Cout IF = 10 mA VR = 5 V
Conditions
MIN.
TYP. 1.2
MAX. 1.4 5.0
Unit V
A A
pF/ch
IF = 10 mA, VD = 400 V VD = 0 V, f = 1 MHz, IF = 10 mA
0.03 360 430
1.0
PS7142-1B PS7142-2B
IL = 200 mA IF = 0 mA, IL = 10 mA IF = 0 mA, IL = 200 mA, t 10 ms IF = 10 mA, VO = 5 V, RL = 500 , PW 10 ms 7 7 0.03 1.1 1.1
2.0 12 10 0.2 5.0 2.0
mA
ton toff
ms ms
PS7142-1B PS7142-2B
Isolation Resistance Isolation Capacitance
RI-O CI-O
VI-O = 1.0 kVDC V = 0 V, f = 1 MHz
10
9
1.1 pF/ch
*1 Test Circuit for Switching Time
IF
Pulse Input
VL
Input
50 %
0
VO = 5 V
Input monitor
VO monitor
Output
90 %
Rin
RL
toff
ton
10 %
Data Sheet PN10285EJ01V1DS
5
PS7142-1B,-2B,PS7142L-1B,-2B
TYPICAL CHARACTERISTICS (TA = 25 C, unless otherwise specified)
MAXIMUM FORWARD CURRENT vs. AMBIENT TEMPERATURE
100 300
MAXIMUM LOAD CURRENT vs. AMBIENT TEMPERATURE
Maximum Load Current IL (mA)
Maximum Forward Current IF (mA)
80
200
60
40
100
20 0 -25
0
25
50
7585
100
0 -25
0
25
50
75 85
100
Ambient Temperature TA (C)
Ambient Temperature TA (C)
FORWARD VOLTAGE vs. AMBIENT TEMPERATURE
1.6 500
OUTPUT CAPACITANCE vs. APPLIED VOLTAGE
f = 1 MHz
1.4 IF = 50 mA 1.2 30 mA 20 mA 10 mA 5 mA 1 mA
Output Capacitance Cout (pF)
Forward Voltage VF (V)
375
250
1.0
125 PS7142-2B PS7142-1B
0.8 -25
0
25
50
75
100
0
20
40
60
80
100
120
Ambient Temperature TA (C)
Applied Voltage VD (V)
OFF-STATE LEAKAGE CURRENT vs. APPLIED VOLTAGE
10-5
LOAD CURRENT vs. LOAD VOLTAGE
200 IF = 0 mA
Off-state Leakage Current ILoff (A)
IF = 10 mA
TA = 85 C
10-7
25 C
Load Current IL (mA)
10-6
100
-4.0
-2.0 -100
0
2.0
4.0
10-8
10-9 0
100
200
300
400
500
-200 Load Voltage VL (V)
Applied Voltage VD (V)
6
Data Sheet PN10285EJ01V1DS
PS7142-1B,-2B,PS7142L-1B,-2B
NORMALIZED ON-STATE RESISTANCE vs. AMBIENT TEMPERATURE
3.0
ON-STATE RESISTANCE DISTRIBUTION
30 n = 50 pcs, IF = 0 mA, IL = 10 mA
Normalized On-state Resistance Ron
2.5 2.0 1.5 1.0 0.5 0.0 -25
Normalized to 1.0 at TA = 25 C, IF = 0 mA, IL = 10 mA
25
Number (pcs)
20 15 10 5 0
0
25
50
75
100
6
8
Ambient Temperature TA (C)
On-state Resistance Ron ()
TURN-ON TIME vs. FORWARD CURRENT
0.6 VO = 5 V 0.5
TURN-OFF TIME vs. FORWARD CURRENT
12 VO = 5 V 10
Turn-on Time ton (ms)
Turn-off Time toff (ms)
5 10 15 20 25 30
0.4 0.3 0.2 0.1
8 6 4 2
0
0
5
10
15
20
25
30
Forward Current IF (mA)
Forward Current IF (mA)
TURN-ON TIME DISTRIBUTION
30 25 n = 50 pcs, IF = 10 mA, VO = 5 V 30 25
TURN-OFF TIME DISTRIBUTION
n = 50 pcs, IF = 10 mA, VO = 5 V
Number (pcs)
Number (pcs)
20 15 10 5 0
20 15 10 5 0
0.02
0.04
1.1
1.3
Turn-on Time ton (ms)
Turn-off Time toff (ms)
Data Sheet PN10285EJ01V1DS
7
PS7142-1B,-2B,PS7142L-1B,-2B
NORMALIZED TURN-ON TIME vs. AMBIENT TEMPERATURE
3.0
Normalized Turn-on Time ton Normalized Turn-off Time toff
NORMALIZED TURN-OFF TIME vs. AMBIENT TEMPERATURE
3.0
2.5 2.0 1.5 1.0 0.5 0.0 -25
Normalized to 1.0 at TA = 25 C, IF = 10 mA, VO = 5 V
2.5 2.0 1.5 1.0 0.5 0.0 -25
Normalized to 1.0 at TA = 25 C, IF = 10 mA, VO = 5 V
0
25
50
75
100
0
25
50
75
100
Ambient Temperature TA (C)
Ambient Temperature TA (C)
Remark The graphs indicate nominal characteristics.
8
Data Sheet PN10285EJ01V1DS
PS7142-1B,-2B,PS7142L-1B,-2B
TAPING SPECIFICATIONS (in millimeters)
Outline and Dimensions (Tape)
2.00.1 4.00.1
1.5 +0.1 -0
1.750.1
4.5 MAX.
16.00.3
7.50.1
10.30.1
1.550.1
12.00.1
10.40.1
0.3
4.00.1
Tape Direction
PS7142L-1B-E3 PS7142L-2B-E3 PS7142L-1B-E4 PS7142L-2B-E4
Outline and Dimensions (Reel)
2.00.5
2.00.5 13.00.2
3302.0
1001.0
R 1.0
21.00.8
17.51.0
21.51.0
Packing: 1 000 pcs/reel
15.9 to 19.4 Outer edge of flange
Data Sheet PN10285EJ01V1DS
9
PS7142-1B,-2B,PS7142L-1B,-2B
RECOMMENDED SOLDERING CONDITIONS
(1) Infrared reflow soldering * Peak reflow temperature * Time of peak reflow temperature * Time of temperature higher than 220C * Time to preheat temperature from 120 to 180C * Number of reflows * Flux 260C or below (package surface temperature) 10 seconds or less 60 seconds or less 12030 s Three Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt% is recommended.)
Recommended Temperature Profile of Infrared Reflow
Package Surface Temperature T (C)
(heating) to 10 s
260C MAX. 220C
to 60 s
180C
120C
12030 s (preheating)
Time (s)
(2) Wave soldering * Temperature * Time * Preheating conditions * Number of times * Flux 260C or below (molten solder temperature) 10 seconds or less 120C or below (package surface temperature) One Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt% is recommended.) (3) Cautions * Fluxes Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
10
Data Sheet PN10285EJ01V1DS
4590 Patrick Henry Drive Santa Clara, CA 95054-1817 Telephone: (408) 919-2500 Facsimile: (408) 988-0279
Subject: Compliance with EU Directives
CEL certifies, to its knowledge, that semiconductor and laser products detailed below are compliant with the requirements of European Union (EU) Directive 2002/95/EC Restriction on Use of Hazardous Substances in electrical and electronic equipment (RoHS) and the requirements of EU Directive 2003/11/EC Restriction on Penta and Octa BDE. CEL Pb-free products have the same base part number with a suffix added. The suffix -A indicates that the device is Pb-free. The -AZ suffix is used to designate devices containing Pb which are exempted from the requirement of RoHS directive (*). In all cases the devices have Pb-free terminals. All devices with these suffixes meet the requirements of the RoHS directive. This status is based on CEL's understanding of the EU Directives and knowledge of the materials that go into its products as of the date of disclosure of this information.
Restricted Substance per RoHS Lead (Pb) Mercury Cadmium Hexavalent Chromium PBB PBDE Concentration Limit per RoHS (values are not yet fixed) < 1000 PPM < 1000 PPM < 100 PPM < 1000 PPM < 1000 PPM < 1000 PPM Concentration contained in CEL devices -A Not Detected Not Detected Not Detected Not Detected Not Detected Not Detected -AZ (*)
If you should have any additional questions regarding our devices and compliance to environmental standards, please do not hesitate to contact your local representative.
Important Information and Disclaimer: Information provided by CEL on its website or in other communications concerting the substance content of its products represents knowledge and belief as of the date that it is provided. CEL bases its knowledge and belief on information provided by third parties and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. CEL has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. CEL and CEL suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release. In no event shall CEL's liability arising out of such information exceed the total purchase price of the CEL part(s) at issue sold by CEL to customer on an annual basis. See CEL Terms and Conditions for additional clarification of warranties and liability.


▲Up To Search▲   

 
Price & Availability of PS7142-1B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X