Part Number Hot Search : 
C2000 BLU11SL TDA9332 TDA9332 30HB16 AS8202B 2N301 TDA9332
Product Description
Full Text Search
 

To Download PCH308 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THYRISTOR MODULE
30A / 800V
PCH308
FEATURES
* Isolated Base * Thyristor and Diode Cathode Common * High Surge Capability * UL Recognized, File No. E187184
OUTLINE DRAWING
TYPICAL APPLICATIONS
* Rectified For General Use
PCH
Maximum Ratings
Parameter
Repetitive Peak Off-State Voltage Non Repetitive Peak Off-State Voltage Repetitive Peak Reverse Voltage Non Repetitive Peak Reverse Voltage
Approx Net Weight:155g
Symbol VDRM VDSM VRRM VRSM
Grade
PCH308
Unit
V V
Max Rated Value
800 960 800 960
Parameter
Average Rectified Output Current RMS On-State Current Surge On-State Current I Squared t Critical Rate of Turned-On Current Peak Gate Power Average Gate Power Peak Gate Current Peak Gate Voltage Peak Gate Reverse Voltage Operating JunctionTemperature Range Storage Temperature Range Isoration Voltage Case mounting Mounting torque Terminals Value per 1 Arm IO(AV) IT(RMS) ITSM I2t di/dt PGM PG(AV) IGM VGM VRGM Tjw Tstg Viso Ftor
Conditions
50Hz Half Sine Wave condition Tc=95C 50 Hz Half Sine Wave,1Pulse, Non-Repetitive 2msec to 10msec VD=2/3VDRM, ITM=2 IO, Tj=125C IG=200mA, diG/dt=0.2A/s
*
Unit
A A A A2s A/s
30 47 600 1800 100
5 W 1 W 2 A 10 V 5 V -40 to +125 C -40 to +125 C Base Plate to Terminals, AC1min 2000 V M5 Screw 2.4 to 2.8 N*m M5 Screw 2.4 to 2.8
Electrical * Thermal Characteristics
Characteristics
Peak Off-State Current Peak Reverse Current Peak Forward Voltage Gate Current to Trigger Symbol IDM IRM VTM IGT Test Conditions VDM= VDRM, Tj= 125C VRM= VRRM, Tj= 125C ITM= 90A, Tj=25C Tj=-40C VD=6V,IT=1A Tj=25C Tj=125C Tj=-40C VD=6V,IT=1A Tj=25C Tj=125C VD=2/3VDRM Tj=125C VD=2/3VDRM Tj=125C ITM=IO,VD=2/3VDRM dv/dt=20V/s, VR=100V -di/dt=20A/s, Tj=125C VD=2/3VDRM Tj=125C IG=200mA, diG/dt=0.2A/s Maximum Value. Min. Typ. Max. 10 10 1.45 200 100 50 4 2.5 2 0.25 500 100 6 2 4 100 50 0.7 0.2 Unit mA mA V mA
Gate Voltage to Trigger Gate Non-Trigger Voltage Critical Rate of Rise of Off-State Voltage Turn-Off Time Turn-On Time Delay Time Rise Time Latching Current Holding Current Thermal Resistance Value Per 1Arm
VGT VGD dv/dt tq tgt td tr IL IH Rth(j-c)
V V V/s s s s s mA
Tj=25C Tj=25C Junction to Case Base Plate to Heat Sink Rth(c-f) with Thermal Compound
C/W
PCH308 OUTLINE DRAWING (Dimensions in mm)
PCH


▲Up To Search▲   

 
Price & Availability of PCH308

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X