Part Number Hot Search : 
SMC13CA SD5300N UPD75 SFM16 741035 SC265D3 AKD4366 S10K2
Product Description
Full Text Search
 

To Download MIT-5A11B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SLOTTED PHOTOINTERRUPTER
Description
The MIT-5A11B consists of a Gallium Arsenide infrared emitting diode and a NPN silicon phototransistor built in a black plastic housing. It is a trasmissive subminiature photointerrupter.
MIT-5A11B
Package Dimensions
Unit: mm ( inches )
Features
Non -contact switching For- direct pc board Dual - in - line socket mounting Fast switching speed Choice of mounting configuration.
NOTE 1. Tolerance is 0.25 mm (.006") unless otherwise noted.
Absolute Maximum Ratings
@TA =25oC Parameter Continuous Forward Current INPUT Reverse Voltage Power Dissipation Collector-emitter breakdown voltage OUTPUT Emitter-Collector breakdown voltage Collector power dissipation Total power dissipation Operating Temperature Range Storage Temperature Range Symbol IF VR Pad V(BR)CEO V(BR)ECO PC PTOT Topr Tstg Maximum Rating 50 5 75 30 5 75 100 -25 C to + 85 C
o o -40 C to + 100 C o o
Unit mA V mW V V mW mW
Unity Opto Technology Co., Ltd.
07/26/2004
MIT-5A11B
Optical-Electrical Characteristics
@TA =25oC Parameter Input Output Forward Voltage Reverse Current Collector Dark Current Collector Emitter Saturation Voltage Collector Current Transfer Cha- Response Time (RISE) racteristics
60 50 40 30 20 10 0 -25 0 25 50 75 100
symbol Min. Typ. Max. Unit. VF IR Iceo VCE(SAT) Ic (on) tr tf 1 1.2 20 20
120 100 80 60 40 20 0 -25 0 25 PTOT PD , PC
Test Conditions IF =20mA
1.4 10 100 0.4 10 100 100
V
A VR =5V nA Vce =10V V
Ic=0.1mA,Ee=0.1mW/cm
2
mA IF =20mA, Vce =5V S Ic=100A, Vce =5V S RL =1k, d =1mm
Response Time (FALL)
Typical Optical-Electrical Characteristic Curves
Forward Current IF (mA) Power Dissipation (mW)
Ambient Temperature TA Fig.1 forward Current VS. Ambient Temperature
Ambient Temperature TA ( oC ) Fig.2 Power Dissipation vs Ambient Temperature
Vce=2V Ta=25oC
50
75
100
Collector Current Ic (mA)
Forward Current IF (mA)
100 80 60 40 20 0 0.8 1.2 1.6 2.0 2.4 2.8
2.8 2.4 2.0 1.6 1.2 0.8 0.4 0.0 0
5
10
15
20
25
30
Collector Current Ic (A)
2.8 2.4 2.0 1.6 1.2 0.8 0.4 0.0 0
Relative Collector Current (%)
Forward Voltage VF (V) Fig.3 Forward Current VS Forward Voltage
Ta=25oC 20mA IF=15mA 10mA 4mA
Forward Current IF (mA) Fig.4 Collector Current vs Forward Current
120 100 80 60 40 20 0 -25 0 25 50 75 100
2
4
6
8
10
12
Collector-Emitter Voltage Vce (V) Fig.5 Collector Current vs. Vce
Ambient Temperature TA ( C) Fig.6 Relative Collector Current VS. TA
o
Unity Opto Technology Co., Ltd.
07/26/2004
MIT-5A11B
Typical Optical-Electrical Characteristic Curves
Collector Dark Current ICEO
10-6 10
-7
Response Time (s)
VCE=20V
1000 100 10 1
V CE =2V I C =100mA Ta=25 C
o
10-8 10-9 10-10
0
Ambient Temperature TA ( oC ) Fig.7 Collector Dark Current vs. Ambient Temperature
25
50
75
100
0.1 0.01
Load Resistance Rt (K) Fig.8 Response Time vs. Load Resistance
0.1
1
10
100
Relative Sensitivity (%)
100 80 60 40 20 0 700
Ta=25oC
Response Time Measurement Circuit
Input Output tr Input
90 % 10 %
t t tf VCC
800
900
1000
1100
1200 Output RL
Wavelength (nm) Fig.9 Spectral Sensitivity (Detecting side)
Sensing Position Characteristics (Typical)
X Y
I F =20mA V CE =5V Ta=25 o C I F =20mA V CE =5V Ta=25 o C
Relative light current IL (%)
100
50
(Center of optical axis) X Y 0
0 -2 -1 0 +1 +2 (mm) -2 -1 0 +1 +2 (mm)
0
+
+
Distance d (mm)
Unity Opto Technology Co., Ltd.
07/26/2004


▲Up To Search▲   

 
Price & Availability of MIT-5A11B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X