Part Number Hot Search : 
16E7H 6TRPB HC08A 16E7H B431L Z5237 WP710 40102
Product Description
Full Text Search
 

To Download L680 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DGS 4-025A DGSK 8-025A
DGS 3-025AS
Gallium Arsenide Schottky Rectifier
IFAV = 5.4 A VRRM = 250 V CJunction = 6.4 pF
Type
Marking on product
Circuit
Package
A = Anode, C = Cathode , TAB = Cathode
A
C
DGS 3-025AS
3A250AS
Single
A C
TO-252 AA
A A
C (TAB)
DGS 4-025A
DGS 4-025A
Single
TO-220 AC
C A C (TAB)
DGSK 8-025A
DGSK 8-025A
Common cathode
A C A
TO-220 AB
A C A
C (TAB)
Symbol VRRM/RSM IFAV IFAV IFSM TVJ Tstg Ptot Md
Conditions
Maximum Ratings 250 V A A A C C W Nm
Features * Low forward voltage * Very high switching speed * Low junction capacity of GaAs - low reverse current peak at turn off * Soft turn off * Temperature independent switching behaviour * High temperature operation capability * Epoxy meets UL 94V-0
TC = 25C; DC TC = 90C; DC TVJ = 45C; tp = 10 ms (50 Hz), sine
5.4 3.9 10 -55...+175 -55...+150
TC = 25C mounting torque (TO-220)
18 0.4...0.6
Applications * MHz switched mode power supplies (SMPs) * Small size SMPs * High frequency converters * Resonant converters
Symbol IR VF CJ RthJC RthCH Weight
Pulse test:
Conditions TVJ = 25C VR = VRRM TVJ = 125C VR = VRRM IF = 2 A; IF = 2 A; TVJ = 125C TVJ = 25C
Characteristic Values typ. max. 0.7 0.7 1.3 1.3 6.4 8.5 1.6 mA mA V V pF K/W K/W g g
VR = 100 V; TVJ = 125C
TO-220 TO-252 TO-220
Pulse Width = 5 ms, Duty Cycle < 2.0 %
0.5 0.3 2
Data according to IEC 60747 and per diode unless otherwise specified
IXYS reserves the right to change limits, test conditions and dimensions
(c) 2004 IXYS All rights reserved
1-2
435
DGS 4-025A DGSK 8-025A
10 100 pF A 1
DGS 3-025AS
Outline TO-220
IF
CJ
TVJ = 125C
0,1
TVJ = 125C 25C
10
0,01
0,001 0,0
0,5
1,0
1,5 VF
V 2,0
1 0,1
1
10
100 V 1000 VR
Dim. A B C D E F G H J K M N Q R Millimeter Min. Max. 12.70 13.97 14.73 16.00 9.91 10.66 3.54 4.08 5.85 6.85 2.54 3.18 1.15 1.65 2.79 5.84 0.64 1.01 2.54 BSC 4.32 4.82 1.14 1.39 0.38 0.56 2.29 2.79 Inches Min. Max. 0.500 0.550 0.580 0.630 0.390 0.420 0.139 0.161 0.230 0.270 0.100 0.125 0.045 0.065 0.110 0.230 0.025 0.040 0.100 BSC 0.170 0.190 0.045 0.055 0.015 0.022 0.090 0.110
Fig. 1 typ. forward characteristics
Fig. 2 typ. junction capacity versus blocking voltage
10 K/W 1 ZthJC
Single Pulse
0,1
Outlines TO-252
0,01
DGS3-025AS
0,00001
0,0001
0,001
0,01
0,1
1 t
s
10
Fig. 3 typ. thermal impedance junction to case
1 Anode 2 NC 3 Anode 4 Cathode
Note: explanatory comparison of the basic operational behaviour of rectifier diodes and Gallium Arsenide Schottky diodes:
Dim. A A1 A2 b b1 b2 c c1 D D1 E E1 e e1 H L L1 L2 L3
conduction forward characteristics turn off characteristics
turn on characteristics
Rectifier Diode by majority + minority carriers VF (IF) extraction of excess carriers causes temperature dependant reverse recovery (trr, IRM, Qrr) delayed saturation leads to VFR
GaAs Schottky Diode by majority carriers only VF (IF), see Fig. 1 reverse current charges junction capacity CJ, see Fig. 2; not temperature dependant no turn on overvoltage peak
Millimeter Min. Max. 2.19 2.38 0.89 1.14 0 0.13 0.64 0.89 0.76 1.14 5.21 5.46 0.46 0.58 0.46 0.58 5.97 6.22 4.32 5.21 6.35 6.73 4.32 5.21 2.28 BSC 4.57 BSC 9.40 10.42 0.51 1.02 0.64 0.89 2.54 1.02 1.27 2.92
Inches Min. Max. 0.086 0.094 0.035 0.045 0 0.005 0.025 0.035 0.030 0.045 0.205 0.215 0.018 0.023 0.018 0.023 0.235 0.245 0.170 0.205 0.250 0.265 0.170 0.205 0.090 BSC 0.180 BSC 0.370 0.410 0.020 0.040
435
IXYS reserves the right to change limits, test conditions and dimensions
0.025 0.035 0.100
0.040 0.050 0.115
(c) 2004 IXYS All rights reserved
2-2


▲Up To Search▲   

 
Price & Availability of L680

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X