Part Number Hot Search : 
MUR360 5KE300CA CEP703 MBR358W HERF1004 B25ZA B2000 1205202
Product Description
Full Text Search
 

To Download JANTX2N3772 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
NPN HIGH POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/518 Devices 2N3771 2N3772 Qualified Level JANTX JANTXV
MAXIMUM RATINGS Ratings
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Base Current Collector Current Total Power Dissipation
Symbol
VCEO VCBO VEBO IB IC PT TJ, Tstg
2N3771
40 50 7.0 7.5 30
2N3772
60 100 7.0 5.0 20
Unit
Vdc Vdc Vdc Adc Adc W W 0 C
@ TA = +250C (1) @ TC = +250C (2) Operating & Storage Junction Temperature Range 1) Derate linearly 34.2 mW/0C for TA > +250C 2) Derate linearly 857 mW/0C for TC > +250C
6.0 150 -65 to +200
TO-3* (TO-204AA)
*See Appendix A for Package Outline
ELECTRICAL CHARACTERISTICS (TA = 250C unless otherwise noted)
Characteristics Symbol Min. Max. Unit
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage IC = 200 mAdc Collector-Emitter Breakdown Voltage IC = 200 mAdc, RBE = 100 Collector-Emitter Breakdown Voltage IC = 200 mAdc, VBE = -1.5 Vdc Collector-Emitter Cutoff Current VCE = 30 Vdc VCE = 50 Vdc Emitter-Base Cutoff Current VBE = 7.0 Vdc Collector-Emitter Cutoff Current VBE = 1.5 Vdc, VCE = 50 Vdc VBE = 1.5 Vdc, VCE = 100 Vdc 2N3771 2N3772 2N3771 2N3772 2N3771 2N3772 2N3771 2N3772 2N3771 2N3772 2N3771 2N3772 V(BR)CEO 40 60 45 70 50 90 5.0 5.0 2.0 Vdc
V(BR)CER
Vdc
V(BR)CEX
Vdc
ICEO
mAdc
IEBO
mAdc
ICEX
500 500
Adc
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N3771, 2N3772 JAN SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Symbol hFE 2N3771 2N3772 Both VCE(sat) 2N3771 2N3771 2N3772 2N3772 VBE 2N3771 2N3772 hfe hfe Cobo 40 6.0 30 2.3 2.0 Vdc 1.5 4.0 1.2 4.0 Vdc 15 15 40 60 60 Min. Max. Unit
ON CHARACTERISTICS (3)
Forward-Current Transfer Ratio IC = 15 Adc, VCE = 4.0 Vdc IC = 10 Adc, VCE = 4.0 Vdc IC = 1.0 Adc, VCE = 4.0 Vdc Collector-Emitter Saturation Voltage IC = 15 Adc, IB = 1.5 Adc IC = 30 Adc, IB = 6.0 Adc IC = 10 Adc, IB = 1.0 Adc IC = 20 Adc, IB = 4.0 Adc Base-Emitter Voltage (non-saturated) IC = 15 Adc, VCE = 4.0 Vdc IC = 10 Adc, VCE = 4.0 Vdc
DYNAMIC CHARACTERISTICS
Small-Signal Cutoff Frequency IC = 1.0 Adc, VCE = 10 Vdc, f = 1.0 kHz Magnitude of Common Emitter Small-Signal Short-Circuit Forward-Current Transfer IC = 1.0 Adc, VCE = 4.0 Vdc, f = 100 kHz Output Capacitance VCB = 10 Vdc, IE = 0, 100 kHz f 1.0 MHz
1200
p
SWITCHING CHARACTERISTICS
Turn-On Time VCC = 30 Vdc; IC = 15 Adc; IB1= 1.5 Adc VCC = 30 Vdc; IC = 10 Adc; IB1= 1.0 Adc Turn-Off Time VCC = 30 Vdc; IC = 15 Adc; IB1 =1.5 Adc; IB2 = -1.5 Adc VCC = 30 Vdc; IC = 10 Adc; IB1 = 1.0 Adc; IB2 = -1.0 Adc 2N3771 2N3772 2N3771 2N3772
t
on
10 8.0 12 10
s
t
off
s
SAFE OPERATING AREA
DC Tests TC = +250C, 1 Cycle, t = 1.0 s Test 1 (2N3771 only) VCE = 5.0 Vdc, IC = 30 Adc Test 2 (2N3771 only) VCE = 40 Vdc, IC = 3.75 Adc Test 3 (2N3772 only) VCE = 7.5 Vdc, IC = 20 Adc Test 4 (2N3772 only) VCE = 60 Vdc, IC = 2.5 Adc Clamped Inductive TA = +250C; duty cycle 10%; RS = 0.1 Test 1 (2N3771 only) RBB1 = 2.0 ; VBB1 14 Vdc; RBB2 = 100 ; VCC = 205.0 Vdc; VBB2 = 1.5 Vdc; IC = 30 Adc; RL 0.67 ; L= 5.0 mH Test 2 (2N3772 only) RBB1 = 2.0 ; VBB1 10 Vdc; RBB2 = 100 ; VCC = 405.0 Vdc; VBB2 = 1.5 Vdc; IC = 20 Adc; RL 2.0 ; L= 5.0 mH (3) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of JANTX2N3772

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X