Part Number Hot Search : 
K155TB1 LYH1035 SC3AS4F 16000 C4663 SS496A BD242C SC3AS05F
Product Description
Full Text Search
 

To Download IRF7341IPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD-95087
IRF7341IPBF
l l l l l l l l
Generation V Technology Ultra Low On-Resistance Dual N-Channel Mosfet Surface Mount Available in Tape & Reel Dynamic dv/dt Rating Fast Switching Lead-Free
HEXFET(R) Power MOSFET
S1 G1 S2 G2
1 8
D1 D1 D2 D2
2
7
VDSS = 55V
3
6
4
5
RDS(on) = 0.050
Top View
Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The SO-8 has been modified through a customized leadframe for enhanced thermal characteristics and multiple-die capability making it ideal in a variety of power applications. With these improvements, multiple devices can be used in an application with dramatically reduced board space. The package is designed for vapor phase, infra red, or wave soldering techniques. Power dissipation of greater than 0.8W is possible in a typical PCB mount application.
SO-8
Absolute Maximum Ratings
Parameter
VDS ID @ TC = 25C ID @ TC = 70C IDM PD @TC = 25C PD @TC = 70C VGS VGSM EAS dv/dt TJ, TSTG Drain- Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Gate-to-Source Voltage Gate-to-Source Voltage Single Pulse tp<10s Single Pulse Avalanche Energy Peak Diode Recovery dv/dt Junction and Storage Temperature Range
Max.
55 4.7 3.8 38 2.0 1.3 0.016 20 30 72 5.0 -55 to + 150
Units
V A W W/C V V V/ns C
Thermal Resistance
Parameter
RJA Maximum Junction-to-Ambient
Typ.
---
Max.
62.5
Units
C/W
www.irf.com
1
07/07/06
IRF7341IPBF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Min. 55 --- --- --- 1.0 7.9 --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. --- 0.059 0.043 0.056 --- --- --- --- --- --- 24 2.3 7.0 8.3 3.2 32 13 740 190 71
Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 0.050 VGS = 10V, ID = 4.7A 0.065 VGS = 4.5V, I D = 3.8A --- V VDS = VGS, ID = 250A --- S VDS = 10V, ID = 4.5A 2.0 VDS = 55V, VGS = 0V A 25 VDS = 55V, VGS = 0V, TJ = 55C -100 VGS = -20V nA 100 VGS = 20V 36 ID = 4.5A 3.4 nC VDS = 44V 10 VGS = 10V, See Fig. 10 12 VDD = 28V 4.8 ID = 1.0A ns 48 RG = 6.0 20 RD = 16, --- VGS = 0V --- pF VDS = 25V --- = 1.0MHz, See Fig. 9
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge
Min. Typ. Max. Units --- --- --- --- 60 120 2.0 A 38 1.2 90 170 V ns nC
Conditions MOSFET symbol showing the G integral reverse p-n junction diode. TJ = 25C, IS = 2.0A, VGS = 0V TJ = 25C, IF = 2.0A di/dt = -100A/s
D
S
Notes:
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ISD 4.7A, di/dt 220A/s, VDD V(BR)DSS,
TJ 150C
Starting TJ = 25C, L = 6.5mH
RG = 25, IAS = 4.7A. (See Figure 8)
Pulse width 300s; duty cycle 2%. When mounted on 1 inch square copper board, t<10 sec
2
www.irf.com
IRF7341IPBF
100
I D , Drain-to-Source Current (A)
10
I D , Drain-to-Source Current (A)
VGS 15V 12V 10V 8.0V 6.0V 4.5V 4.0V 3.5V BOTTOM 3.0V TOP
100
VGS 15V 12V 10V 8.0V 6.0V 4.5V 4.0V 3.5V BOTTOM 3.0V TOP
10
3.0V
3.0V
1 0.1
20s PULSE WIDTH TJ = 25 C
1 10 100
1 0.1
20s PULSE WIDTH TJ = 150 C
1 10 100
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
100
I D , Drain-to-Source Current (A)
TJ = 25 C TJ = 150 C
10
ISD , Reverse Drain Current (A)
10
TJ = 150 C
TJ = 25 C
1
1 3 4
V DS = 25V 20s PULSE WIDTH 5 6
0.1 0.2 0.5 0.8
V GS = 0 V
1.1 1.4
VGS , Gate-to-Source Voltage (V)
VSD ,Source-to-Drain Voltage (V)
Fig 3. Typical Transfer Characteristics
Fig 4. Typical Source-Drain Diode Forward Voltage
www.irf.com
3
IRF7341IPBF
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID = 4.7A
2.0
R DS (on), Drain-to-Source On Resistance ()
2.5
0.120
0.100
1.5
0.080
1.0
VGS = 4.5V
0.060
0.5
VGS = 10V
0.0 -60 -40 -20
VGS = 10V
0 20 40 60 80 100 120 140 160
0.040 0 10 20 30 40
TJ , Junction Temperature ( C)
I D , Drain Current (A)
Fig 5. Normalized On-Resistance Vs. Temperature
Fig 6. Typical On-Resistance Vs. Drain Current
0.12
200
RDS(on) , Drain-to-Source On Resistance ( )
EAS , Single Pulse Avalanche Energy (mJ)
TOP
160
BOTTOM
ID 2.1A 3.8A 4.7A
0.10
120
0.08
80
I D = 4.7A
0.06
40
0.04 0 2 4 6 8 10
A
0 25 50 75 100 125 150
V GS , Gate-to-Source Voltage (V)
Starting TJ , Junction Temperature ( C)
Fig 7. Typical On-Resistance Vs. Gate Voltage
Fig 8. Maximum Avalanche Energy Vs. Drain Current
4
www.irf.com
IRF7341IPBF
1200
1000
VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
20
ID = 4.5A VDS = 48V VDS = 30V VDS = 12V
16
C, Capacitance (pF)
800
Ciss
12
600
8
400
Coss
200
4
Crss
0 1 10 100
0 0 10 20 30 40
VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 9. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 10. Typical Gate Charge Vs. Gate-to-Source Voltage
100
Thermal Response (Z thJA )
D = 0.50 0.20 10 0.10 0.05 0.02 1 0.01 t1 SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJA + TA 0.001 0.01 0.1 1 10 100 t2 PDM
0.1 0.0001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
IRF7341IPBF
SO-8 Package Outline
Dimensions are shown in milimeters (inches)
9DH 6 6 i p 9 @ r r C F G DI8C@T HDI H6Y $"! %'' # (' " ! &$ (' '( (%' #(& $&# $AA76TD8 !$AA76TD8 !!'# !## (( (% % $ A A' HDGGDH@U@ST HDI H6Y "$ &$ !$ "" $ ( !$ #' $ "' # !&AA76TD8 %"$AA76TD8 $' %! !$ $ # !& A' A
9 6 ' & ! % " $
7
% @
$ #
C !$Ab dA
6
%Y r
r
6
FAA#$ 8 Ab#dA 'YAG & 'YAp
'YAi !$Ab dA
6 867
APPUQSDIU
IPU@T) AA9DH@ITDPIDIBAEAUPG@S6I8DIBAQ@SA6TH@A #$H ((# !AA8PIUSPGGDIBA9DH@ITDPI)AHDGGDH@U@S "AA9DH@ITDPITA6S@ATCPXIADIAHDGGDH@U@STAbDI8C@Td #AAPVUGDI@A8PIAPSHTAUPAE@9@8APVUGDI@AHT !66 $AAA9DH@ITDPIA9P@TAIPUADI8GV9@AHPG9AQSPUSVTDPIT AAAAAHPG9AQSPUSVTDPITAIPUAUPA@Y8@@9A $Ab%d %AAA9DH@ITDPIA9P@TAIPUADI8GV9@AHPG9AQSPUSVTDPIT AAAAAHPG9AQSPUSVTDPITAIPUAUPA@Y8@@9A!$Ab d &AAA9DH@ITDPIADTAUC@AG@IBUCAPAAG@69AAPSATPG9@SDIBAUP AAAAA6ATV7TUS6U@
'YA&!Ab!'d
%#%Ab!$$d
"YA !&Ab$d
'YA &'Ab&d
SO-8 Part Marking Information
@Y6HQG@)AUCDTADTA6IADSA& AHPTA@U 96U@A8P9@AXX QA2A9DTBI6U@TAG@69AAAS@@ QSP9V8UAPQUDPI6G A2AG6TUA9DBDUAPAAUC@A@6S XXA2AX@@F 6A2A6TT@H7GATDU@A8P9@ GPUA8P9@ Q6SUAIVH7@S
DIU@SI6UDPI6G S@8UDAD@S GPBP
;;;; )
6
www.irf.com
IRF7341IPBF
SO-8 Tape and Reel
Dimensions are shown in milimeters (inches)
TERMINAL NUMBER 1
12.3 ( .484 ) 11.7 ( .461 )
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES: 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
330.00 (12.992) MAX.
14.40 ( .566 ) 12.40 ( .488 ) NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
Data and specifications subject to change without notice. This product has been designed and qualified for the Industrial market. Qualifications Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 07/2006
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of IRF7341IPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X