Part Number Hot Search : 
24C256 BUZ31 PTF10154 H16C60 102M0 LH101510 CY7C132 720LT
Product Description
Full Text Search
 

To Download HCF4020M013TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCF4020B
RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE
s
s s s s
s
s s
s
MEDIUM SPEED OPERATION: 16MHz (Typ.) at VDD = 10V FULLY STATIC OPERATION COMMON RESET BUFFERED INPUTS AND OUTPUTS STANDARDIZED SYMMETRICAL OUTPUT CHARACTERISTICS QUIESCENT CURRENT SPECIFIED UP TO 20V 5V, 10V AND 15V PARAMETRIC RATINGS INPUT LEAKAGE CURRENT II = 100nA (MAX) AT VDD = 18V TA = 25C 100% TESTED FOR QUIESCENT CURRENT
DIP
SOP
ORDER CODES
PACKAGE DIP SOP TUBE HCF4020BEY HCF4020BM1 T&R HCF4020M013TR
DESCRIPTION HCF4020B is a monolithic integrated circuit fabricated in Metal Oxide Semiconductor technology available in DIP and SOP packages. HCF4020B is a ripple carry binary counter. All counter stages are master-slave flip-flops. The state of a counter advances one count on the
negative transition of each input pulse; a high level on the RESET line resets the counter to its all zeros stage. Schmitt trigger action on the input pulse line permits unlimited clock rise and fall times. All inputs and outputs are buffered.
PIN CONNECTION
March 2004
1/11
HCF4020B
IINPUT EQUIVALENT CIRCUIT PIN DESCRIPTION
PIN N 9, 7, 5, 4, 6, 13, 12, 14, 15, 1, 2, 3 11 10 8 16 SYMBOL Q1, Q4 to Q14 RESET VSS VDD NAME AND FUNCTION 14 Buffered Outputs Reset Input Input Pulses Negative Supply Voltage Positive Supply Voltage
FUNCTIONAL DIAGRAM
TRUTH TABLE
X RESET H L L
X : Don't Care
OUTPUT STATE ALL OUTPUTS = "L" NO CHANGE ADVANCE TO NEXT STATE
LOGIC DIAGRAM
2/11
HCF4020B
ABSOLUTE MAXIMUM RATINGS
Symbol VDD VI II PD Top Tstg Supply Voltage DC Input Voltage DC Input Current Power Dissipation per Package Power Dissipation per Output Transistor Operating Temperature Storage Temperature Parameter Value -0.5 to +22 -0.5 to VDD + 0.5 10 200 100 -55 to +125 -65 to +150 Unit V V mA mW mW C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. All voltage values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
Symbol VDD VI Top Supply Voltage Input Voltage Operating Temperature Parameter Value 3 to 20 0 to VDD -55 to 125 Unit V V C
3/11
HCF4020B
DC SPECIFICATIONS
Test Condition Symbol Parameter VI (V) 0/5 0/10 0/15 0/20 0/5 0/10 0/15 5/0 10/0 15/0 0.5/4.5 1/9 1.5/13.5 4.5/0.5 9/1 13.5/1.5 2.5 4.6 9.5 13.5 0.4 0.5 1.5 VO (V) |IO| VDD (A) (V) 5 10 15 20 5 10 15 5 10 15 5 10 15 5 10 15 5 5 10 15 5 10 15 18 TA = 25C Min. Typ. 0.04 0.04 0.04 0.08 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 -1.36 -0.44 -1.1 -3.0 0.44 1.1 3.0 -3.2 -1 -2.6 -6.8 1 2.6 6.8 10-5 5 0.1 7.5 -1.1 -0.36 -0.9 -2.4 0.36 0.9 2.4 1 3.5 7 11 1.5 3 4 -1.1 -0.36 -0.9 -2.4 0.36 0.9 2.4 1 Max. 5 10 20 100 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 Value -40 to 85C Min. Max. 150 300 600 3000 4.95 9.95 14.95 0.05 0.05 0.05 -55 to 125C Min. Max. 150 300 600 3000 Unit
IL
Quiescent Current
A
VOH
High Level Output Voltage Low Level Output Voltage High Level Input Voltage Low Level Input Voltage Output Drive Current
VOL
VIH
VIL
IOH
IOL
Output Sink Current Input Leakage Current Input Capacitance
0/5 0/5 0/10 0/15 0/5 0/10 0/15 0/18
<1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1
V
V
V
V
mA
mA A pF
II CI
Any Input Any Input
The Noise Margin for both "1" and "0" level is: 1V min. with VDD=5V, 2V min. with VDD=10V, 2.5V min. with VDD=15V
4/11
HCF4020B
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25C, CL = 50pF, RL = 200K, tr = tf = 20 ns)
Test Condition Symbol Parameter VDD (V) tPLH tPHL Propagation Delay Time ( to Q1 Out) tPLH tPHL Propagation Delay Time (Qn to Qn+1) tTHL tTLH Transition Time INPUT-PULSE OPERATION 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 RESET OPERATION 5 10 15 5 10 15 5 10 15 Min. Typ. 180 80 65 100 40 30 100 50 40 70 30 20 unlimited 3.5 8 12 7 16 24 140 60 50 100 40 30 175 75 50 280 120 100 200 80 60 350 150 100 Max. 360 160 130 200 80 60 200 100 80 140 60 40 Value (*) Unit
ns
ns
ns
tW
Minimum Input Pulse Width Input Pulse Rise and Fall Time Maximum Clock Input Frequency
ns
tr , tf
s
fmax
MHz
tPHL
Propagation Delay Time
ns
tW
Minimum Reset Pulse Width Reset Removal Time
ns
tREM
ns
(*) Typical temperature coefficient for all VDD value is 0.3%/C.
5/11
HCF4020B
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance) RL = 200K RT = ZOUT of pulse generator (typically 50)
WAVEFORM 1: MINIMUM PULSE WIDTH (RESET) AND REMOVAL TIME (RESET TO ) (f=1MHz; 50% duty cycle)
6/11
HCF4020B
WAVEFORM 2: PROPAGATION DELAY TIME (f=1MHz; 50% duty cycle)
WAVEFORM 3: PROPAGATION DELAY TIME, MINIMUM PULSE WIDTH () (f=1MHz; 50% duty cycle)
7/11
HCF4020B
Plastic DIP-16 (0.25) MECHANICAL DATA
mm. DIM. MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 TYP. MAX. inch
P001C
8/11
HCF4020B
SO-16 MECHANICAL DATA
DIM. A a1 a2 b b1 C c1 D E e e3 F G L M S 8 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm. MIN. TYP MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.008 0.064 0.018 0.010
PO13H
9/11
HCF4020B
Tape & Reel SO-16 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 6.45 10.3 2.1 3.9 7.9 12.8 20.2 60 22.4 6.65 10.5 2.3 4.1 8.1 0.254 0.406 0.082 0.153 0.311 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.262 0.414 0.090 0.161 0.319 MIN. TYP. MAX. 12.992 0.519 inch
10/11
HCF4020B
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
11/11


▲Up To Search▲   

 
Price & Availability of HCF4020M013TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X