Part Number Hot Search : 
TA821 N54LS MS8GE C4166 CT160M N54LS P55NE0 9344FC
Product Description
Full Text Search
 

To Download EL5181 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
CT T O DU M EN E PR PLACE ter at ET en OL RE OBS ENDED upport C om/tsc M S l.c M al rsi E CO hnic .inte NO R our Tec or www Data Sheet L December 4, 2001 I act cont -INTERS 8 1-88
EL5181
FN7178
8ns High-Speed Comparator
The EL5181 comparator is designed for operation in single supply and dual supply applications with 5V to 12V between VS+ and VS-. For single supplies, the inputs can operate from 0.1V below ground for use in ground sensing applications. The output side of the comparator can be supplied from a single supply of 2.7V to 5V. The rail-to-rail output swing enables direct connection of the comparator to both CMOS and TTL logic circuits. The latch input of the EL5181 can be used to hold the comparator output value by applying a low logic level to the pin. The EL5181 is available in the 8-pin SO package and is specified for operation over the full -40C to +85C temperature range. Also available are a dual (EL5281), a window comparator (EL5283), and quad versions (EL5481 and EL5482).
Features
* 8ns Typ. propagation delay * 5V to 12V input supply * +2.7V to +5V output supply * True-to-ground input * Rail-to-rail outputs * Active low latch * Dual available (EL5281) * Window comparator (EL5283) * Quad available (EL5481 & EL5482) * Pin-compatible 4ns family available (EL5x85, EL5287 & EL5486)
Applications
* Threshold detection * High speed sampling circuits
Ordering Information
PART NUMBER EL5181CS EL5181CS-T7 EL5181CS-T13 PACKAGE 8-Pin SO 8-Pin SO 8-Pin SO TAPE & REEL 7" 13" PKG. NO. MDP0027 MDP0027 MDP0027
* High speed triggers * Line receivers * PWM circuits * High speed V/F converters
Pinout
EL5181 (8-PIN SO) TOP VIEW
VS+ 1 L A T C H 8 VSD
IN+
2
+ -
7
OUT
IN-
3
6
GND
VS-
4
5
LATCH
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc. All other trademarks mentioned are the property of their respective owners.
EL5181
Absolute Maximum Ratings (TA = 25C)
Analog Supply Voltage (V S+ to VS-) . . . . . . . . . . . . . . . . . . . +12.6V Digital Supply Voltage (VSD to GND) . . . . . . . . . . . . . . . . . . . . .+7V Differential Input Voltage . . . . . . . . . . .[(VS-) -0.2V] to [(VS+) +0.2V] Common-mode Input Voltage . . . . . . .[(VS-) -0.2V] to [(VS+) +0.2V] Latch Input Voltage . . . . . . . . . . . . . . . . . . . . -0.2V to [(V SD) +0.2V] Storage Temperature Range . . . . . . . . . . . . . . . . . . -65C to +150C Ambient Operating Temperature . . . . . . . . . . . . . . . . -40C to +85C Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 125C Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
PARAMETER INPUT VOS IB CIN IOS VCM CMRR OUTPUT VOH VOL DYNAMIC PERFORMANCE tPD+ tPDSUPPLY IS+ ISISD
VS = 5V, V SD = 5V, RL = 2.3k, C L = 15pF, T A = 25C, unless otherwise specified. DESCRIPTION CONDITION MIN TYP MAX UNIT
Input Offset Voltage Input Bias Current Input Capacitance Input Offset Current Input Voltage Range Common-mode Rejection Ratio
VCM = 0V, VO = 2.5V -6
1 -3.5 5
4
mV A pF
VCM = 0V, VO = 2.5V
-2.5 (VS-) - 0.1
0.5
2.5 (V S+) 2.25
A V dB
-5.1V < VCM < +2.75V
65
90
Output High Voltage Output Low Voltage
VIN > 250mV VIN > 250mV
VSD - 0.6
VSD - 0.4 GND + 0.25 GND + 0.5
V V
Positive Going Delay Time Negative Going Delay Time
VIN = 1V P-P, VOD = 50mV VIN = 1V P-P, VOD = 50mV
8 8
12 12
ns ns
Positive Analog Supply Current Negative Analog Supply Current Digital Supply Current Output high Output low
7 5 4 0.75 60 80
8.2 6.5 5 1
mA mA mA mA dB
PSRR LATCH VLH VLL ILH ILL td+ tDtS tH tPW(D)
Power Supply Rejection Ratio
Latch Input Voltage High Latch Input Voltage Low Latch Input Current High Latch Input Current Low Latch Disable to High Delay Latch Disable to Low Delay Minimum Setup Time Minimum Hold Time Minimum Latch Disable Pulse Width VLH = 3.0V VLL = 0.3V 0.8 -30 -30 -18 -24 6 6 2 1 10
2.0
V V A A ns ns ns ns ns
2
EL5181 Typical Performance Curves
Positive Supply Current vs Temperature 7.15 7.1 7.05 7 IS+ (mA) 6.95 6.9 6.85 6.8 6.75 6.7 -50 -30 -10 10 30 50 70 90 IS- (mA) -4.4 -4.5 -4.6 -4.7 -4.8 -4.9 -5 -5.1 -5.2 -50 -30 -10 10 30 50 70 90 Negative Supply Current vs Temperature
Temperature (C) Positive Supply Current vs Supply Voltage 7 6 5 5 IS+ (mA) IS- (mA) 4 3 2 1 0 0 1 2 3 4 5 6 7 VS+ (V) Input Bias Current vs Temperature 6 5 4 VOS (mV) IB (A) 3 2 1 0 -50 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -0.1 -0.2 -30 -10 10 30 50 70 90 -0.3 -50 -30 -10 VS- = -5V VSD = 5V VIN = 50mV TA = 25C 4.5 5.5
Temperature (C) Negative Supply Current vs Negative Supply Voltage
4
3.5
VS+ = 5V VSD = 5V VIN = 50mV TA = 25C
3 0 1 2 3 4 5 6 7 VS- (V) Offset Voltage vs Temperature
10
30
50
70
90
Temperature (C)
Temperature (C)
3
EL5181 Typical Performance Curves
(Continued)
Propagation Delay vs Overdrive 10 9.5 9 Delay Time (ns) 8.5 8 7.5 7 6.5 6 5.5 5 0 100 200 300 VOD (mV) Propagation Delay vs Supply Voltage 10 9.5 9 Delay Time (ns) 8.5 8 7.5 7 6.5 6 5.5 5 4 4.5 5 VS (V) Propagation Delay vs Overdrive 11 10.5 10 Delay Time (ns) 9.5 9 8.5 8 7.5 7 0 0.5 1 1.5 VOD (V) 2 2.5 3 TPD VS = 5V VSD = 5V R L = 2.2k VIN = 5V Step 20 18 16 Delay Time (ns) TPD+ 14 12 10 8 6 5.5 6 TPD VSD = VS+ VIN = 1V Step VOD = 50mV RL = 2.2k TPD+ 10 9.5 9 Delay Time (ns) 8.5 8 7.5 7 6.5 400 500 600 TPD VS = 5V VSD = 5 V VIN = 1V Step RL = 2.2k TPD+ 12 11 Delay Time (ns) 10 9 8 7
Propagation Delay vs Load Capacitance
VS = 5V VSD = 5V RL = 2.2k VIN = 1V Step VOD = 50mV
TPD+
TPD-
6 0
20
40
60 CLOAD (pF)
80
100
120
Propagation Delay vs Overdrive
TPD+
VS = 5V VSD = 5V VIN = 3V Step RL = 2.2k 0.2 0.4 0.6 0.8 1 1.2
TPD-
6 0
1.4
1.6
1.8
2
VOD (V) Propagation Delay vs Source Resistance VS = 5V VSD = 5V RL = 2.2k VIN = 1V Step VOD = 50mV
TPD+
TPD-
4 0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Source Resistance (k)
4
EL5181 Typical Performance Curves
(Continued)
Output Low Voltage vs Load Current 0.31 4.75 4.7 Output High Voltage (V) Output Low Voltage (V) 0.27 TA = 25C 0.23 TA = 85C 4.65 4.6 4.55 4.5 4.45 4.4 4.35 4.3 0 2 4 6 8 10
Output High Voltage vs Load Current
TA = -40C
VS = 5V VSD = 5V VIN = 50mV
TA = 25C
TA = 85C
0.19
TA = -40C
VS = 5V VSD = 5V VIN = -50mV
0.15 Load Current (mA) Digital Supply Current vs Input Switching Frequency 30 VS = 5V 25 Power Dissipation (W) 20 ISD (mA) 15 10 5 0 0 5 10 15 20 25 30 35 40 45 50 Frequency (MHz) VSD = 5V VSD = 3V
0
2
4
6
8
10
Load Current (mA) Package Power Dissipation vs Ambient Temperature JEDEC JESD51-3 Low Effective Thermal Conductivity Test Board 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 25 50 75 85 100 125 150 Ambient Temperature (C)
SO 16 8 0 C /W
625mW
Output with 30MHz Input VIN = 1VP-P VIN = 1VP-P FIN = 30MHz VS = 5V VSDS= 5V
Output with 30MHz Input VIN = 3VP-P VIN = 3VP-P FIN = 30MHz VS = 5V VSD = 5V
VO
VO
VIN 1V 2V 20ns
VIN 2V 2V 20ns
5
EL5181 Timing Diagram
Compare Latch Enable Input Latch Differenti al Input Voltage tS VIN tH Latch
Compare
1.4V Latch tPW(D)
VOS VOD tPDt D+
Comparator Output
2.4V
Definition of Terms
TERM VOS VIN VOD tPD+ tPDtD+ tDtS tH tPW (D) DEFINITION Input Offset Voltage - Voltage applied between the two input terminals to obtain CMOS logic threshold at the output Input Voltage Pulse Amplitude - Usually set to 1V for comparator specifications Input Voltage Overdrive - Usually set to 50mV and in opposite polarity to V IN for comparator specifications Input to Output High Delay - The propagation delay measured from the time the input signal crosses the input offset voltage to the CMOS logic threshold of an output low to high transition Input to Output Low Delay - The propagation delay measured from the time the input signal crosses the input offset voltage to the CMOS logic threshold of an output high to low transition Latch Disable to Output High Delay - The propagation delay measured from the latch signal crossing the CMOS threshold in a low to high transition to the point of the output crossing CMOS threshold in a low to high transition Latch Disable to Output Low Delay - The propagation delay measured from the latch signal crossing the CMOS threshold in a low to high transition to the point of the output crossing CMOS threshold in a high to low transition Minimum Setup Time - The minimum time before the negative transition of the latch signal that an input signal change must be present in order to be acquired and held at the outputs Minimum Hold Time - The minimum time after the negative transition of the latch signal that an input signal must remain unchanged in order to be acquired and held at the output Minimum Latch Disable Pulse Width - The minimum time that the latch signal must remain high in order to acquire and hold an input signal change
6
EL5181
Pin Descriptions
PIN NUMBER 1 2 PIN NAME VS+ IN+ FUNCTION Positive supply voltage Positive input
VS+
EQUIVALENT CIRCUIT
IN-
IN+
VS-
Circuit 1 3 4 5 INVSLATCH Negative input Negative supply voltage Latch input
VS+ VSD
(Reference Circuit 1)
LATCH
VS-
Circuit 2 6 7 GND OUT Digital ground Output
VSD VS+
OUT
VS-
Circuit 3 8 VSD Digital Supply
7
EL5181 Applications Information
Power Supplies and Circuit Layout
The EL5181 comparator operates with single and dual supply with 5V to 12V between VS+ and VS-. The output side of the comparator is supplied by a single supply from 2.7V to 5V. The rail to rail output swing enables direct connection of the comparator to both CMOS and TTL logic circuits. As with many high speed devices, the supplies must be well bypassed. Elantec recommends a 4.7F tantalum in parallel with a 0.1F ceramic. These should be placed as close as possible to the supply pins. Keep all leads short to reduce stray capacitance and lead inductance. This will also minimize unwanted parasitic feedback around the comparator. The device should be soldered directly to the PC board instead of using a socket. Use a PC board with a good, unbroken low inductance ground plane. Good ground plane construction techniques enhance stability of the comparators. to-low transition. To guarantee data retention, the input signal must remain the same state at least 1ns (hold time) after the latch goes low and at least 2ns (setup time) before the latch goes low. When the latch goes high, the new data will appear at the output in approximately 6ns (latch propagation delay).
Hysteresis
Hysteresis can be added externally. The following two methods can be used to add hysteresis. Inverting comparator with hysteresis:
VREF R3 R2 + R1 VIN -
Input Voltage Considerations
The EL5181 input range is specified from 0.1V below VS- to 2.25V below VS+. The criterion for the input limit is that the output still responds correctly to a small differential input signal. The differential input stage is a pair of PNP transistors, therefore, the input bias current flows out of the device. When either input signal falls below the negative input voltage limit, the parasitic PN junction formed by the substrate and the base of the PNP will turn on, resulting in a significant increase of input bias current. If one of the inputs goes above the positive input voltage limit, the output will still maintain the correct logic level as long as the other input stays within the input range. However, the propagation delay will increase. When both inputs are outside the input voltage range, the output becomes unpredictable. Large differential voltages greater than the supply voltage should be avoided to prevent damages to the input stage.
R3 adds a portion of the output to the threshold set by R 1 and R2. The calculation of the resistor values are as follows: Select the threshold voltage VTH and calculate R1 and R2. The current through R1/R2 bias string must be many times greater than the input bias current of the comparator:
R1 V TH = VREF x --------------------R1 + R2
Let the hysteresis be VH, and calculate R3:
VO R 3 = -------- x ( R 1 || R 2 ) VH
where: VO =V SD-0.8V (swing of the output) Recalculate R2 to maintain the same value of VTH:
VTH V TH -0.5VSD R 2 1 = ( ( V REF )- V TH ) / ----------- + ----------------------------------- R3 R1
Input Slew Rate
Most high speed comparators oscillate when the voltage of one of the inputs is close to or equal to the voltage on the other input due to noise or undesirable feedback. For clean output waveform, the input must meet certain minimum slew rate requirements. In some applications, it may be helpful to apply some positive feedback (hysteresis) between the output and the positive input. The hysteresis effectively causes one comparator's input voltage to move quickly past the other, thus taking the input out of the region where oscillation occurs. For the EL5181, the propagation delay increases when the input slew rate increases for low overdrive voltages. With high overdrive voltages, the propagation delay does not change much with the input slew rate.
Non inverting comparator with hysteresis:
R3
R1 VIN VREF + -
Latch Pin Dynamics
The EL5181 contains a "transparent" latch for each channel. The latch pin is designed to be driven with either a TTL or CMOS output. When the latch is connected to a logic high level or left floating, the comparator is transparent and immediately responds to the changes at the input terminals. When the latch is switched to a logic low level, the comparator output remains latched to its value just before the latch's high8
R3 adds a portion of the output to the positive input. Note that the current through R 3 should be much greater than the input bias current in order to minimize errors. The calculation of the resistor values as follows: Pick the value of R1. R1 should be small (less than 1k) in order to minimize the propagation delay time. Choose the hysteresis VH and calculate R 3:
R1 R 3 = ( V SD -0.8 ) x ------V
H
EL5181
Check the current through R3 and make sure that it is much greater than the input bias current as follows:
0.5VSD -V REF I = -------------------------------------R3
Threshold Detector
The inverting input is connected to a reference voltage and the non-inverting input is connected to the input. As the input passes the V REF threshold, the comparator's output changes state. The non-inverting and inverting inputs may be reversed.
VIN VREF + VOUT -
The above two methods will generate hysteresis of up to a few hundred millivolts. Beyond that, the impedance of R3 is low enough to affect the bias string and adjustment of R1 may be required.
Power Dissipation
When switching at high speeds, the comparator's drive capability is limited by the rise in junction temperature caused by the internal power dissipation. For reliable operation, the junction temperature must be kept below TJMAX (125C). An approximate equation for the device power dissipation is as follows. Assume the power dissipation in the load is very small:
P DISS = ( VS x IS + V SD x I SD )
Crystal Oscillator
A simple crystal oscillator using one comparator of an EL5181 is shown below. The resistors R1 and R 2 set the bias point at the comparator's non-inverting input. Resistors R3, R4, and C 1 set the inverting input node at an appropriate DC average voltage based on the output. The crystal's path provides resonant positive feedback and stable oscillation occurs. Although the EL5181 will give the correct logic output when an input is outside the common mode range, additional delays may occur when it is so operated. Therefore, the DC bias voltages at the inputs are set about 500mV below the center of the common mode range and the 200 resistor attenuates the feedback to the non-inverting input. The circuit will operate with most AT-cut crystal from 1MHz to 8MHz over a 2V to 7V supply range. The output duty cycle for this circuit is roughly 50% at 5V VCC , but it is affected by the tolerances of the resistors. The duty cycle can be adjusted by changing V CC value.
where: VS is the analog supply voltage from V S+ to VSIS is the analog quiescent supply current per comparator VSD is the digital supply voltage from VSD to ground ISD is the digital supply current per comparator I SD strongly depends on the input switching frequency. Please refer to the performance curve to choose the input driving frequency. Having obtained the power dissipation, the maximum junction temperature can be determined as follows:
TJMAX = T MAX + JA x PDISS
1MHz to 8MHz 5V R1 5k R2 1.5k + VOUT R3 200
where: TMAX is the maximum ambient temperature JA is the thermal resistance of the package
C1 0.01F
R4 2k
2k
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 9


▲Up To Search▲   

 
Price & Availability of EL5181

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X