Part Number Hot Search : 
200BZ UA777HC N4148 39VF80 SC441A10 B1521RW P2600 000AKCY
Product Description
Full Text Search
 

To Download CLD240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CLD240 Series
Silicon PIN Photodiodes
CLD240 replaces CLD142 and CLD142R CLD240E replaces CLD140 CLD240W replaces CLD141 and CLD141R features * TO-46 header with three lens options * cathode connected to case * large photosensitive area * usable for visible through near-IR
UPGRADED SERIES
(R)
Clairex
May, 2005
Technologies, Inc.
description The CLD240 series are new, direct replacements for the older CLD140 series and feature larger (0.060" x 0.060") active area silicon PIN photodiode chips. Also featured are faster switching and lower junction capacitance. Three different lensing options are offered which satisfy the majority of application requirements. Contact Clairex for other packaging options.
0.158 (4.01) 0.136 (3.45)
0.210 (5.33) 0.190 (4.83)
1.00 (25.4) min.
0.100 (2.54) dia. 0.215 (5.46) 0.205 (5.21) CATHODE
0.190 (4.83) 0.176 (4.47) ANODE 0.025 (0.64) max. 0.050 (1.27) 0.030 (0.76) 0.019 (0.48) 0.016 (0.41)
0.147 (3.73) 0.137 (3.48)
CLD240
0.213 (5.41) 0.207 (5.26) 0.100 (2.54) pin circle
0.130 (3.30) max
1.00 (25.4) min. 0.050 (1.27) max
CATHODE 0.169 (4.29) 0.163 (4.14) ANODE 0.010 (0.25) nom 0.019 (0.48) 0.016 (0.41)
0.147 (3.73) 0.137 (3.48)
CLD240E
0.100 (2.54) dia. 0.215 (5.46) 0.205 (5.21) CATHODE 0.190 (4.83) 0.176 (4.47) ANODE 0.025 (0.64) max. 0.010 (0.25) max 0.019 (0.48) 0.016 (0.41) 0.147 (3.73) 0.137 (3.48)
C
5
0.165 (4.19) 0.145 (3.68)
0.156 (3.96) 0.136 (3.45)
1.00 (25.4) min.
CLD240W
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
Revised 3/15/06
Clairex Technologies, Inc. Phone: 972-265-4900
1301 East Plano Parkway Fax: 972-265-4949
Plano, Texas 75074-8524 www.clairex.com
CLD240 Series
Silicon PIN Photodiodes
absolute maximum ratings (TA = 25C unless otherwise stated) storage and operating temperature CLD240 and CLD240W .............................................................-65C to +150C CLD240E....................................................................................-40C to +125C lead soldering temperature(1) ......................................................................... 260C reverse voltage..................................................................................................60V note: 1. 0.06" (1.5mm) from the header for 5 seconds maximum.
(R)
Clairex
Technologies, Inc.
electrical characteristics (TA = 25C unless otherwise noted) symbol parameter CLD240 Series
ID CJ VBR tr, tf Dark current Junction capacitance Breakdown voltage Output rise and fall time
min
60 -
typ
14 15
max
10 10 20
units
nA nA pF V ns
test conditions
VR = 20V, Ee = 0 VF = 100mV, Ee = 0 VBIAS = 0V, f = 1MHz, Ee = 0 IR = 30A, Ee = 0 RL = 1K
CLD240
ISC HP
Short-circuit current(2) Total angle at half sensitivity points Short-circuit current(2) Total angle at half sensitivity points
30 10 10 -
40 14 13 80 13 70
-
A deg. A deg. A deg.
VBIAS = 0V
CLD240E
ISC HP
VBIAS = 0V
ISC Short-circuit current(2) HP Total angle at half sensitivity points note: 2. Ee = 1mW/cm2, = 850nm.
CLD240W
VBIAS = 0V
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
Clairex Technologies, Inc. Phone: 972-265-4900
1301 East Plano Parkway Fax: 972-265-4949
Plano, Texas 75074-8524 www.clairex.com


▲Up To Search▲   

 
Price & Availability of CLD240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X