|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Philips Semiconductors Objective specification Silicon Diffused Power Transistor BU4550AL GENERAL DESCRIPTION Enhanced performance, new generation, high-voltage, high-speed switching npn transistor in a plastic full pack envelope intended for use in horizontal deflection circuits of colour television receivers and p.c monitors. Features exceptional tolerance to base drive and collector current load variations resulting in a very low worst case dissipation. QUICK REFERENCE DATA SYMBOL VCESM VCEO IC ICM Ptot VCEsat ICsat tf PARAMETER Collector-emitter voltage peak value Collector-emitter voltage (open base) Collector current (DC) Collector current peak value Total power dissipation Collector-emitter saturation voltage Collector saturation current Fall time CONDITIONS VBE = 0 TYP. 20 8 t.b.f t.b.f MAX. 1500 800 30 40 125 3.0 t.b.f t.b.f UNIT V V A A W V A A s s Tmb 25 C IC = 20.0 A; IB = 5 A f = 32kHz f = 130kHz ICsat = 20 A; f = 32kHz ICsat = 8 A; f = 130kHz PINNING - SOT430 PIN 1 2 3 base collector emitter DESCRIPTION PIN CONFIGURATION SYMBOL c b 1 2 3 heat collector sink e LIMITING VALUES Limiting values in accordance with the Absolute Maximum Rating System (IEC 134) SYMBOL VCESM VCEO IC ICM IB IBM -IBM Ptot Tstg Tj PARAMETER Collector-emitter voltage peak value Collector-emitter voltage (open base) Collector current (DC) Collector current peak value Base current (DC) Base current peak value Reverse base current peak value 1 Total power dissipation Storage temperature Junction temperature CONDITIONS VBE = 0 V MIN. -55 MAX. 1500 800 25 40 10 15 10 125 150 150 UNIT V V A A A A A W C C Tmb 25 C THERMAL RESISTANCES SYMBOL Rth j-mb Rth j-a PARAMETER Junction to mounting base Junction to ambient CONDITIONS in free air TYP. 35 MAX. 1.0 UNIT K/W K/W 1 Turn-off current. January 1998 1 Rev 1.000 Philips Semiconductors Objective specification Silicon Diffused Power Transistor BU4550AL STATIC CHARACTERISTICS Tmb = 25 C unless otherwise specified SYMBOL ICES ICES IEBO BVEBO VCEsat VBEsat hFE hFE PARAMETER Collector cut-off current 2 Emitter cut-off current Base-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage DC current gain CONDITIONS VBE = 0 V; VCE = VCESMmax VBE = 0 V; VCE = VCESMmax; Tj = 125 C VEB = 7.5 V; IC = 0 A IB = 1 mA IC = 20 A; IB = 5 A IC = 20 A; IB = 5 A IC = 1A; VCE = 5 V IC = 20 A; VCE = 5 V MIN. 7.5 t.b.f 4.2 TYP. 14 t.b.f 5.35 MAX. 1.0 2.0 1.0 3.0 1.0 6.5 UNIT mA mA mA V V V DYNAMIC CHARACTERISTICS Tmb = 25 C unless otherwise specified SYMBOL PARAMETER Switching times (32 kHz line deflection dynamic test circuit). Turn-off storage time Turn-off fall time Switching times (130 kHz line deflection dynamic test circuit). Turn-off storage time Turn-off fall time CONDITIONS ICsat = 20 A;IB1 = 4 A; (IB2 = -10A) t.b.f t.b.f ICsat = 8 A;IB1 = 1.6 A; (IB2 = -4.8A) t.b.f t.b.f t.b.f t.b.f s s t.b.f t.b.f s s TYP. MAX. UNIT ts tf ts tf 2 Measured with half sine-wave voltage (curve tracer). January 1998 2 Rev 1.000 Philips Semiconductors Objective specification Silicon Diffused Power Transistor BU4550AL MECHANICAL DATA Dimensions in mm Net Mass: 9 g 19.9 3.5 3.7 6.2 4.1 26.0 8.5 1.9 seating plane 2.4 2.4 20.5 - 20.7 3.0 1.3 5.0 3.0 0.8 2.7 5.46 5.46 Fig.1. SOT430; pin 2 connected to mounting base. January 1998 3 Rev 1.000 Philips Semiconductors Objective specification Silicon Diffused Power Transistor BU4550AL DEFINITIONS Data sheet status Objective specification Product specification Limiting values Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1998 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications. Preliminary specification This data sheet contains preliminary data; supplementary data may be published later. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. January 1998 4 Rev 1.000 |
Price & Availability of BU4550AL |