Part Number Hot Search : 
MJ160 UC3843N D112K SMC16C BZX55C15 74V1G02S 035CT 68HC00
Product Description
Full Text Search
 

To Download BSS63 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
ISSUE 2 SEPTEMBER 95 7
BSS63
C B E
COMPLIMENTARY TYPE PARTMARKING DETAIL
BSS64 BSS63 - T3 BSS63R - T6
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Power Dissipation at Tamb=25C Operating and Storage Temperature Range PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current Emitter Cut-Off Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Static Forward Current Transition Frequency SYMBOL V(BR) V(BR)CEO V(BR)EBO IEBO IEBO VCE(sat) VBE(sat) 30 30 50 Typ 85 Typ. 3 MHz MIN. -110 -100 -6 -100 -50 -200 -250 -900 SYMBOL VCBO VCEO VEBO IC PTOT t j:tstg MAX. VALUE -110 -100 -6 -100 330 -55 to +150 UNIT CONDITIONS. V V V nA nA mV mV IC=-10A IC=-100A* IE=-10A VCB=-90V, VCB=-90V,Tamb=150oC VEB=-6V IC=-25mA, IB=-2.5mA IC=-25mA, IB=-2.5mA IC=-10mA, VCE=-1V IC=25mA, VCE=1V VCE=-5V, IC=25mA f=35 MHz VCB=-10V, f=1MHz UNIT V V V mA mW C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C).
A
hFE fT
Output Capacitance
Cobo
pF
* Measured under pulsed conditions. Pulse width=300s. Duty cycle 2%
PAGE NUMBER


▲Up To Search▲   

 
Price & Availability of BSS63

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X