Part Number Hot Search : 
UPB8282C MMJT9435 AP430206 AD578KN 87C51F ISL611 LB1922 FCH47N6
Product Description
Full Text Search
 

To Download BFS17P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BFS17P
NPN Silicon RF Transistor For broadband amplifiers up to 1 GHz at collector currents from 1 mA to 20 mA
3
Junction temperature Ambient temperature Storage temperature Thermal Resistance
1T is measured on the collector lead at the soldering point to the pcb S 2For calculation of R please refer to Application Note Thermal Resistance
thJA
1
Junction - soldering point 2)
2 1
VPS05161
Type BFS17P
Maximum Ratings Parameter
Marking MCs 1=B
Pin Configuration 2=E 3=C
Package SOT23
Symbol VCEO VCBO VEBO IC ICM Ptot Tj TA Tstg
Value 15 25 2.5 25 50 280 150 -65 ... 150 -65 ... 150
Unit V
Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Peak collector current, f = 10 MHz Total power dissipation TS 55 C 1)
mA mW C
RthJS
340
K/W
Jul-12-2001
BFS17P
Electrical Characteristics a TA = 25C, unless otherwise specified. Parameter Symbol Values min. DC characteristics Collector-emitter breakdown voltage IC = 1 mA, IB = 0 Collector-base cutoff current VCB = 10 V, IE = 0 VCB = 25 V, IE = 0 Emitter-base cutoff current VEB = 2.5 V, IC = 0 DC current gain IC = 2 mA, VCE = 1 V IC = 25 mA, VCE = 1 V Collector-emitter saturation voltage IC = 10 mA, IB = 1 mA VCEsat hFE 20 20 70 0.1 150 0.4 IEBO ICBO 0.05 10 100 V(BR)CEO 15 typ. max.
Unit
V A
-
V
2
Jul-12-2001
BFS17P
Electrical Characteristics at TA = 25C, unless otherwise specified. Symbol Values Parameter min. AC characteristics Transition frequency IC = 2 mA, VCE = 5 V, f = 200 MHz IC = 25 mA, VCE = 5 V, f = 200 MHz Collector-base capacitance VCB = 5 V, f = 1 MHz Collector-emitter capacitance VCE = 5 V, f = 1 MHz Input capacitance VEB = 0.5 V, IC = 0 , f = 1 MHz Output capacitance VCE = 5 V, VBE = 0 , f = 1 MHz Noise figure IC = 2 mA, VCE = 5 V, f = 800 MHz, Transducer gain IC = 20 mA, VCE = 5 V, ZS = ZL = 50 , f = 500 MHz Linear output voltage IC = 14 mA, VCE = 5 V, dim = 60 dB, f1 = 806 MHz, f2 = 810 MHz, ZS = ZL = 50 Third order intercept point IC = 14 mA, VCE = 5 V, ZS =ZSopt , ZL =ZLopt , f = 800 MHz IP3 23 V01=V02 100 F 3.5 5 Cobs 1.5 Cibo 1.45 Cce 0.25 Ccb fT 1 1.3 1.4 2.5 0.55 0.8 typ. max.
Unit
GHz
pF
dB
ZS = 0
|S21e|2
-
12.7
-
mV
dBm
3
Jul-12-2001
BFS17P
Total power dissipation Ptot = f(TS)
320
mW
240
P tot
200
160
120
80
40
0 0
15
30
45
60
75
90 105 120
C 150 TS
Permissible Pulse Load RthJS = f (tp )
Permissible Pulse Load
Ptotmax/P totDC = f (tp)
10 3 10 2
K/W
Ptotmax / PtotDC
-
10 2
10 1
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
RthJS
10 1 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
4
Jul-12-2001
BFS17P
Collector-base capacitance Ccb = f (VCB )
Transition frequency f T = f (I C)
V CE = Parameter
f = 1MHz
1.3
pF
3.0
1.1 1.0
GHz
10V 5V 3V
Ccb
0.9 0.8 0.7
2.0
fT
2V
1.5 0.6 0.5 0.4 0.3
1V
1.0
0.2 0.1 0.0 0 4 8 12 16 20
V
0.5
0.7V
26
0.0 0
5
10
15
20
mA
30
VCB
IC
5
Jul-12-2001


▲Up To Search▲   

 
Price & Availability of BFS17P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X