Part Number Hot Search : 
SMA592 XX1002 SMA592 HY5DV64 ENV50140 BU2506 1N6285A 30130
Product Description
Full Text Search
 

To Download BFP650 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BFP650
NPN Silicon Germanium RF Transistor Preliminary data * For high power amplifiers * Ideal for low phase noise oscilators * Maxim. available Gain Gma = 21 dB at 1.8 GHz Noise figure F = 0.9 dB at 1.8 GHz * Gold metallization for high reliability * 70 GHz fT- Silicon Germanium technology
ESD: Electrostatic discharge sensitive device, observe handling precaution!
3 4
2 1
VPS05605
Type BFP650
Maximum Ratings Parameter
Marking R5s 1=B
Pin Configuration 2=E 3=C 4=E
Symbol VCEO VCES VCBO VEBO IC IB Ptot Tj TA T stg Symbol RthJS
Package SOT343
Value Unit
-
Collector-emitter voltage Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Base current Total power dissipation1)
TS 75C
4 13 13 1.2 150 10 500 150 -65 ... 150 -65 ... 150
Value 140
V
mA mW C
Junction temperature Ambient temperature Storage temperature
Thermal Resistance Parameter
Unit
Junction - soldering point2)
K/W
1T is measured on the collector lead at the soldering point to the pcb S 2For calculation of R thJA please refer to Application Note Thermal Resistance
1
Jan-08-2004
BFP650
Electrical Characteristics at TA = 25C, unless otherwise specified Parameter DC Characteristics Collector-emitter breakdown voltage IC = 3 mA, I B = 0 Collector-emitter cutoff current VCE = 13 V, VBE = 0 Collector-base cutoff current VCB = 5 V, IE = 0 Emitter-base cutoff current VEB = 0.5 V, IC = 0 DC current gain IC = 80 mA, VCE = 3 V hFE 100 180 320 IEBO 10 A ICBO 100 nA ICES 100 A V(BR)CEO 4 4.5 V Symbol min. Values typ. max. Unit
2
Jan-08-2004
BFP650
Electrical Characteristics at TA = 25C, unless otherwise specified Symbol Values Parameter min. typ. max. AC Characteristics (verified by random sampling) Transition frequency fT IC = 80 mA, VCE = 3 V, f = 1 GHz Collector-base capacitance VCB = 3 V, f = 1 MHz Collector emitter capacitance VCE = 3 V, f = 1 MHz Emitter-base capacitance VEB = 0.5 V, f = 1 MHz Noise figure IC = 10 mA, VCE = 3 V, f = 1.8 GHz, ZS = ZSopt IC = 10 mA, VCE = 3 V, f = 6 GHz, ZS = ZSopt Power gain, maximum available1) IC = 80 mA, VCE = 3 V, ZS = ZSopt, ZL = ZLopt, f = 1.8 GHz IC = 80 mA, VCE = 3 V, ZS = ZSopt, ZL = ZLopt, f = 6 GHz Transducer gain IC = 80 mA, VCE = 3 V, ZS = ZL = 50 , f = 1.8 GHz IC = 80 mA, VCE = 3 V, ZS = ZL = 50 , f = 6 GHz Third order intercept point at output2) VCE = 3 V, I C = 80 mA, f = 1.8 GHz, ZS = ZL = 50 1dB Compression point at output IC = 80 mA, VCE = 3 V, ZS = ZL = 50 , f = 1.8 GHz
1G 1/2 ma = |S21e / S12e| (k-(k-1) ) 2IP3 value depends on termination of all intermodulation frequency components. Termination used for this measurement is 50 from 0.1 MHz to 6 GHz
Unit
-
37 0.26 0.45 1.1
-
GHz pF
Ccb Cce Ceb F
dB 0.8 1.9 -
G ma |S21e|2 IP 3 17 6 29.5 dBm 21 10.5 dB
P-1dB
-
18
-
3
Jan-08-2004
BFP650
SPICE Parameter (Gummel-Poon Model, Berkley-SPICE 2G.6 Syntax): Transitor Chip Data: IS = VAF = NE = VAR = NC = RBM = CJE = TF = ITF = VJC = TR = MJS = XTI = AF = TITF1 0.61 1000 2 2 1.8 0.895 682.5 1.9 1.25 0.6 0.2 0.27 3 2 -0.0065 fA V V fF ps A V ns -
-
BF = IKF = BR = IKR = RB = RE = VJE = XTF = PTF = MJC = CJS = XTB = FC = KF = TITF2
450 0.47 42 18 1.036 0.2 0.8 10 0 0.5 294.9 -1.42 0.8 2.441E-11 1.0E-5
A mA V deg fF -
NF = ISE = NR = ISC = IRB = RC = MJE = VTF = CJC = XCJC = VJS = EG = TNOM
1.025 62 1 700 4.548 1.006 0.3 1.5 204.6 1 0.6 1.078 298
fA fA mA V fF V eV K
All parameters are ready to use, no scalling is necessary. Extracted on behalf of Infineon Technologies AG by: Institut fur Mobil- und Satellitentechnik (IMST)
Package Equivalent Circuit:
CBCO RCBS
CBCC C B F P 6 5 0 _ C h ip
LCC
B
LBB
LBC CBEC
B E
S RCCS RCES LCB
C
LEC
CBEI LEB CBEO T= 2 5 C CCEO
CCEI
Itf = 1 2 5 0 * ( 1 - 6 .5 e -3 * (T -2 5 ) + 1 .0 e -5 * (T -2 5 )^ 2 )
E
For examples and ready to use parameters please contact your local Infineon Technologies distributor or sales office to obtain a Infineon Technologies CD-ROM or see Internet: http//www.infineon.com/silicondiscretes
LBC = LCC = LEC = LBB = LCB = LEB = CBEC = CBCC = CES = CBS = CCS = CBCO = CCEO = CBEO = CCEI = CBEI = RBS = RCS = RES =
50 50 4 554.6 606.9 138.7 327.6 171.4 490 120 135 7.5 112.6 121.5 5.7 6.9 710 710 140
pH pH pH pH pH pH fF fF fF fF fF fF fF fF fF
Valid up to 6GHz
4
Jan-08-2004
BFP650
Total power dissipation Ptot = (TS) Permissible Pulse Load RthJS = (t p)
550
mW
10 3
K/W
450 400 350 300 250 200 150 100 50 0 0 15 30 45 60 75 90 105 120 C 150 10 0 -7 10 10
-6
RthJS
Ptot
10 2
10 1
D = 0.5 0.2 0.1 0.05 0.02 0.01 0.005 0
10
-5
10
-4
10
-3
10
-2
C
10
0
TS
tp
Permissible Pulse Load Ptotmax/P totDC = (tp)
10 2
Collector-base capacitance Ccb= (VCB) f = 1MHz
0.8
pF
Ptotmax/ PtotDC
-
0.6
10 1
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
CCB
-3 -2
0.5
0.4
0.3
0.2
0.1 10 0 -7 10
10
-6
10
-5
10
-4
10
10
s
10
0
0 0
2
4
6
8
10
V
14
tp
VCB
5
Jan-08-2004
BFP650
Third order Intercept Point IP3=(IC)
(Output, ZS=ZL=50)
Transition frequency fT= (IC) f = 1GHz VCE = parameter
40
VCE = parameter, f = 1.8 GHz
33
dBm 4V 3V
GHz
27 24
30
3V
IP3
18 15 12 9 6 3 0 0 15 30 45 60
1V
2V
fT
21
25
20
2V
15
10
1V 0.5V
5
75
90 105 120 mA
150
0 0
20
40
60
80
100 120 140 mA
180
IC
IC
Power gain Gma, Gms = (IC) VCE = 3V f = parameter
30 dB
0.9GHz
Power Gain Gma, Gms = (f),
|S21| = f (f)
VCE = 3V, IC = 80mA
55
dB
26 24 22
45 40 35
1.8GHz 2.4GHz 3GHz
G
20 18 16 14 12
G
30 25 20
4GHz 5GHz
Gms
S21
Gma
15 10 5 200 0 0 1 2 3 4
GHz
10 8 6 0 20 40 60
6GHz
80 100 120 140 160 mA
6
IC
f
6
Jan-08-2004
BFP650
Power gain Gma, Gms = (VCE) IC = 80mA f = parameter
30
0.9GHz dB
1.8GHz
20
G
2.4GHz 3GHz
15
4GHz 5GHz
10
6GHz
5
0 0
1
2
3
4
V
5.5
VCE
7
Jan-08-2004


▲Up To Search▲   

 
Price & Availability of BFP650

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X