Part Number Hot Search : 
BDX20 C1302 B0938 80C34X2 GROUP TPC8123 AD8322 4558D
Product Description
Full Text Search
 

To Download BC807-40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BC807-25 BC807-40
SMALL SIGNAL PNP TRANSISTORS
PRELIMINARY DATA
Type BC807-25 BC807-40
s
Marking 5B 5C
s
s s
SILICON EPITAXIAL PLANAR PNP TRANSISTORS MINIATURE SOT-23 PLASTIC PACKAGE FOR SURFACE MOUNTING CIRCUITS TAPE AND REEL PACKING THE NPN COMPLEMENTARY TYPES ARE BC817-25 AND BC817-40 RESPECTIVELY SOT-23
APPLICATIONS s WELL SUITABLE FOR PORTABLE EQUIPMENT s SMALL LOAD SWITCH TRANSISTORS WITH HIGH GAIN AND LOW SATURATION VOLTAGE
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V CBO V CEO V EBO IC I CM P tot T stg Tj Parameter Collector-Base Voltage (I E = 0) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Collector Peak Current Total Dissipation at T C = 25 C Storage Temperature Max. Operating Junction Temperature
o
Value -50 -45 -5 -0.5 -1 250 -65 to 150 150
Unit V V V A A mW
o o
C C
September 2002
1/4
BC807-25 / BC807-40
THERMAL DATA
R thj-amb * Thermal Resistance Junction-Ambient
2
Max
500
o
C/W
* Device mounted on a PCB area of 1 cm
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbol I CBO I EBO Parameter Collector Cut-off Current (I E = 0) Emitter Cut-off Current (I C = 0) Test Conditions V CB = -20 V V CB = -20 V V EB = -5 V I C = -10 mA -45 T C = 150 o C Min. Typ. Max. -100 -5 -100 Unit nA A nA V
V (BR)CEO Collector-Emitter Breakdown Voltage (I B = 0) V CE(sat) V BE(on) h FE Collector-Emitter Saturation Voltage Base-Emitter On Voltage DC Current Gain
I C = -500 mA I C = -500 mA I C = -100 mA for BC807-25 for BC807-40
I B = -50 mA V CE = -1 V V CE = -1 V 160 250 80 9
-0.7 -1.2
V V
400 600 MHz pF
fT C CBO
Transition Frequency
I C = -10 mA V CE = -5 V f =100 MHz f = 1 MHz
Collector-Base IE = 0 V CB = -10 V Capacitance Pulsed: Pulse duration = 300 s, duty cycle 2 %
2/4
BC807-25 / BC807-40
SOT-23 MECHANICAL DATA
mm MIN. A B C D E F G H L M N O 0.85 0.65 1.20 2.80 0.95 1.9 2.1 0.38 0.3 0 0.3 0.09 TYP. MAX. 1.1 0.95 1.4 3 1.05 2.05 2.5 0.48 0.6 0.1 0.65 0.17 MIN. 33.4 25.6 47.2 110.2 37.4 74.8 82.6 14.9 11.8 0 11.8 3.5 mils TYP. MAX. 43.3 37.4 55.1 118 41.3 80.7 98.4 18.8 23.6 3.9 25.6 6.7
DIM.
0044616/B
3/4
BC807-25 / BC807-40
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
4/4


▲Up To Search▲   

 
Price & Availability of BC807-40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X