Part Number Hot Search : 
TD62603 SNA6I4 A78R12 GLB2855 00306 B1033 1N414 122ML
Product Description
Full Text Search
 

To Download BAR18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BAR 18 BAS70-04 06
SMALL SIGNAL SCHOTTKY DIODES
K N.C. A
A1 K2 K1
A2
BAR18
BAS70-04
K A1
A K1
A2
K2
DESCRIPTION Low turn-on and high breakdown voltage diodes intended for ultrafast switching and UHF detectors in hybrid micro circuits.
BAS70-05
SOT-23 (Plastic)
BAS70-06
ABSOLUTE RATINGS (limiting values) Symbol
VRRM IF Ptot Tstg Tj TL
Parameter Repetitive peak reverse voltage Continuous forward current Power dissipation (note 1) Maximum storage temperature range Maximum operating junction temperature * Maximum temperature for soldering during 10s Tamb = 25C
Value
70 70 250 - 65 to +150 150 260
Unit
V mA mW C C C
Note 1: for double diodes, Ptot is the total dissipation of both diodes
*:
dPtot 1 thermal runaway condition for a diode on its own heatsink < dTj Rth( j - a)
THERMAL RESISTANCE Symbol
Rth (j-a)
Parameter Junction to ambient (*)
Value
500
Unit
C/W
(*) Mounted on epoxy board with recommended pad layout.
December 2001 - Ed: 3A
1/4
BAR 18 / BAS70-04 06
ELECTRICAL CHARACTERISTICS STATIC CHARACTERISTICS Symbol
VBR VF * IR **
Pulse test:
Test Conditions Tj = 25C Tj = 25C Tj = 25C IR = 10A IF = 1mA VR = 50V
Min.
70
Typ.
Max.
Unit
V
410 200
mV nA
* tp = 380s, < 2% ** tp = 5 ms, < 2%
DYNAMIC CHARACTERISTICS Symbol
C *
Test Conditions Tj = 25C VR = 0V Tj = 25C IF = 5mA F = 1MHz Krakauer Method
Min.
Typ.
Max.
2 100
Unit
pF ps
* Effective carrier life time.
Fig. 1-1: Forward voltage drop versus forward current (low level).
IFM(A) 2.0E-2 1.8E-2 1.6E-2 1.4E-2 1.2E-2 1.0E-2 8.0E-3 6.0E-3 4.0E-3 2.0E-3 0.0E+0 0.0
Fig. 1-2: Forward voltage drop versus forward current (high level).
IFM(A) 7E-2
Tj=100C Typical values
Tj=100C Typical values
1E-2
Tj=25C Maximum values
Tj=25C Maximum values
Tj=25C Typical values
1E-3
Tj=25C Typical values
VFM(V) 0.2 0.4 0.6 0.8 1.0 1.2
VFM(V) 1E-4 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
2/4
BAR 18 / BAS70-04 06
Fig. 2: Reverse leakage current versus reverse voltage applied (typical values).
IR(A) 1E+1
Tj=100C
Fig. 3: Reverse leakage current versus junction temperature (typical values)
IR(A) 5E+2 1E+2
VR=70V
1E+0
1E+1
1E-1
Tj=25C
1E+0 1E-1
1E-2 VR(V) 1E-3 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70
Tj(C) 1E-2 0 25 50 75 100 125 150
Fig. 4: Junction capacitance versus reverse voltage applied (typical values).
C(pF) 2.0 1.0
F=1MHz Tj=25C
Fig. 5: Relative variation of thermal impedance junction to ambient versus pulse duration (alumine substrate 10mm*8mm*0.5mm).
Zth(j-a)/Rth(j-a) 1.00
= 0.5
= 0.2
0.10
= 0.1
T
0.1
VR(V) 1 10 100
Single pulse
tp(s) 1E-2 1E-1 1E+0
=tp/T
tp
0.01 1E-3
1E+1
1E+2
Fig. 6: Thermal resistance junction to ambient versus copper surface under each lead (Epoxy printed circuit board FR4, copper thickness: 35m).
Rth(j-a) (C/W) 350 300 250 200 S(Cu) (mm) 150 0 5 10 15 20 25 30 35 40 45 50
P=0.25W
3/4
BAR 18 / BAS70-04 06
PACKAGE MECHANICAL DATA SOT23 (Plastic)
E A
DIMENSIONS REF. Millimeters Min.
A A1 0.89 0 0.3 0.085 2.75 0.85 1.7 1.2 2.1 0.35 0.6 typ. 0.65
Inches Min.
0.035 0 0.012 0.003 0.108 0.033 0.067 0.047 0.083 0.014
e B e1 D
Max.
1.4 0.1 0.51 0.18 3.04 1.05 2.1 1.6 2.75
Max.
0.055 0.004 0.02 0.007 0.12 0.041 0.083 0.063 0.108 0.026
S A1
B c D
L
e e1 E H L
c
H
0.024 typ.
S
FOOTPRINT DIMENSIONS
0.9 0.035 0.9 0.035 1.1 0.043 2.35 0.92 1.9 0.075 1.45 0.037 mm inch 0.9 0.035
Ordering type BAR18 BAS70-04 BAS70-05 BAS70-06
s
Marking D76 D96 D97 D98
1.1 0.043
Package SOT-23 SOT-23 SOT-23 SOT-23
Weight 0.01g 0.01g 0.01g 0.01g
Base qty 3000 3000 3000 3000
Delivery mode Tape & reel Tape & reel Tape & reel Tape & reel
Epoxy meets UL94,V0
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 2001 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
4/4


▲Up To Search▲   

 
Price & Availability of BAR18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X