Part Number Hot Search : 
MOLEX 13900 BY296 74AC05 Y3620R 92582 AX102412 AX102412
Product Description
Full Text Search
 

To Download B41694A5108Q007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Axial-Lead and Soldering Star Capacitors Low ESR - Up to 140 C B41694, B41794
SIKOREL(R) Applications
I For automotive applications with high EMV requirements
B41694 B41794
Features
I I I I I
Very high ripple current capability Very low ESR, down to -55 C High vibration resistance High reliability up to 140 C / 1000 h Shelf life up to 15 years
KAL0573-K
Construction
I Charge-discharge proof, polar I Aluminum case with insulating sleeve I Negative pole connected to case
Terminals
I Axial leads, welded to ensure perfect electrical contact I Also available with soldering stars
Taping and packing
I Axial-lead capacitors will be delivered in pallet package. I Solder-star capacitors are packed in cardboard.
Capacitors with d x l 16 x 30 mm are also available taped on reel.
For details on taping and packing, refer to page 342.
285 10/02
B41694 / B41794 Low ESR - Up to 140 C
Specifications and characteristics in brief Rated voltage UR Surge voltage US Rated capacitance CR Capacitance tolerance Leakage current IL (5 min, 20 C) Self-inductance ESL 1) 25 and 40 VDC 1,15 * UR 330 ... 1 500 F - 10/+ 30 % Q
CR UR I L 0,006 A ae ------- -------o + 4 A e F V o
Diameter d Length l 25 mm 30 mm 39 mm Terminal axial / solder star axial / solder star axial / solder star Requirements: > 1 000 h > 3 000 h > 8 000 h > 200 000 h C/C ESR IL Failure percentage: Failure rate: 30 % of initial value 3 times initial specified limit initial specified limit 0,5 % 10 fit ( 10 * 10 -9/h) 12 mm --/-- 21 / 6 --/-- 14 mm 22 / 6 24 / 7 --/-- 16 mm 26 / 7 29 / 8 33 / 9 18 mm --/-- 34 / 10 38 / 11 Approx. ESL (nH)
Useful life 140 C; UR; I~R 125 C; UR; I~R 85 C; UR; I~max 40 C; UR; 2,1 * I~R
(for definiton "fit", refer to chapter "Quality", page 62) Voltage endurance test 125 C; UR 2 000 h Post test requirements: C/C 10 % of initial value ESR 1,3 % initial specified limit IL initial specified limit To IEC 60068-2-6, test Fc: displacement amplitude 1,5 mm, at 10 Hz to 2 kHz, acceleration max. 20 g, duration 3 x 2 h To IEC 60068-1: 55/125/56 (- 55 C/+ 125 C/56 days damp heat test) Similar to CECC 30301-802 IEC 60384-4
Vibration resistance
IEC climatic category Detail specification Sectional specification
1) If optimum circuit design is used, the values are lower by 30 %.
286 10/02
B41694 / B41794 Low ESR - Up to 140 C
Dimensional drawings Axial-lead capacitors
d max
40 _ 5
max
40 _ 5
+0,04 o1_ 0,02
max +1,5 max +4
1,3+0,1
KAL0524-S
Dimensions, weights and packing units
dxl mm
12 x 30 14 x 25 16 x 30 16 x 39 18 x 30 18 x 39
dmax x lmax mm
12,5 x 30,5 14,5 x 25,5 16,5 x 30,5 16,5 x 40 18,5 x 30,5 18,5 x 40
Approx. weight g 5,1 5,7 8,9 11,7 11,1 14,7
Packing units (pieces) Pallet Reel 288 200 180 180 160 160 450 350 250 -- -- --
287 10/02
B41694 / B41794 Low ESR - Up to 140 C
Soldering star capacitors
Mounting holes d = 12 mm ... 14 mm o1,3+0,1
0,6
30,1
Mounting holes d = 16 mm ... 18 mm o1,3+0,1
max
3,1_ 0,2
c 0,1
c 0,1
d max
360 3
4,7 _ 0,5
+0,04 o1_ 0,02
Soldering star is connected to the negative pole
KAL0525-1-E
The PC-board hole arrangement specified above is based on circular arcs. If, however, the mounting holes have to be matched to a standard drilling raster, a spacing of 1,27 mm (1/20) has proved to be sufficiently accurate if the following arrangements are used:
d = 12 mm
d = 14 mm
d = 16 mm
d = 18 mm
1,27
KAL0356-I
KAL0357-R
o1,5+0,1
KAL0358-Z
KAL0359-8
Dimensions, weights and packing units
dxl mm 12 x 30 14 x 25 16 x 30 16 x 39 18 x 30 18 x 39
dmax x lmax mm 13,5 x 32 15,5 x 27 17,5 x 32 17,5 x 41,5 19,5 x 32 19,5 x 41,5
c 0,1 mm
12,5 14,5 16,5 16,5 18,5 18,5 288 10/02
Approx. weight g 5,4 6,1 9,4 12,2 11,8 15,4
Packing units pieces 480 480 300 200 300 200
B41694 / B41794 Low ESR - Up to 140 C
Overview of available types
UR (VDC) CR (F) 330 470 1 000 1 500
25 Case dimensions d x l (mm)
40 12 x 30
14 x 25 16 x 30 16 x 39 18 x 30 18 x 39
Case dimensions and ordering codes
UR
VDC 25
CR
F 470 1 000 1 500
40
330 1 000 1 500
Case dim. dxl mm 14 x 25 16 x 30 16 x 39 12 x 30 18 x 30 18 x 39
Ordering code Axial pallet package B41694A5477Q007 B41694A5108Q007 B41694A5158Q007 B41694A7337Q007 B41694A7108Q007 B41694A7158Q007
Axial reel B41694A5477Q009 B41694A5108Q009 B41694A7337Q009
Soldering star B41794A5477Q000 B41794A5108Q000 B41794A5158Q000 B41794A7337Q000 B41794A7108Q000 B41794A7158Q000
Technical data
CR 100 Hz 20 C F
25 VDC 470 1 000 1 500 40 VDC 330 1 000 1 500
ESR typ 100 Hz 20 C m
110 55 40 130 50 35
ESRmax 100 Hz 20 C m
170 90 60 210 85 60
ESR max 100 Hz -40 C
0,9 0,5 0,4 0,9 0,4 0,3
ESRmax 10 kHz 20 C m
70 40 28 70 35 25
Zmax 100 kHz 20 C m
65 38 26 67 33 24
I~max 10 kHz 40 C A
5,90 8,20 11,20 6,30 8,50 11,50
I~max 10 kHz 85 C A
5,15 7,15 9,80 5,45 7,40 10,00
I~R 10 kHz 125 C A
2,25 3,15 4,30 2,40 3,25 4,45
289 10/02
B41694 / B41794 Low ESR - Up to 140 C
Useful life depending on ambient temperature TA under ripple current operating conditions at UR1)
3,0
KAL0560-N
~ ~R
B41694/794 2,5 2,0 1,5 1,0
500 000 h 100 000 h 30 000 h 10 000 h 3 000 h
0,5 0 40
50
60
70
80
90
100 110 120 130
C 150 TA
Useful life depending on case temperature TC under ripple current operating conditions at UR1)
3,0
KAL0561-W
~ ~R
B41694/794 2,5 2,0 1,5 1,0
500 000 h
100 000 h
30 000 h
10 000 h
3 000 h
2 000 h
0,5 0 40
50
60
70
80
90
100 110 120 130
C 150 TC
1) Refer to page 40 for an explanation on how to interpret the useful life graphs.
290 10/02
1 000 h
1 000 h
2 000 h
B41694 / B41794 Low ESR - Up to 140 C
Frequency factor of permissible ripple current I~ versus frequency f Frequency characteristics of ESR at different temperatures Typical behavior
KAL0624-Y
~10 kHz
0,9 0,8 0,7 0,6 0,5 0,4 0,3 0,2 0,1 02 10 5 c d e
~f
1,2 B41694/794
7 ESR f ESR 10 kHz 5 4
KAL0623-Q
125 C 85 C
B41694/794
20 C 3 2
o [mm] 12 14 16 18 UR 25 VDC d d c c 40 VDC e e d d 10 3 5 Hz 10 4 f
_ 40 C
1 01 10
5 10 2
5 10 3
Hz 10 4 f
Equivalent series resistance ESR versus frequency at different temperatures Typical behavior for 1 000 F/40 V
10 0
KAL0622-H
Impedance Z versus frequency f at different temperatures Typical behavior for 1 000 F/40 V
10 1
KAL0621-9
ESR
B41694/794
Z
B41694/794
10 0
_1
5
10
_ 40 C _ 25 C
10 5
_1
5
_ 40 C _ 25 C
20 C _ > 60 C 5 10 2 5 10 3 5 10 4 Hz 10 5 f
20 C
_2
10
_ > 60 C 5 10 2 5 10 3 5 10 4 Hz 10 5 f
10 1
10
_2
10 1
291 10/02
Herausgegeben von EPCOS AG Unternehmenskommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND ++49 89 636 09, FAX (0 89) 636-2 26 89
(
EPCOS AG 2002. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet.
Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen. Published by EPCOS AG Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY ++49 89 636 09, FAX (0 89) 636-2 26 89
EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
(


▲Up To Search▲   

 
Price & Availability of B41694A5108Q007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X