Part Number Hot Search : 
SPD6554 1N4006 MC10136L BZX83C15 24C08 PD18C2 WRB1212 STD9N10L
Product Description
Full Text Search
 

To Download 78L08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 78L08
D D D D D D
3-Terminal Regulators Output Current up to 100 mA No External Components Internal Thermal-Overload Protection Internal Short-Circuit Current Limiting Direct Replacements for Fairchild A78L0 8 Series
Positive-Voltage Regulators
O C
I
TO-92
78L08ACZ
description
This series of fixed-voltage integrated-circuit voltage regulators is designed for a wide range of applications. These applications include on-card regulation for elimination of noise and distribution problems associated with single-point regulation. In addition, they can be used with power-pass elements to make high-current voltage regulators. One of these regulators can deliver up to 100 mA of output current. The internal limiting and thermal-shutdown features of these regulators make them essentially immune to overload. When used as a replacement for a zener diode-resistor combination, an effective improvement in output impedance can be obtained, together with lower bias current.
INPUT COMMON OUTPUT
OUTP UT
GND INPUT
SOT-89
78L08CPK
electrical characteristics at specified virtual junction temperature, VI = 14V, Io= 40 mA (unless otherwise noted)
PARAMETER TEST CONDITIONS TJ MIN 25C Output voltage V 7 V t 20 V to I 1 mA to 40 mA At A Io =1mA to 40mA, Vi =10.5 to 23V IO = 1 mA to 70 mA VI = 10.5V to 23V VI = 11V to 23V VI = 13V to 23V f = 120 Hz IO = 1 mA to 100 mA IO = 1 mA to 40 mA f = 10 Hz to 100 kHz Full range Full range 25C 25 C 25C 25C 25 C 25C 25C 25C 125C VI = 11V to 23V IO = 1 mA to 40 mA
78L08
TYP MAX
UNIT
7.7
8 8
7.6
7.6
8.3 8.4
V
8
42
Input voltage regulation Ripple rejection Output voltage regulation Output noise voltage Dropout voltage
8.4 175
125 80 40
36 37 46
mV mV
dB mV mV V V
18 10
54
1.7
Bias current current Bias c rrent
Bias current change
4
6 5.5 1.5 0.1
mA mA mA mA
Full range F ll Full
Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33-F capacitor across the input and a 0.1-F capacitor across the output. Full range for the 78L05 is T J = 0C to 70C
Wing Shing Computer Components Co., (H.K.)Ltd. Homepage: http://www.wingshing.com
Tel:(852)2341 9276 Fax:(852)2797 8153 E-mail: wsccltd@hkstar.com
2-1
WS 78L08
absolute maximum ratings over operating temperature range (unless othewise noted)
78L08
Input voltage VI voltage, Virtual junction temperature range, TJ Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds Storage temperature range, Tstg
PARAMETER
UNIT V C C C
30
150 260 -65 to 150
recommended operating conditions
78L08
voltage, Input voltage VI MIN MAX UNIT
10.5
23
100
V
mA
Output current, IO
Operating virtual j g junction temperature, TJ
0
70
C
Pad Location 78L 08
90um
3
85um
90um
2
90um
9 9
95um
1
100um
Chip size 1.0 x 1.2 mm
Pad N 1 2 3
Pad Name Ground Input Output
X (um)
Y (um)
95 820 535
100 1010 1015
2-2


▲Up To Search▲   

 
Price & Availability of 78L08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X