Part Number Hot Search : 
F55J1R0E ANTXV2N US16121 APW7190 C3014 MAX1344 2SC39 58006
Product Description
Full Text Search
 

To Download 74LCX574MTC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LCX574 Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
February 2006
74LCX574 Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Features
5V tolerant inputs and outputs 2.3V-3.6V VCC specifications provided 7.5ns tPD max (VCC = 3.3V), 10A ICC max Power down high impedance inputs and outputs Supports live insertion/withdrawal1 24mA output drive (VCC = 3.0V) Implements patented noise/EMI reduction circuitry Latch-up performance exceeds JEDEC 78 conditions ESD performance
General Description
The LCX574 is a high-speed, low power octal flip-flop with a buffered common Clock (CP) and a buffered common Output Enable (OE). The information presented to the D inputs is stored in the flip-flops on the LOW-toHIGH Clock (CP) transition. The LCX574 is functionally identical to the LCX374 except for the pinouts. The LCX574 is designed for low voltage applications with capability of interfacing to a 5V signal environment. The LCX574 is fabricated with an advanced CMOS technology to achieve high speed operation while maintaining CMOS low power dissipation.
- Human body model > 2000V - Machine model > 200V Leadless Pb-Free DQFN package
Ordering Information
Order Number
74LCX574WM 74LCX574WM_NL3 74LCX574SJ 74LCX574BQX2 74LCX574MSA 74LCX574MTC 74LCX574MTC_NL3
Package Number
M20B M20B M20D
Package Description
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Pb-Free 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MLP020B Pb-Free 20-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC MO-241, 2.5 x 4.5mm MSA20 MTC20 MTC20 20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Pb-Free 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code. Pb-Free package per JEDEC J-STD-020B. Notes: 1. To Ensure the high impedance state during power up or down, OE should be tied to VCC through a pull-up resistor: the minimum value of the resistor is determined by the current-sourcing capability of the driver. 2. DQFN package available in Tape and Reel only 3. "_NL" indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
(c)2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
74LCX574 Rev. 2.0.0
74LCX574 Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Logic Symbol
D0 D1 D2 D3 D4 D5 D6 D7 CP OE O0 O1 O2 O3 O4 O5 O6 O7
Pin Descriptions
Pin Names
D0-D7 CP OE O0-O7
Description
Data Inputs Clock Pulse Input 3-STATE Output Enable Input 3-STATE Outputs
Connection Diagrams
Pin Assignments for SOIC, SOP, SSOP, TSSOP OE D0 D1 D2 D3 D4 D5 D6 D7 GND
1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11
Truth Table
Inputs OE CP D
H H H H L L L L H H H H L H L H L H L H
Internal Outputs Q
NC NC H L H L NC NC
On
Z Z Z Z L H NC NC
Function
Hold Hold Load Load Data Available Data Available No Change in Data No Change in Data
VCC O0 O1 O2 O3 O4 O5 O6 O7 CP
Pad Assignments for DQFN OE VCC
1 20 19 O0 18 O1 17 O2 16 O3 15 O4 14 O5 13 O6 12 O7 10 11
D0 2 D1 3 D2 4 D3 5 D4 6 D5 7 D6 8 D7 9 GND CP
H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial Z = High Impedance = LOW-to-HIGH Transition NC = No Change
Functional Description
The LCX574 consists of eight edge-triggered flip-flops with individual D-type inputs and 3-STATE true outputs. The buffered clock and buffered Output Enable are common to all flip-flops. The eight flip-flops will store the state of their individual D inputs that meet the setup and hold time requirements on the LOW-to-HIGH Clock (CP) transition. With the Output Enable (OE) LOW, the contents of the eight flip-flops are available at the outputs. When OE is HIGH, the outputs go to the high impedance state. Operation of the OE input does not affect the loading of the flip-flops.
(Top View)
Logic Diagram
D0 CP C Q D C Q D C Q D C Q D C Q D C Q D C Q D C Q D D1 D2 D3 D4 D5 D6 D7
OE O0 O1 O2 O3 O4 O5 O6 O7
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays. 2 74LCX574 Rev. 2.0.0
www.fairchildsemi.com
74LCX574 Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Absolute Maximum Ratings
The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation.
Symbol
VCC VI VO IIK IOK IO ICC IGND TSTG
Parameter
Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Source/Sink Current DC Supply Current per Supply Pin DC Ground Current per Ground Pin Storage Temperature
Conditions
Value
-0.5 to +7.0 -0.5 to +7.0
Units
V V V mA mA mA mA mA C
Output in 3-STATE Output in HIGH or LOW VI < GND VO < GND VO > VCC State4
-0.5 to +7.0 -0.5 to VCC + 0.5 -50 -50 +50 50 100 100 -65 to +150
Recommended Operating Conditions5
Symbol
VCC VI VO IOH / IOL
Parameter
Supply Voltage Input Voltage Output Voltage Output Current Operating
Conditions
Data Retention HIGH or LOW State 3-STATE VCC = 3.0V - 3.6V VCC = 2.7V - 3.0V VCC = 2.3V - 2.7V
Min.
2.0 1.5 0 0 0
Max.
3.6 3.6 5.5 VCC 5.5 24 12 8
Units
V V V mA
TA t / V
Free-Air Operating Temperature Input Edge Rate VIN = 0.8V - 2.0V, VCC = 3.0V
-40 0
85 10
C ns / V
Notes: 4. IO Absolute Maximum Rating must be observed. 5. Unused inputs must be held HIGH or LOW. They may not float.
3 74LCX574 Rev. 2.0.0
www.fairchildsemi.com
74LCX574 Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
DC Electrical Characteristics
TA = -40C to +85C Symbol
VIH VIL VOH
Parameter
HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Voltage
Conditions
VCC (V)
2.3 - 2.7 2.7 - 3.6 2.3 - 2.7 2.7 - 3.6
Min.
1.7 2.0
Max.
Units
V
0.7 0.8 VCC - 0.2 1.8 2.2 2.4 2.2 0.2 0.6 0.4 0.4 0.55 5.0 5.0 10 10 10 500
V V
IOH = -100A IOH = -8mA IOH = -12mA IOH = -18mA IOH = -24mA
2.3 - 3.6 2.3 2.7 3.0 3.0 2.3 - 3.6 2.3 2.7 3.0 3.0 2.3 - 3.6 2.3 - 3.6 0 2.3 - 3.6 2.3 - 3.6 2.3 - 3.6
VOL
LOW Level Output Voltage
IOL = 100A IOL = 8mA IOL = 12mA IOL = 16mA IOL = 24mA
V
II IOZ IOFF ICC ICC
Input Leakage Current 3-STATE Output Leakage Power-Off Leakage Current Quiescent Supply Current Increase in ICC per Input
0 VI 5.5V 0 VO 5.5V, VI = VIH or VIL VI or VO = 5.5V VI = VCC or GND 3.6V VI, VO 5.5V6 VIH = VCC -0.6V
A A A A A
AC Electrical Characteristics
TA = -40C to +85C, RL = 500 VCC = 3.3V 0.3V CL = 50 pF Symbol
fMAX tPHL, tPLH tPZL, tPZH tPLZ, tPHZ tS tH tW tOSHL, tOSLH
VCC = 2.7V CL = 50 pF Min.
1.5 1.5 1.5 2.5 1.5 3.3
VCC = 2.5 0.2V CL = 30 pF Min.
1.5 1.5 1.5 4.0 2.0 4.0
Parameter
Maximum Clock Frequency Propagation Delay, CP to On Output Enable Time Output Disable Time Setup Time Hold Time Pulse Width Output to Output Skew7
Min.
150 1.5 1.5 1.5 2.5 1.5 3.3
Max.
8.5 8.5 6.5
Max.
9.5 9.5 7.0
Max.
10.5 10.5 7.8
Units
MHz ns ns ns ns ns ns ns
1.0
Notes: 6. Outputs disabled or 3-STATE only. 7. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (t OSHL) or LOW-toHIGH (tOSLH).
4 74LCX574 Rev. 2.0.0
www.fairchildsemi.com
74LCX574 Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Dynamic Switching Characteristics
TA = 25C Symbol
VOLP VOLV
Parameter
Quiet Output Dynamic Peak VOL
Conditions
CL = 50pF, VIH = 3.3V, VIL = 0V CL = 30pF, VIH = 2.5V, VIL = 0V
VCC (V)
3.3 2.5 3.3 2.5
Typical
0.8 0.6 -0.8 -0.6
Units
V V
Quiet Output Dynamic Valley VOL CL = 50pF, VIH = 3.3V, VIL = 0V CL = 30pF, VIH = 2.5V, VIL = 0V
Capacitance
Symbol
CIN COUT CPD
Parameter
Input Capacitance Output Capacitance Power Dissipation Capacitance
Conditions
VCC = Open, VI = 0V or VCC VCC = 3.3V, VI = 0V or VCC VCC = 3.3V, VI = 0V or VCC, f = 10 MHz
Typical
7 8 25
Units
pF pF pF
5 74LCX574 Rev. 2.0.0
www.fairchildsemi.com
74LCX574 Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
AC Loading and Waveforms (Generic for LCX Family)
VCC TEST SIGNAL 500
DUT
OPEN GND VI
tPLH, tPHL tPZH, tPHZ tPZL, tPLZ
CL
500
Figure 1. AC Test Circuit (CL includes probe and jig capacitance) Test
tPLH, tPHL tPZL, tPLZ tPZH, tPHZ
Switch
Open 6V at VCC = 3.3 0.3V VCC x 2 at VCC = 2.5 0.2V GND
DATA IN tpxx DATA OUT
Vmi tpxx Vmo
VCC GND
OUTPUT CONTROL tPZH DATA OUT Vmo tPHZ
Vmi
VCC GND VOH VY
Waveform for Inverting and Non-Inverting Functions
tW CONTROL IN Vmi trec CLOCK tPHL OUTPUT Vmo Vmi tPLH Vmo VCC GND
3-STATE Output High Enable and Disable Times for Logic
DATA IN tS CONTROL INPUT tS MR OR CLEAR trec Vmi tH Vmi Vmi VCC GND VCC GND
Propagation Delay, Pulse Width and trec Waveforms
OUTPUT CONTROL tPZL DATA OUT Vmo tPLZ Vmi VCC GND VX VOL ANY OUTPUT
Setup Time, Hold Time and Recovery Time for Logic
tr tf VOH VOL
90% 10%
90% 10%
3-STATE Output Low Enable and Disable Times for Logic
trise and tfall
Figure 2. Waveforms (Input Characteristics; f =1MHz, tr = tf = 3ns) VCC Symbol
Vmi Vmo Vx Vy
3.3V 0.3V
1.5V 1.5V VOL + 0.3V VOH - 0.3V
2.7V
1.5V 1.5V VOL + 0.3V VOH - 0.3V
2.5V 0.2V
VCC / 2 VCC / 2 VOL + 0.15V VOH - 0.15V
6 74LCX574 Rev. 2.0.0
www.fairchildsemi.com
74LCX574 Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Schematic Diagram (Generic for LCX Family)
Input Stage
P2 P1 VCC
Data ESD D2 N+/P- N1 N2 GTOTM Input Stage P4 D6 N+/P- P5 X1 VDD
Output
P3 N5 Enable ESD D4 N+/P- N3
N4
7 74LCX574 Rev. 2.0.0
www.fairchildsemi.com
74LCX574 Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Tape and Reel Specification
Tape Format for DQFN Package Designator
BQX
Tape Section
Leader (Start End) Carrier Trailer (Hub End)
Number Cavities
125 (typ) 3000 75 (typ)
Cavity Status
Empty Filled Empty
Cover Tape Status
Sealed Sealed Sealed
Tape Dimensions inches (millimeters)
Reel Dimensions inches (millimeters)
Tape Size
12 mm
A
13.0 (330.0)
B
0.059 (1.50)
C
0.512 (13.00)
D
0.795 (20.20)
N
2.165 (55.00)
W1
0.488 (12.4)
W2
0.724 (18.4)
8 74LCX574 Rev. 2.0.0
www.fairchildsemi.com
74LCX574 Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Physical Dimensions inches (millimeters) unless otherwise noted
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Package Number M20B
9 74LCX574 Rev. 2.0.0
www.fairchildsemi.com
74LCX574 Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Physical Dimensions (Continued) inches (millimeters) unless otherwise noted
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M20D
10 74LCX574 Rev. 2.0.0
www.fairchildsemi.com
74LCX574 Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Physical Dimensions (Continued) inches (millimeters) unless otherwise noted
Pb-Free 20-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC MO-241, 2.5 x 4.5mm Package Number MLP020B
11 74LCX574 Rev. 2.0.0
www.fairchildsemi.com
74LCX574 Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide Package Number MSA20
12 74LCX574 Rev. 2.0.0
www.fairchildsemi.com
74LCX574 Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC20
13 74LCX574 Rev. 2.0.0
www.fairchildsemi.com
74LCX574 Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FAST(R) ActiveArrayTM FASTrTM BottomlessTM FPSTM Build it NowTM FRFETTM CoolFETTM GlobalOptoisolatorTM CROSSVOLTTM GTOTM DOMETM HiSeCTM EcoSPARKTM I2CTM E2CMOSTM i-LoTM EnSignaTM ImpliedDisconnectTM FACTTM IntelliMAXTM FACT Quiet SeriesTM Across the board. Around the world.TM The Power Franchise(R) Programmable Active DroopTM
DISCLAIMER
ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM POPTM Power247TM PowerEdgeTM
PowerSaverTM PowerTrench(R) QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM ScalarPumpTM SILENT SWITCHER(R) SMART STARTTM SPMTM StealthTM SuperFETTM SuperSOTTM-3
SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TCMTM TinyLogic(R) TINYOPTOTM TruTranslationTM UHCTM UltraFET(R) UniFETTM VCXTM WireTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILDiS PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. I18
14 74LCX574 Rev. 2.0.0
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74LCX574MTC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X