Part Number Hot Search : 
AT945 KAB3405T CHDTA 28F01 C1050 TEN15WI MC3328 57V64
Product Description
Full Text Search
 

To Download 2SC5121 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SC5121
Silicon NPN triple diffusion planar type
For general amplification
+0.5 8.0 -0.1
Unit: mm
3.20.2
q q q q
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
(TC=25C)
Ratings 400 400 7 100 70 1.2 150 -55 to +150 Unit V V V mA mA W C C
1 2 3 0.50.1 0.750.1 4.60.2 2.30.2 0.50.1 1.760.1
16.01.0
1.90.1
High collector to base voltage VCBO High collector to emitter VCEO Small collector output capacitance Cob TO-126 package, which is fitted to a heat sink without any insulation parts
11.00.5
3.160.1
3.050.1
s Features
3.80.3
1:Emitter 2:Collector 3:Base JEDEC:TO-126(b)
s Electrical Characteristics
Parameter Collector cutoff current Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Collector output capacitance
(TC=25C)
Symbol ICBO Hot ICEO VCEO VEBO hFE VCE(sat) fT Cob Conditions VCB = 300V, IE = 0 VCE = 380V, IB = 0, Ta = 80C IC = 100A, IB = 0 IE = 1A, IC = 0 VCE = 10V, IC = 5mA IC = 50mA, IB = 5mA VCB = 10V, IE = -10mA, f = 200MHz VCB = 10V, IE = 0, f = 1MHz 50 80 4 8 400 7 30 150 1.2 V MHz pF min typ max 10 10 Unit A A V V
1
Power Transistors
PC -- Ta
2.4 Without heat sink 120 TC=25C 100 100
2SC5121
IC -- VCE
120 VCE=10V
IC -- VBE
Collector power dissipation PC (W)
2.0
Collector current IC (mA)
1.6
80
Collector current IC (mA)
IB=1.2mA 1.0mA 0.8mA
80
1.2
60 0.6mA 40 0.4mA
60
0.8
40
0.4
20
0.2mA
20
0 0 40 80 120 160
0 0 2 4 6 8 10 12
0 0 0.2 0.4 0.6 0.8 1.0 1.2
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
10 IC/IB=10 3 1 0.3 0.1 0.03 0.01 0.003 0.001 0.1 10000 3000
hFE -- IC
12
Cob -- VCB
Collector output capacitance Cob (pF)
VCE=10V IE=0 f=1MHz TC=25C
Forward current transfer ratio hFE
10
1000 300 100 30 10 3 1 0.1
8
6
4
2
0 0.3 1 3 10 30 100 1 3 10 30 100 300 1000
0.3
1
3
10
30
100
Collector current IC (mA)
Collector current IC (mA)
Collector to base voltage VCB (V)
2


▲Up To Search▲   

 
Price & Availability of 2SC5121

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X