Part Number Hot Search : 
MCF5233 SMP5115 MN5DT 80500 H5PS5 4470K 74AC11 BUX53
Product Description
Full Text Search
 

To Download 2SC4738FT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC4738FT
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
2SC4738FT
Audio Frequency General Purpose Amplifier Applications
Unit: mm High Voltage: VCEO = 50 V High Current: IC = 150 mA (max) High hFE: hFE = 120 to 400 Excellent hFE Linearity : hFE (IC = 0.1 mA)/hFE (IC = 2 mA) = 0.95 (typ.) * Complementary to 2SA1832FT
* * * *
Maximum Ratings (Ta = 25C)
Characteristics Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature range Symbol VCBO VCEO VEBO IC IB PC Tj Tstg Rating 60 50 5 150 30 100 125 -55 to 125 Unit V V V mA mA mW C C
JEDEC JEITA TOSHIBA
2-1B1A
Marking
Type Name hFE Rank
LY
Electrical Characteristics (Ta = 25C)
Characteristics Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Transition frequency Collector output capacitance Symbol ICBO IEBO hFE (Note) VCE (sat) fT Cob Test Condition VCB = 60 V, IE = 0 VEB = 5 V, IC = 0 VCE = 6 V, IC = 2 mA IC = 100 mA, IB = 10 mA VCE = 10 V, IC = 1 mA VCB = 10 V, IE = 0, f = 1 MHz Min 3/4 3/4 120 80 3/4 Typ. 3/4 3/4 3/4 0.1 3/4 2.0 Max 0.1 0.1 400 0.25 3/4 3.5 V MHz pF Unit mA mA
Note: hFE Classification ( ) Marking symbol
Y (Y): 120 to 240, GR (G): 200 to 400
1
2002-01-16
2SC4738FT
IC - VCE
240 6.0 200 5.0 3.0 Common emitter Ta = 25C 2.0 160 2000 1000 500 300 1.0 120
IB - VBE
Common emitter VCE = 6 V
IC
(mA)
Collector current
(mA) Base current IB
100 50 30 Ta = 100C 10 5 3 25 -25
80
0.5
40
IB = 0.2 mA 0 1 2 3 4 5 6 7
0 0
Collector-emitter voltage
VCE
(V)
1 0.5
500
hFE - IC
Ta = 100C
0.3 0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
hFE
300
Base-emitter voltage VBE
(V)
DC current gain
100 25 50 30 Common emitter VCE = 6 V VCE = 1 V 0.3 1 3 10 30 100 300 -25 3000
fT - IC
(MHz)
Common emitter 1000 500 300 VCE = 10 V Ta = 25C
Transition frequency
Collector current
IC
(mA)
fT
10 0.1
100 50 30
Collector-emitter saturation voltage VCE (sat) (V)
VCE (sat) - IC
0.5 0.3 Common emitter IC/IB = 10
10 0.1
0.3
1
3
10
30
100
300
0.1 0.05 0.03 Ta = 100C 25 -25 0.01 0.1 0.3 1 3 10 30 100 300 120
Collector current
IC
(mA)
PC - Ta
(mW) PC Collector power dissipation
Collector current
IC
(mA)
100
Base-emitter saturation voltage VBE (sat) (V)
5 3 Common emitter IC/IB = 10 Ta = 25C 1 0.5 0.3
VBE (sat) - IC
80
60
40
20
0.1 0.1
0.3
1
3
10
30
100
300
0 0
20
40
60
80
100
120
140
Collector current
IC
(mA)
Ambient temperature Ta (C)
2
2002-01-16
2SC4738FT
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
3
2002-01-16


▲Up To Search▲   

 
Price & Availability of 2SC4738FT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X